Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

QTLP660C Fiches technique(PDF) 3 Page - Fairchild Semiconductor

No de pièce QTLP660C
Description  SURFACE MOUNT LED LAMP SUPER BRIGHT 1.8 mm (Dome Lens)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

QTLP660C Fiches technique(HTML) 3 Page - Fairchild Semiconductor

  QTLP660C Datasheet HTML 1Page - Fairchild Semiconductor QTLP660C Datasheet HTML 2Page - Fairchild Semiconductor QTLP660C Datasheet HTML 3Page - Fairchild Semiconductor QTLP660C Datasheet HTML 4Page - Fairchild Semiconductor QTLP660C Datasheet HTML 5Page - Fairchild Semiconductor QTLP660C Datasheet HTML 6Page - Fairchild Semiconductor QTLP660C Datasheet HTML 7Page - Fairchild Semiconductor QTLP660C Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SURFACE MOUNT LED LAMP
SUPER BRIGHT 1.8 mm (Dome Lens)
QTLP660C-R Red
QTLP660C-E Orange
QTLP660C-O Yellow-Orange
QTLP660C-Y Yellow
QTLP660C-AG Yellow-Green
QTLP660C-IG True Green
QTLP660C-IB Blue
Part Number
Symbol
QTLP660C
Condition
-R
-E
-O
-Y
-AG
Luminous Intensity (mcd)
Minimum
IV
150
150
150
150
110
IF = 20mA
Typical
400
400
400
400
160
Forward Voltage (V)
Maximum
VF
2.4
2.4
2.4
2.4
2.4
IF = 20mA
Typical
2.0
2.0
2.0
2.0
2.0
Wavelength (nm)
P
Peak
630
620
610
590
575
IF = 20mA
Dominant
D
624
615
605
589
573
Spectral Line Half Width (nm)
20
18
18
15
20
IF = 20mA
Viewing Angle (°)
2 1/2
30
30
30
30
30
IF = 20mA
ELECTRICAL / OPTICAL CHARACTERISTICS (TA =25°C)
Part Number
Symbol
QTLP660C
Condition
-IB
-IG
Luminous Intensity (mcd)
Minimum
IV
110
500
IF = 20mA
Typical
150
900
Forward Voltage (V)
Maximum
VF
4.0
4.0
IF = 20mA
Typical
3.5
3.5
Wavelength (nm)
P
Peak
465
520
IF = 20mA
Dominant
D
470
525
Spectral Line Half Width (nm)
25
35
IF = 20mA
Viewing Angle (°)
2 1/2
30
30
IF = 20mA
ELECTRICAL / OPTICAL CHARACTERISTICS (TA =25°C)
DS300103
8/31/01
3 OF 8
www.fairchildsemi.com


Numéro de pièce similaire - QTLP660C

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
QTLP660C-2 FAIRCHILD-QTLP660C-2 Datasheet
372Kb / 7P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 1.8mm (Dome Lens)
QTLP660C-3 FAIRCHILD-QTLP660C-3 Datasheet
372Kb / 7P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 1.8mm (Dome Lens)
QTLP660C-4 FAIRCHILD-QTLP660C-4 Datasheet
372Kb / 7P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 1.8mm (Dome Lens)
QTLP660C-7 FAIRCHILD-QTLP660C-7 Datasheet
372Kb / 7P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 1.8mm (Dome Lens)
QTLP660C-B FAIRCHILD-QTLP660C-B Datasheet
372Kb / 7P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 1.8mm (Dome Lens)
More results

Description similaire - QTLP660C

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
QTLP660C-B FAIRCHILD-QTLP660C-B Datasheet
372Kb / 7P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 1.8mm (Dome Lens)
QTLP651C-R FAIRCHILD-QTLP651C-R Datasheet
188Kb / 8P
   SURFACE MOUNT LED LAMP SUPER BRIGHT 1206 (Inner Lens)
QTLP600C-R FAIRCHILD-QTLP600C-R Datasheet
146Kb / 8P
   SURFACE MOUNT LED LAMP SUPER BRIGHT 0603 (0.8 mm Height)
QTLP630C-R FAIRCHILD-QTLP630C-R Datasheet
150Kb / 8P
   SURFACE MOUNT LED LAMP SUPER BRIGHT 0805
QTLP600C-RY FAIRCHILD-QTLP600C-RY Datasheet
169Kb / 6P
   SURFACE MOUNT LED LAMP SUPER BRIGHT 0606
QTLP650C-RY FAIRCHILD-QTLP650C-RY Datasheet
161Kb / 6P
   SURFACE MOUNT LED LAMP SUPER BRIGHT 1210
QTLP690C FAIRCHILD-QTLP690C Datasheet
131Kb / 6P
   SURFACE MOUNT LED LAMP SUPER BRIGHT 0402
QTLP650C-Y FAIRCHILD-QTLP650C-Y Datasheet
160Kb / 8P
   SURFACE MOUNT LED LAMP SUPER BRIGHT 1206
QTLP651C FAIRCHILD-QTLP651C Datasheet
402Kb / 7P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 1206 Inner Lens
QTLP610C-R FAIRCHILD-QTLP610C-R Datasheet
149Kb / 8P
   SURFACE MOUNT LED LAMP SUPER BRIGHT RIGHT ANGLE
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com