Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

QTLP601C Fiches technique(PDF) 3 Page - Fairchild Semiconductor

No de pièce QTLP601C
Description  SURFACE MOUNT LED LAMP STANDARD BRIGHT 0603 (0.6 mm Height)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

QTLP601C Fiches technique(HTML) 3 Page - Fairchild Semiconductor

  QTLP601C Datasheet HTML 1Page - Fairchild Semiconductor QTLP601C Datasheet HTML 2Page - Fairchild Semiconductor QTLP601C Datasheet HTML 3Page - Fairchild Semiconductor QTLP601C Datasheet HTML 4Page - Fairchild Semiconductor QTLP601C Datasheet HTML 5Page - Fairchild Semiconductor QTLP601C Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2/12/03
Page 3 of 6
© 2003 Fairchild Semiconductor Corporation
QTLP601C-2 HER
QTLP601C-3 Yellow
QTLP601C-4 Green
QTLP601C-7 AlGaAs Red
QTLP601C-B Blue
SURFACE MOUNT LED LAMP
STANDARD BRIGHT 0603 (0.6 mm Height)
TYPICAL PERFORMANCE CURVES
Fig. 3 Relative Intensity vs. Peak Wavelength
1.0
0.5
0
300
350
400
450
500
550
600
650
700
750
90
VF - FORWARD VOLTAGE (V)
WAVELENGTH (nm)
Fig. 1 Forward Current vs. Forward Voltage
40
50
60
70
80
30
20
10
0
1.0
2.0
2.5
3.0
4.0
5.0
IF - DC FORWARD CURRENT (mA)
Fig. 2 Relative Luminous Intensity vs.
DC Forward Current
2.0
1.5
1.0
0.5
0.0
0
5
10
15
20
25
30
YELLOW
GREEN
HER
BLUE
AlGaAs
RED
HER
YELLOW
GREEN
TA - AMBIENT TEMPERATURE (˚C)
Fig.5 Maximum Forward Current
vs. Ambient Temperature
50
40
30
20
10
0
020
40
60
80
100
AlGaAs
RED
BLUE
GREEN
BLUE
HER
AlGaAs RED
YELLOW
REL. LUMINOUS INTENSITY (%)
-80
˚
80
˚
-70
˚
70
˚
-60
˚
60
˚
-50
˚
50
˚
-40
˚
40
˚
-30
˚
30
˚
-20
˚
20
˚
-10
˚
10
˚
0
˚
1.0
0.8
0.6
0.4
0.2
0
0.2
0.4
0.6
0.8
1.0
Fig.4 Radiation Diagram
-90
˚
90
˚


Numéro de pièce similaire - QTLP601C

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
QTLP601C-2 FAIRCHILD-QTLP601C-2 Datasheet
368Kb / 6P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 0603 (0.6 mm Height)
QTLP601C-3 FAIRCHILD-QTLP601C-3 Datasheet
368Kb / 6P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 0603 (0.6 mm Height)
QTLP601C-4 FAIRCHILD-QTLP601C-4 Datasheet
368Kb / 6P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 0603 (0.6 mm Height)
QTLP601C-7 FAIRCHILD-QTLP601C-7 Datasheet
368Kb / 6P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 0603 (0.6 mm Height)
QTLP601C-AG FAIRCHILD-QTLP601C-AG Datasheet
137Kb / 8P
   SURFACE MOUNT LED LAMP
More results

Description similaire - QTLP601C

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
QTLP601CRTR FAIRCHILD-QTLP601CRTR Datasheet
368Kb / 6P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 0603 (0.6 mm Height)
QTLP600C7TR FAIRCHILD-QTLP600C7TR Datasheet
85Kb / 6P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 0603 (0.8 mm Height)
QTLP600CBTR FAIRCHILD-QTLP600CBTR Datasheet
84Kb / 6P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 0603 (0.8 mm Height)
QTLP600C-R FAIRCHILD-QTLP600C-R Datasheet
146Kb / 8P
   SURFACE MOUNT LED LAMP SUPER BRIGHT 0603 (0.8 mm Height)
QTLP603C-EB FAIRCHILD-QTLP603C-EB Datasheet
470Kb / 6P
   SURFACE MOUNT LED LAMP 0603 (0.35 mm Height)
QTLP650D2TR FAIRCHILD-QTLP650D2TR Datasheet
407Kb / 7P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 1206
QTLP630C FAIRCHILD-QTLP630C Datasheet
111Kb / 7P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 0805
QTLP650C-23 FAIRCHILD-QTLP650C-23 Datasheet
83Kb / 6P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 1210
QTLP650C-2 FAIRCHILD-QTLP650C-2 Datasheet
403Kb / 7P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 1206
QTLP600C-23 FAIRCHILD-QTLP600C-23 Datasheet
184Kb / 6P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 0606
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com