Moteur de recherche de fiches techniques de composants électroniques |
|
SN74ABT841APWRG4 Fiches technique(PDF) 5 Page - Texas Instruments |
|
SN74ABT841APWRG4 Fiches technique(HTML) 5 Page - Texas Instruments |
5 / 21 page SN54ABT841, SN74ABT841A 10-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS SCBS196D – FEBRUARY 1991 – REVISED MAY 1997 5 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 switching characteristics over recommended ranges of supply voltage and operating free-air temperature, CL = 50 pF (unless otherwise noted) (see Figure 1) SN54ABT841 PARAMETER FROM (INPUT) TO (OUTPUT) VCC = 5 V, TA = 25°C MIN MAX UNIT MIN TYP MAX tPLH D Q 1† 4.1 5.5 1† 6.8 ns tPHL D Q 1.5† 4 5.5 1.5† 6.8 ns tPLH LE Q 1.6† 4.1 6.6† 1.6† 7.4 ns tPHL LE Q 2† 4.6 6.2 2† 6.8 ns tPZH OE Q 1 3 4.9† 1 5.8 ns tPZL OE Q 2.2 4.1 5.7† 2.2 6.5 ns tPHZ OE Q 2† 4.7 6.2 2† 7.2 ns tPLZ OE Q 1.5† 4.6 6.1 1.5† 6.6 ns † This data sheet limit may vary among suppliers. switching characteristics over recommended ranges of supply voltage and operating free-air temperature, CL = 50 pF (unless otherwise noted) (see Figure 1) SN74ABT841A PARAMETER FROM (INPUT) TO (OUTPUT) VCC = 5 V, TA = 25°C MIN MAX UNIT MIN TYP MAX tPLH D Q 1.4† 4.1 5.5 1.4† 6.2† ns tPHL D Q 1.5† 4 5.5 1.5† 6.2 ns tPLH LE Q 2.1† 4.1 5.9† 2.1† 6.5† ns tPHL LE Q 2.4† 4.6 6.2 2.4† 6.7 ns tPZH OE Q 1 3 4.7† 1 5.3† ns tPZL OE Q 2.2 4.1 5.7† 2.2 6.3† ns tPHZ OE Q 2.6† 4.7 6.2 2.6† 7.1 ns tPLZ OE Q 1.9† 4.6 6.1 1.9† 6.5 ns † This data sheet limit may vary among suppliers. |
Numéro de pièce similaire - SN74ABT841APWRG4 |
|
Description similaire - SN74ABT841APWRG4 |