Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FQPF9N50CT Fiches technique(PDF) 5 Page - Fairchild Semiconductor

No de pièce FQPF9N50CT
Description  500V N-Channel MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQPF9N50CT Fiches technique(HTML) 5 Page - Fairchild Semiconductor

  FQPF9N50CT Datasheet HTML 1Page - Fairchild Semiconductor FQPF9N50CT Datasheet HTML 2Page - Fairchild Semiconductor FQPF9N50CT Datasheet HTML 3Page - Fairchild Semiconductor FQPF9N50CT Datasheet HTML 4Page - Fairchild Semiconductor FQPF9N50CT Datasheet HTML 5Page - Fairchild Semiconductor FQPF9N50CT Datasheet HTML 6Page - Fairchild Semiconductor FQPF9N50CT Datasheet HTML 7Page - Fairchild Semiconductor FQPF9N50CT Datasheet HTML 8Page - Fairchild Semiconductor FQPF9N50CT Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Rev. A, June 2003
©2003 Fairchild Semiconductor Corporation
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
-2
10
-1
10
0
※ No te s :
1 . Z
θ
JC
(t ) = 2 . 8 6 ℃ /W M a x .
2 . D u ty F a c t o r , D = t
1 /t 2
3 . T
JM
- T
C
= P
DM
* Z
θ
JC
(t )
s ingle p u ls e
D= 0 . 5
0. 02
0. 2
0. 05
0. 1
0. 01
t
1 , S q uar e
W a v e P u ls e D u r a t ion [ s ec ]
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
-2
10
-1
10
0
※ No te s :
1 . Z
θ
JC
( t ) = 0. 93 ℃ /W M a x .
2 . D u ty F a c t o r , D = t
1 /t 2
3 . T
JM
- T
C
= P
DM * Z θ
JC
(t )
s in g le p u ls e
D= 0 . 5
0. 02
0. 2
0. 05
0. 1
0. 01
t
1
, S q uar e W a v e P u ls e D u r a t ion [ s ec ]
Typical Characteristics (Continued)
Figure 11-1. Transient Thermal Response Curve for FQP9N50C
Figure 11-2. Transient Thermal Response Curve for FQPF9N50C
t1
PDM
t2
t1
PDM
t2


Numéro de pièce similaire - FQPF9N50CT

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FQPF9N50C FAIRCHILD-FQPF9N50C Datasheet
845Kb / 10P
   500V N-Channel MOSFET
FQPF9N50C FAIRCHILD-FQPF9N50C Datasheet
620Kb / 17P
   PFCPWM Combination Controller
logo
Inchange Semiconductor ...
FQPF9N50C ISC-FQPF9N50C Datasheet
278Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-11
logo
Fairchild Semiconductor
FQPF9N50CF FAIRCHILD-FQPF9N50CF Datasheet
767Kb / 8P
   500V N-Channel MOSFET
logo
Inchange Semiconductor ...
FQPF9N50CF ISC-FQPF9N50CF Datasheet
278Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-11
More results

Description similaire - FQPF9N50CT

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FQA13N50CF FAIRCHILD-FQA13N50CF_07 Datasheet
767Kb / 9P
   500V N-Channel MOSFET
FQD3N50C FAIRCHILD-FQD3N50C_08 Datasheet
900Kb / 9P
   500V N-Channel MOSFET
FQPF5N50CF FAIRCHILD-FQPF5N50CF Datasheet
657Kb / 8P
   500V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP5N50S SEMIHOW-HFP5N50S Datasheet
785Kb / 8P
   500V N-Channel MOSFET
HFP13N50S SEMIHOW-HFP13N50S Datasheet
946Kb / 8P
   500V N-Channel MOSFET
HFS13N50S SEMIHOW-HFS13N50S Datasheet
859Kb / 7P
   500V N-Channel MOSFET
logo
Tiger Electronic Co.,Lt...
FQD5N50 TGS-FQD5N50 Datasheet
554Kb / 2P
   500V N-Channel MOSFET
logo
Fairchild Semiconductor
FQD1N50TF FAIRCHILD-FQD1N50TF Datasheet
833Kb / 9P
   500V N-Channel MOSFET
FQPF9N50YDTU FAIRCHILD-FQPF9N50YDTU Datasheet
723Kb / 8P
   500V N-Channel MOSFET
FQA24N50F FAIRCHILD-FQA24N50F Datasheet
620Kb / 8P
   500V N-Channel MOSFET
FQD1N50 FAIRCHILD-FQD1N50 Datasheet
740Kb / 9P
   500V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com