Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM2727 Fiches technique(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM2727
Description  LM2727/LM2737 N-Channel FET Synchronous Buck Regulator Controller for Low Output
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

LM2727 Fiches technique(HTML) 6 Page - Texas Instruments

Back Button LM2727 Datasheet HTML 2Page - Texas Instruments LM2727 Datasheet HTML 3Page - Texas Instruments LM2727 Datasheet HTML 4Page - Texas Instruments LM2727 Datasheet HTML 5Page - Texas Instruments LM2727 Datasheet HTML 6Page - Texas Instruments LM2727 Datasheet HTML 7Page - Texas Instruments LM2727 Datasheet HTML 8Page - Texas Instruments LM2727 Datasheet HTML 9Page - Texas Instruments LM2727 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
0
5
10
15
20
25
30
35
40
100 300 500 700 9001100 13001500 17001900
PWM FREQUENCY (kHz)
10
15
20
25
30
9001000110012001300140015001600170018001900
PWM FREQUENCY (kHz)
PWM FREQUENCY (kHz)
0
100
200
300
400
500
100 150 200 250 300 350 400450 500 600 700 800
LM2727, LM2737
SNVS205D – AUGUST 2002 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics (continued)
RFADJ
RFADJ
vs
vs
PWM Frequency
PWM Frequency
(in 100 to 800kHz range), TA = 25°C
(in 900 to 2000kHz range), TA = 25°C
Figure 8.
Figure 9.
Switch Waveforms (HG Falling)
VIN = 5V, VO = 1.8V
VCC Operating Current Plus Boot Current vs
IO = 3A, CSS = 10nF
PWM Frequency (Si4826DY FET, TA = 25°C)
FSW = 600kHz
Figure 10.
Figure 11.
Switch Waveforms (HG Rising)
Start-Up (No-Load)
VIN = 5V, VO = 1.8V
VIN = 10V, VO = 1.2V
IO = 3A, FSW = 600kHz
CSS = 10nF, FSW = 300kHz
Figure 12.
Figure 13.
6
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: LM2727 LM2737


Numéro de pièce similaire - LM2727

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM2727 NSC-LM2727 Datasheet
602Kb / 22P
   N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
logo
Texas Instruments
LM2727 TI-LM2727 Datasheet
1Mb / 31P
[Old version datasheet]   input Power from 2.2V to 16V, Output voltage Adjustable Down to 0.6V
LM2727 TI1-LM2727 Datasheet
1Mb / 31P
[Old version datasheet]   LM2727/LM2737 N-Channel FET Synchronous Buck Regulator Controller
LM2727 TI1-LM2727 Datasheet
1Mb / 32P
[Old version datasheet]   LM2727/LM2737 N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
LM2727MTC TI1-LM2727MTC Datasheet
1Mb / 32P
[Old version datasheet]   LM2727/LM2737 N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
More results

Description similaire - LM2727

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM2737MTC TI1-LM2737MTC Datasheet
1Mb / 31P
[Old version datasheet]   LM2727/LM2737 N-Channel FET Synchronous Buck Regulator Controller
LM2727 TI-LM2727_15 Datasheet
1Mb / 32P
[Old version datasheet]   LM2727/LM2737 N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
LM2727 TI1-LM2727_16 Datasheet
1Mb / 32P
[Old version datasheet]   LM2727/LM2737 N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
LM2742 TI-LM2742_15 Datasheet
1Mb / 33P
[Old version datasheet]   N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
logo
National Semiconductor ...
LM2742 NSC-LM2742 Datasheet
619Kb / 22P
   N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
LM2727 NSC-LM2727 Datasheet
602Kb / 22P
   N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
LM3743 NSC-LM3743 Datasheet
1Mb / 23P
   N-Channel FET Synchronous Buck Controller for Low Output Voltages
logo
Winbond
W83320S WINBOND-W83320S Datasheet
506Kb / 18P
   N-Channel FET Synchronous Buck Regulator Controller
logo
Nuvoton Technology Corp...
W83321S NUVOTON-W83321S Datasheet
571Kb / 18P
   N-Channel FET Synchronous Buck Regulator Controller
logo
Winbond
W83321S WINBOND-W83321S Datasheet
795Kb / 18P
   N-Channel FET Synchronous Buck Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com