Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM285BYZ Fiches technique(PDF) 3 Page - Texas Instruments

No de pièce LM285BYZ
Description  LM185/LM285/LM385 Adjustable Micropower Voltage References
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

LM285BYZ Fiches technique(HTML) 3 Page - Texas Instruments

  LM285BYZ Datasheet HTML 1Page - Texas Instruments LM285BYZ Datasheet HTML 2Page - Texas Instruments LM285BYZ Datasheet HTML 3Page - Texas Instruments LM285BYZ Datasheet HTML 4Page - Texas Instruments LM285BYZ Datasheet HTML 5Page - Texas Instruments LM285BYZ Datasheet HTML 6Page - Texas Instruments LM285BYZ Datasheet HTML 7Page - Texas Instruments LM285BYZ Datasheet HTML 8Page - Texas Instruments LM285BYZ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
LM185-ADJ, LM285-ADJ, LM385-ADJ
www.ti.com
SNVS741F – FEBRUARY 2000 – REVISED APRIL 2013
Absolute Maximum Ratings
(1) (2) (3)
Reverse Current
30mA
Forward Current
10mA
Operating Temperature Range (4)
LM185 Series
−55°C to 125°C
LM285 Series
−40°C to 85°C
LM385 Series
0°C to 70°C
ESD Susceptibility (5)
2kV
Storage Temperature
−55°C to 150°C
Soldering Information
TO-92 Package (10 sec.)
260°C
TO Package (10 sec.)
300°C
SOIC Package
Vapor Phase (60 sec.)
215°C
Infrared (15 sec.)
220°C
See An-450 “Surface Mounting Methods and Their Effect on Product Reliability” for other methods of soldering surface mount devices.
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional. For specifications and test conditions, see the Electrical Characteristics. The specifications
apply only for the test conditions listed.
(2)
Refer to RETS185H for military specifications.
(3)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/Distributors for availability and specifications.
(4)
For elevated temperature operation, see Table 1 and Thermal Characteristics.
(5)
The human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin.
Table 1. TJ(max) for Elevated Temperature Operation
DEVICE
TJ(max) (°C)
LM185
150
LM285
125
LM385
100
Thermal Characteristics
Over operating free-air temperature range (unless otherwise noted)
Thermal Resistance
TO-92
TO-46
SOIC
180°C/W (0.4
″ leads)
θJA (Junction to Ambient)
440°C/W
165°C/W
170°C/W (0.125
″ leads)
θJC (Junction to Case)
N/A
80°C/W
N/A
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM185-ADJ LM285-ADJ LM385-ADJ


Numéro de pièce similaire - LM285BYZ

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM285BYZ NSC-LM285BYZ Datasheet
747Kb / 14P
   Adjustable Micropower Voltage References
LM285BYZ NSC-LM285BYZ Datasheet
723Kb / 14P
   Adjustable Micropower Voltage References
logo
Texas Instruments
LM285BYZ TI-LM285BYZ Datasheet
1Mb / 23P
[Old version datasheet]   LM185/LM285/LM385 Adjustable Micropower Voltage References
logo
National Semiconductor ...
LM285BYZ-1.2 NSC-LM285BYZ-1.2 Datasheet
265Kb / 10P
   Micropower Voltage Reference Diode
LM285BYZ-1.2 NSC-LM285BYZ-1.2 Datasheet
698Kb / 11P
   Micropower Voltage Reference Diode
More results

Description similaire - LM285BYZ

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM185-ADJ TI1-LM185-ADJ Datasheet
708Kb / 16P
[Old version datasheet]   LM185/LM285/LM385 Adjustable Micropower Voltage References
LM385Z TI-LM385Z Datasheet
1Mb / 23P
[Old version datasheet]   LM185/LM285/LM385 Adjustable Micropower Voltage References
LM185-1.2-N TI1-LM185-1.2-N Datasheet
289Kb / 12P
[Old version datasheet]   LM185-1.2/LM285-1.2/LM385-1.2 Micropower Voltage Reference Diode
LM185-2.5-N TI1-LM185-2.5-N Datasheet
313Kb / 18P
[Old version datasheet]   LM185-2.5/LM285-2.5/LM385-2.5 Micropower Voltage Reference Diode
LM385BXM-1.2 TI-LM385BXM-1.2 Datasheet
1Mb / 23P
[Old version datasheet]   LM185-1.2-N/LM285-1.2-N/LM385-1.2-N Micropower Voltage Reference Diode
LM285MX-25 TI1-LM285MX-25 Datasheet
1Mb / 22P
[Old version datasheet]   LM185-2.5-N/LM285-2.5-N/LM385-2.5-N Micropower Voltage Reference Diode
LM385BZ TI1-LM385BZ Datasheet
1Mb / 22P
[Old version datasheet]   LM185-2.5-N/LM285-2.5-N/LM385-2.5-N Micropower Voltage Reference Diode
LM185-1.2-N TI1-LM185-1.2-N_13 Datasheet
1Mb / 23P
[Old version datasheet]   LM185-1.2-N/LM285-1.2-N/LM385-1.2-N Micropower Voltage Reference Diode
LM285BYMX-25 TI1-LM285BYMX-25 Datasheet
1Mb / 22P
[Old version datasheet]   LM185-2.5-N/LM285-2.5-N/LM385-2.5-N Micropower Voltage Reference Diode
LM285M-25 TI1-LM285M-25 Datasheet
1Mb / 22P
[Old version datasheet]   LM185-2.5-N/LM285-2.5-N/LM385-2.5-N Micropower Voltage Reference Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com