Moteur de recherche de fiches techniques de composants électroniques |
|
1N5224B Fiches technique(PDF) 2 Page - Fairchild Semiconductor |
|
1N5224B Fiches technique(HTML) 2 Page - Fairchild Semiconductor |
2 / 6 page © 2007 Fairchild Semiconductor Corporation www.fairchildsemi.com 1N5221B - 1N5263B Rev. 1.2.0 2 Electrical Characteristics Values are at TA = 25°C unless otherwise noted . Note: 2. Zener Voltage (VZ) The zener voltage is measured with the device junction in the thermal equilibrium at the lead temperature (TL) at 30 °C ± 1°C and 3/8” lead length. Device VZ (V) @ IZ (2) ZZ (Ω) @ IZ (mA) ZZK (Ω) @ IZK(mA) IR (μA) @ VR (V) TC (%/ °C) Min. Typ. Max. 1N5221B 1N5222B 1N5223B 1N5224B 1N5225B 2.28 2.375 2.565 2.66 2.85 2.4 2.5 2.7 2.8 3 2.52 2.625 2.835 2.94 3.15 30 30 30 30 29 20 20 20 20 20 1,200 1,250 1,300 1,400 1,600 0.25 0.25 0.25 0.25 0.25 100 100 75 75 50 1.0 1.0 1.0 1.0 1.0 -0.085 -0.085 -0.080 -0.080 -0.075 1N5226B 1N5227B 1N5228B 1N5229B 1N5230B 3.135 3.42 3.705 4.085 4.465 3.3 3.6 3.9 4.3 4.7 3.465 3.78 4.095 4.515 4.935 28 24 23 22 19 20 20 20 20 20 1,600 1,700 1,900 2,000 1,900 0.25 0.25 0.25 0.25 0.25 25 15 10 5.0 2.0 1.0 1.0 1.0 1.0 1.0 -0.07 -0.065 -0.06 +/-0.055 +/-0.03 1N5231B 1N5232B 1N5233B 1N5234B 1N5235B 4.845 5.32 5.7 5.89 6.46 5.1 5.6 6 6.2 6.8 5.355 5.88 6.3 6.51 7.14 17 11 7.0 7.0 5.0 20 20 20 20 20 1,600 1,600 1,600 1,000 750 0.25 0.25 0.25 0.25 0.25 5.0 5.0 5.0 5.0 3.0 2.0 3.0 3.5 4.0 5.0 +/-0.03 0.038 0.038 0.045 0.05 1N5236B 1N5237B 1N5238B 1N5239B 1N5240B 7.125 7.79 8.265 8.645 9.5 7.5 8.2 8.7 9.1 10 7.875 8.61 9.135 9.555 10.5 6.0 8.0 8.0 10 17 20 20 20 20 20 500 500 600 600 600 0.25 0.25 0.25 0.25 0.25 3.0 3.0 3.0 3.0 3.0 6.0 6.5 6.5 7.0 8.0 0.058 0.062 0.065 0.068 0.075 1N5241B 1N5242B 1N5243B 1N5244B 1N5245B 10.45 11.4 12.35 13.3 14.25 11 12 13 14 15 11.55 12.6 13.65 14.7 15.75 22 30 13 15 16 20 20 9.5 9.0 8.5 600 600 600 600 600 0.25 0.25 0.25 0.25 0.25 2.0 1.0 0.5 0.1 0.1 8.4 9.1 9.9 10 11 0.076 0.077 0.079 0.080 0.082 1N5246B 1N5247B 1N5248B 1N5249B 1N5250B 15.2 16.15 17.1 18.05 19 16 17 18 19 20 16.8 17.85 18.9 19.95 21 17 19 21 23 25 7.8 7.4 7.0 6.6 6.2 600 600 600 600 600 0.25 0.25 0.25 0.25 0.25 0.1 0.1 0.1 0.1 0.1 12 13 14 14 15 0.083 0.084 0.085 0.085 0.086 1N5251B 1N5252B 1N5253B 1N5254B 1N5255B 20.9 22.8 23.75 25.65 26.6 22 24 25 27 28 23.1 25.2 26.25 28.35 29.4 29 33 35 41 44 5.6 5.2 5.0 4.6 4.5 600 600 600 600 600 0.25 0.25 0.25 0.25 0.25 0.1 0.1 0.1 0.1 0.1 17 18 19 21 21 0.087 0.088 0.088 0.089 0.090 1N5256B 1N5257B 1N5258B 1N5259B 1N5260B 28.5 31.35 34.2 37.05 40.85 30 33 36 39 43 31.5 34.65 37.8 40.95 45.15 49 58 70 80 93 4.2 3.8 3.4 3.2 3.0 600 700 700 800 900 0.25 0.25 0.25 0.25 0.25 0.1 0.1 0.1 0.1 0.1 23 25 27 30 33 0.09 0.092 0.093 0.094 0.095 1N5261B 1N5262B 1N5263B 44.65 48.45 53.2 47 51 56 49.35 53.55 58.8 105 125 150 2.7 2.5 2.2 1000 1100 1300 0.25 0.25 0.25 0.1 0.1 0.1 36 39 43 0.095 0.096 0.096 VF Forward Voltage = 1.2V Max. @ IF = 200mA |
Numéro de pièce similaire - 1N5224B |
|
Description similaire - 1N5224B |