Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SLAU213A Fiches technique(PDF) 11 Page - Texas Instruments

No de pièce SLAU213A
Description  MSP430FG4618/F2013 Experimenter?셲 Board
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SLAU213A Fiches technique(HTML) 11 Page - Texas Instruments

Back Button SLAU213A Datasheet HTML 7Page - Texas Instruments SLAU213A Datasheet HTML 8Page - Texas Instruments SLAU213A Datasheet HTML 9Page - Texas Instruments SLAU213A Datasheet HTML 10Page - Texas Instruments SLAU213A Datasheet HTML 11Page - Texas Instruments SLAU213A Datasheet HTML 12Page - Texas Instruments SLAU213A Datasheet HTML 13Page - Texas Instruments SLAU213A Datasheet HTML 14Page - Texas Instruments SLAU213A Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
8
7. Frequently Asked Questions
1) What devices can be programmed with the experimenter’s board?
The experimenter’s board is designed to develop applications using the
MSP430FG4618 and MSP430F2013. These devices can be replaced by
MSP430FG461x and MSP430F20xx device derivatives, respectively.
2) How is power supplied to the experimenter’s board?
Three supply options exist: 2xAAA battery power, JTAG and external power
supplies are supported.
3) Can I use the Parallel FET (MSP-FET430PIF) to program/debug the
MSP430?
The MSP4304618 supports the USB and Parallel Port FETs. The
MSP430F2013 is supported by the USB FET (MSP-FET430UIF) only. The
Parallel Port FET does not support the Spy Bi-Wire program/debug mode
used.
4) I have erased and reprogrammed the MSP430; can I restore the factory
programmed-firmware on the device(s)?
The software source files are available at the MSP-EXP430FG4618
documentation page at www.ti.com/msp430.
5) The MSP430FG4618 is no longer accessible via JTAG, is something
wrong with the device?
-
Verify that the target device is powered properly
- If the target is powered locally, verify Vcc is applied to pin 4 of the JTAG
header
- If communication and power are correctly applied to the target and the issue
persists, it may be due to the MSP430FG4618 accidentally being
programmed with MSP430F2xx source code. In some conditions ‘F2xx
source code loaded onto the ‘FG4618 can configure the SVS module to
monitor SVSIN (P6.7) and reset the device in case of a low voltage condition
externally applied. Temporarily connecting P6.7 of the ‘FG4618 to Vcc and
reprogramming the target device with the valid source code will eliminate this
issue.
6) Does the experimenter’s board protect against blowing the JTAG fuse of
the target devices?
No. Fuse blow capability is inherent to all Flash-based MSP430 devices in
order to protect user’s intellectual property. Care must be taken to avoid the
enabling of the fuse blow option during programming that would prevent
further access to the MSP430 device(s) via JTAG.
7) I am measuring system current in the range of 30mA, is this normal?
Current consumption of the system is dependent on the functions and
operation of the hardware being performed. The RF connectivity and isolated
UART communication support, when used, can reach these current
consumption levels. Take care that these elements are not accidentally
enabled, specifically the isolated UART, if such system currents are not
expected.


Numéro de pièce similaire - SLAU213A

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SLAU218 TI1-SLAU218 Datasheet
3Mb / 60P
[Old version datasheet]   TLV320AIC3104EVM and TLV320AIC3104EVM-PDK
More results

Description similaire - SLAU213A

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SLAU330A TI1-SLAU330A Datasheet
7Mb / 36P
[Old version datasheet]   MSP-EXP430F5529 Experimenter Board
MSP-EXP430F5529 TI1-MSP-EXP430F5529 Datasheet
1Mb / 3P
[Old version datasheet]   Experimenter Board Quick Start
MSP-EXP430FR5739 TI1-MSP-EXP430FR5739 Datasheet
1Mb / 23P
[Old version datasheet]   MSP-EXP430FR5739 FRAM Experimenter Board
logo
Intersil Corporation
ISL281X7SOICEVAL1Z INTERSIL-ISL281X7SOICEVAL1Z Datasheet
206Kb / 4P
   Evaluation Board User?셲 Guide
ISL281X7MSOPEVAL1Z INTERSIL-ISL281X7MSOPEVAL1Z Datasheet
254Kb / 4P
   Evaluation Board User?셲 Guide
logo
Microchip Technology
EVB-KSZ9893 MICROCHIP-EVB-KSZ9893 Datasheet
8Mb / 32P
   Evaluation Board User?셲 Guide
08/15/18
logo
Freescale Semiconductor...
MC56F8006DEMO FREESCALE-MC56F8006DEMO Datasheet
3Mb / 13P
   Demo board user?셲 guide
logo
Intersil Corporation
ISL55141 INTERSIL-ISL55141 Datasheet
304Kb / 7P
   Evaluation Board User?셲 Manual
ISL282X7SOICEVAL2Z INTERSIL-ISL282X7SOICEVAL2Z Datasheet
252Kb / 4P
   Evaluation Board User?셲 Guide
logo
National Semiconductor ...
CLC-CAPT-PCASM NSC-CLC-CAPT-PCASM Datasheet
750Kb / 15P
   Data Capture Board User?셲 Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com