Moteur de recherche de fiches techniques de composants électroniques |
|
SN74HC594DWE4 Fiches technique(PDF) 5 Page - Texas Instruments |
|
|
SN74HC594DWE4 Fiches technique(HTML) 5 Page - Texas Instruments |
5 / 18 page SN54HC594, SN74HC594 8BIT SHIFT REGISTERS WITH OUTPUT REGISTERS SCLS040F − DECEMBER 1982 − REVISED OCTOBER 2003 5 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 recommended operating conditions (see Note 3) SN54HC594 SN74HC594 UNIT MIN NOM MAX MIN NOM MAX UNIT VCC Supply voltage 2 5 6 2 5 6 V VCC = 2 V 1.5 1.5 VIH High-level input voltage VCC = 4.5 V 3.15 3.15 V VIH High-level input voltage VCC = 6 V 4.2 4.2 V VCC = 2 V 0.5 0.5 VIL Low-level input voltage VCC = 4.5 V 1.35 1.35 V VIL Low-level input voltage VCC = 6 V 1.8 1.8 V VI Input voltage 0 VCC 0 VCC V VO Output voltage 0 VCC 0 VCC V VCC = 2 V 1000 1000 tt Input transition (rise and fall) time VCC = 4.5 V 500 500 ns tt Input transition (rise and fall) time VCC = 6 V 400 400 ns TA Operating free-air temperature −55 125 −40 85 °C NOTE 3: All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report, Implications of Slow or Floating CMOS Inputs, literature number SCBA004. electrical characteristics over recommended operating free-air temperature range (unless otherwise noted) PARAMETER TEST CONDITIONS VCC TA = 25°C SN54HC594 SN74HC594 UNIT PARAMETER TEST CONDITIONS VCC MIN TYP MAX MIN MAX MIN MAX UNIT 2 V 1.9 1.998 1.9 1.9 IOH = −20 µA 4.5 V 4.4 4.499 4.4 4.4 IOH = −20 µA 6 V 5.9 5.999 5.9 5.9 VOH VI = VIH or VIL QH′, IOH = −4 mA 4.5 V 3.98 4.3 3.7 3.84 V VOH VI = VIH or VIL QA−QH, IOH = −6 mA 4.5 V 3.98 4.3 3.7 3.84 V QH′, IOH = −5.2 mA 6 V 5.48 5.8 5.2 5.34 QA−QH, IOH = −7.8 mA 6 V 5.48 5.8 5.2 5.34 2 V 0.002 0.1 0.1 0.1 IOL = 20 µA 4.5 V 0.001 0.1 0.1 0.1 IOL = 20 µA 6 V 0.001 0.1 0.1 0.1 VOL VI = VIH or VIL QH′, IOL = 4 mA 4.5 V 0.17 0.26 0.4 0.33 V VOL VI = VIH or VIL QA−QH, IOL = 6 mA 4.5 V 0.17 0.26 0.4 0.33 V QH′, IOL = 5.2 mA 6 V 0.15 0.26 0.4 0.33 QA−QH, IOL = 7.8 mA 6 V 0.15 0.26 0.4 0.33 II VI = VCC or 0 6 V ±0.1 ±100 ±1000 ±1000 nA IOZ VO = VCC or 0 6 V ±0.01 ±0.5 ±10 ±5 µA ICC VI = VCC or 0, IO = 0 6 V 8 160 80 µA Ci 2 V to 6 V 3 10 10 10 pF PRODUCT PREVIEW information concerns products in the formative or design phase of development. Characteristic data and other specifications are design goals. Texas Instruments reserves the right to change or discontinue these products without notice. |
Numéro de pièce similaire - SN74HC594DWE4 |
|
Description similaire - SN74HC594DWE4 |