Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS62081DSGR Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS62081DSGR
Description  1.2A High Efficient Step Down Converter with Snooze Mode
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS62081DSGR Fiches technique(HTML) 5 Page - Texas Instruments

  TPS62081DSGR Datasheet HTML 1Page - Texas Instruments TPS62081DSGR Datasheet HTML 2Page - Texas Instruments TPS62081DSGR Datasheet HTML 3Page - Texas Instruments TPS62081DSGR Datasheet HTML 4Page - Texas Instruments TPS62081DSGR Datasheet HTML 5Page - Texas Instruments TPS62081DSGR Datasheet HTML 6Page - Texas Instruments TPS62081DSGR Datasheet HTML 7Page - Texas Instruments TPS62081DSGR Datasheet HTML 8Page - Texas Instruments TPS62081DSGR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
Thermal
Shutdown
Softstart
Under
Voltage
Shutdown
direct control
&
compensation
PG
EN
VOS
REF
Power
Good
MODE
FB
ramp
minimum
on-timer
DSC-CONTROL
TM
Gate
Driver
Control
Logic
Low Side
N-MOS
High Side
N-MOS
VIN
SW
GND
Snooze Mode
comparator
error
amplifier
Active
Output
Discharge
Gate
Driver
Control
Logic
Low Side
N-MOS
High Side
N-MOS
Thermal
Shutdown
Softstart
Under
Voltage
Shutdown
direct control
&
compensation
VIN
SW
GND
PG
EN
VOS
REF
Active
Output
Discharge
Power
Good
Snooze Mode
MODE
FB
ramp
minimum
on-timer
DSC-CONTROL
TM
error
amplifier
comparator
TPS62080, TPS62080A
TPS62081, TPS62082
www.ti.com
SLVSAE8D – SEPTEMBER 2011 – REVISED JULY 2013
FUNCTIONAL BLOCK DIAGRAMS
Figure 2. Functional Block Diagram (Adjustable Output Voltage Version)
Figure 3. Functional Block Diagram (Fixed Output Voltage Version)
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS62080 TPS62080A TPS62081 TPS62082


Numéro de pièce similaire - TPS62081DSGR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS62081DSGR TI-TPS62081DSGR Datasheet
991Kb / 27P
[Old version datasheet]   1.2A High Efficient Step Down Converter with Snooze Mode
TPS62081DSGR TI1-TPS62081DSGR Datasheet
877Kb / 26P
[Old version datasheet]   1.2A High Efficient Step Down Converter in 2x2mm SON Package
More results

Description similaire - TPS62081DSGR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS62080 TI1-TPS62080_14 Datasheet
1Mb / 28P
[Old version datasheet]   1.2A High Efficient Step Down Converter with Snooze Mode
TPS62080DSGR TI-TPS62080DSGR Datasheet
991Kb / 27P
[Old version datasheet]   1.2A High Efficient Step Down Converter with Snooze Mode
TPS62080 TI1-TPS62080 Datasheet
877Kb / 26P
[Old version datasheet]   1.2A High Efficient Step Down Converter in 2x2mm SON Package
TLV62080 TI1-TLV62080 Datasheet
786Kb / 22P
[Old version datasheet]   1.2A High Efficient Step Down Converter in 2x2mm SON Package
logo
Advanced Analogic Techn...
AAT1145 ANALOGICTECH-AAT1145 Datasheet
310Kb / 16P
   1.2A Step-Down Converter
logo
Texas Instruments
TPS62080 TI-TPS62080_15 Datasheet
971Kb / 27P
[Old version datasheet]   TPS6208x 1.2-A High-Efficiency, Step-Down Converter With DCS-Control??and Snooze Mode
logo
ACE Technology Co., LTD...
ACE725E ACE-ACE725E Datasheet
867Kb / 11P
   24V , 1.2A High Efficiency Step-Down Converter
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL8516 BELLING-BL8516 Datasheet
456Kb / 7P
   1.2A Step-down DC-DC Converter
logo
Monolithic Power System...
MP1567 MPS-MP1567 Datasheet
302Kb / 11P
   1.2A Synchronous Rectified Step-Down Converter
logo
Diodes Incorporated
AP5100 DIODES-AP5100 Datasheet
419Kb / 12P
   1.2A Step-Down Converter with 1.4MHz Switching Frequency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com