Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS7A6633QDGNRQ1 Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS7A6633QDGNRQ1
Description  High-Voltage Ultralow-Iq Low-Dropout Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS7A6633QDGNRQ1 Fiches technique(HTML) 5 Page - Texas Instruments

  TPS7A6633QDGNRQ1 Datasheet HTML 1Page - Texas Instruments TPS7A6633QDGNRQ1 Datasheet HTML 2Page - Texas Instruments TPS7A6633QDGNRQ1 Datasheet HTML 3Page - Texas Instruments TPS7A6633QDGNRQ1 Datasheet HTML 4Page - Texas Instruments TPS7A6633QDGNRQ1 Datasheet HTML 5Page - Texas Instruments TPS7A6633QDGNRQ1 Datasheet HTML 6Page - Texas Instruments TPS7A6633QDGNRQ1 Datasheet HTML 7Page - Texas Instruments TPS7A6633QDGNRQ1 Datasheet HTML 8Page - Texas Instruments TPS7A6633QDGNRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
Vin
SI
NC
CT
Vout
SO
PG
GND
D Package
(Top View)
1
2
3
4
8
7
6
5
1
2
3
4
8
7
6
5
DGN Package
(Top View)
Vin
EN
NC
CT
Vout
FB/NC
PG
GND
TPS7A6601-Q1, TPS7A6633-Q1
TPS7A6650-Q1, TPS7A6933-Q1
TPS7A6950-Q1
www.ti.com
SLVSBL0B – DECEMBER 2012 – REVISED AUGUST 2013
DEVICE INFORMATION
SOIC 8 (TPS7A69xx-Q1)
MSOP 8 (TPS7A66xx-Q1)
Pin Functions
PIN NO.
PIN
TYPE
DESCRIPTION
NAME
SOIC-D
MSOP - DGN
CT
4
4
O
Reset-pulse delay adjustment. Connecting this pin via a capacitor to GND
EN
2
I
Enable pin. Standby state when enable pin becomes lower than threshold
Feedback pin when using external resistor divider or NC pin when using internal resistor
FB/NC
7
I
divider
GND
5
5
G
Ground reference
NC
3
3
Not connected pins
Output ready. This open-drain pin must connect to Vout via an external resistor. The
PG
6
6
O
output voltage going below threshold pulls it down.
Sense input pin to supervise input voltage. Connect via an external voltage divider
SI
2
I
connected to Vs and GND
Sense output. This open-drain pin must connect to Vout via an external resistor. The SI
SO
7
O
voltage becoming lower than the threshold pulls it down.
Vin
1
1
P
Input power-supply voltage
Vout
8
8
P
Output voltage
Thermal pad for MSOP-DGN package
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS7A6601-Q1 TPS7A6633-Q1 TPS7A6650-Q1 TPS7A6933-Q1 TPS7A6950-Q1


Numéro de pièce similaire - TPS7A6633QDGNRQ1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS7A66-Q1 TI1-TPS7A66-Q1 Datasheet
1Mb / 24P
[Old version datasheet]   High-Voltage Ultra-Low IQ Low-Dropout Regulator
TPS7A6650H-Q1 TI1-TPS7A6650H-Q1 Datasheet
1Mb / 21P
[Old version datasheet]   Ambient-Temperature Regulator
TPS7A6650HQDGNRQ1 TI1-TPS7A6650HQDGNRQ1 Datasheet
1Mb / 21P
[Old version datasheet]   Ambient-Temperature Regulator
More results

Description similaire - TPS7A6633QDGNRQ1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS7B82-Q1 TI1-TPS7B82-Q1_18 Datasheet
1,001Kb / 22P
[Old version datasheet]   300-mA High-Voltage Ultralow-IQ Low-Dropout Regulator
TPS7B82-Q1 TI1-TPS7B82-Q1_19 Datasheet
1Mb / 27P
[Old version datasheet]   300-mA High-Voltage Ultralow-IQ Low-Dropout Regulator
TPS7B82-Q1 TI1-TPS7B82-Q1 Datasheet
263Kb / 15P
[Old version datasheet]   300-mA High-Voltage Ultralow-IQ Low-Dropout Regulator
logo
Analog Devices
ADP3342 AD-ADP3342 Datasheet
165Kb / 8P
   Ultralow, IQ, anyCAP Low Dropout Regulator
REV. 0
logo
Texas Instruments
TPS7B82-Q1 TI1-TPS7B82-Q1_V03 Datasheet
1Mb / 29P
[Old version datasheet]   TPS7B82-Q1 300-mA High-Voltage Ultralow-IQ Low-Dropout Regulator
TPS7B82-Q1 TI1-TPS7B82-Q1_V04 Datasheet
1Mb / 30P
[Old version datasheet]   TPS7B82-Q1 300-mA High-Voltage Ultralow-IQ Low-Dropout Regulator
TPS7B82-Q1 TI-TPS7B82-Q1_V05 Datasheet
2Mb / 32P
[Old version datasheet]   TPS7B82-Q1 300-mA High-Voltage Ultralow-IQ Low-Dropout Regulator
TPS7B82-Q1 TI1-TPS7B82-Q1_V02 Datasheet
1Mb / 29P
[Old version datasheet]   TPS7B82-Q1 300-mA High-Voltage Ultralow-IQ Low-Dropout Regulator
TPS7B82-Q1 TI1-TPS7B82-Q1_V01 Datasheet
1Mb / 27P
[Old version datasheet]   TPS7B82-Q1 300-mA High-Voltage Ultralow-IQ Low-Dropout Regulator
logo
Analog Devices
ADP3338AKC-18 AD-ADP3338AKC-18 Datasheet
295Kb / 16P
   High Accuracy, Ultralow IQ, 1A, anyCAP Low Dropout Regulator
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com