Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

QEB373 Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce QEB373
Description  SUBMINIATURE PLASTIC INFRARED EMITTING DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

QEB373 Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  QEB373 Datasheet HTML 1Page - Fairchild Semiconductor QEB373 Datasheet HTML 2Page - Fairchild Semiconductor QEB373 Datasheet HTML 3Page - Fairchild Semiconductor QEB373 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1 of 4
100008A
NOTES
1. Derate power dissipation linearly
1.33 mW/°C above 25°C.
2. RMA flux is recommended.
3. Methanol or isopropyl alcohols
are recommended as cleaning
agents.
4. Soldering iron tip at 1/16” (1.6mm)
from housing
QEB373
SUBMINIATURE PLASTIC INFRARED
EMITTING DIODE
Parameter
Symbol
Rating
Units
Operating Temperature
TOPR
-40 to +100
°C
Storage Temperature
TSTG
-40 to +100
°C
Soldering Temperature (Iron)(2,3,4)
TSOL-I
240 for 5 sec
°C
Soldering Temperature (Flow)(2,3)
TSOL-F
260 for 10 sec
°C
Continuous Forward Current
IF
50
mA
Reverse Voltage
VR
5V
Power Dissipation(1)
PD
100
mW
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
PARAMETER
TEST CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNITS
Peak Emission Wavelength
IF = 100mA
l
P
880
nm
Emission Angle
IF = 100mA
U
±12
Deg.
Forward Voltage
IF = 100mA, tP = 20ms
VF
1.7
V
Reverse Current
VR = 5V
IR
100
µA
Radiant Intensity
IF = 100mA, tP = 20ms
Ie
16
mW/sr
Rise Time
IF = 100mA,
tr
800
ns
Fall Time
tP = 20ms
tf
800
ns
ELECTRICAL / OPTICAL CHARACTERISTICS (TA =25°C)
PACKAGE DIMENSIONS
0.074 (1.9)
0.008 (0.21)
0.004 (0.11)
0.106 (2.7)
0.091 (2.3)
0.055 (1.4)
0.024 (0.6)
0.016 (0.4)
0.087 (2.2)
0.071 (1.8)
0.019 (0.5)
0.012 (0.3)
0.276 (7.0)
MIN
0.024 (0.6)
.059 (1.5)
.051 (1.3)
.118 (3.0)
.102 (2.6)
CATHODE
NOTES:
1. Dimensions are in inches (mm).
2. Tolerance of ± .010 (.25) on all non nominal dimensions
unless otherwise specified.
FEATURES
• T-3/4 (2mm) Surface Mount Package
• Tape & Reel Option (See Tape & Reel Specifications)
• Lead Form Options: Gullwing, Yoke, Z-Bend
• Narrow Emission Angle, 24°
• Wavelength = 880nm, AlGaAs
• Clear Lens
• Matched Photosensor: QSB363
• High Radiant Intensity
ANODE
CATHODE
SCHEMATIC


Numéro de pièce similaire - QEB373

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
QEB373 FAIRCHILD-QEB373 Datasheet
513Kb / 5P
   Subminiature Plastic Infrared Emitting Diode
QEB373 FAIRCHILD-QEB373_06 Datasheet
513Kb / 5P
   Subminiature Plastic Infrared Emitting Diode
More results

Description similaire - QEB373

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
QEB363ZR FAIRCHILD-QEB363ZR Datasheet
523Kb / 5P
   Subminiature Plastic Infrared Emitting Diode
QEB373 FAIRCHILD-QEB373_06 Datasheet
513Kb / 5P
   Subminiature Plastic Infrared Emitting Diode
QEB363 FAIRCHILD-QEB363 Datasheet
124Kb / 4P
   SUBMINIATURE PLASTIC INFRARED EMITTING DIODE
QEB363YR FAIRCHILD-QEB363YR Datasheet
523Kb / 5P
   Subminiature Plastic Infrared Emitting Diode
QEB363 FAIRCHILD-QEB363_06 Datasheet
517Kb / 5P
   Subminiature Plastic Infrared Emitting Diode
logo
OPTEK Technologies
OP265 OPTEK-OP265_14 Datasheet
232Kb / 4P
   Plastic Infrared Emitting Diode
OP265 OPTEK-OP265_06 Datasheet
334Kb / 4P
   Plastic Infrared Emitting Diode
logo
TT Electronics.
OP265FAA TTELEC-OP265FAA Datasheet
376Kb / 3P
   Plastic Infrared Emitting Diode
OP168F TTELEC-OP168F Datasheet
380Kb / 6P
   Plastic Infrared Emitting Diode
logo
OPTEK Technologies
OP168 OPTEK-OP168_14 Datasheet
230Kb / 6P
   Plastic Infrared Emitting Diode
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com