Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CSNM191-003 Fiches technique(PDF) 2 Page - Honeywell Accelerometers

No de pièce CSNM191-003
Description  CSN Series Hall Effect Current Sensors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HONEYWELL-ACC [Honeywell Accelerometers]
Site Internet  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

CSNM191-003 Fiches technique(HTML) 2 Page - Honeywell Accelerometers

  CSNM191-003 Datasheet HTML 1Page - Honeywell Accelerometers CSNM191-003 Datasheet HTML 2Page - Honeywell Accelerometers CSNM191-003 Datasheet HTML 3Page - Honeywell Accelerometers CSNM191-003 Datasheet HTML 4Page - Honeywell Accelerometers CSNM191-003 Datasheet HTML 5Page - Honeywell Accelerometers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
CSN Series
Hall Effect Current Sensors
FEATURES
Current sensing up to 1000A
Measures DC, AC and impulse currents
Very fast response
High overload capability
Extended temperature range -40°C to +85°C
Different termination styles
Optional conformal coating
BENEFITS
Increased measuring range in compact package
No restriction on input current waveform
Output signal accurately tracks changes in input signal
Sensor integrity unaffected
Improved reliability
Flexibility of connection style
Provides additional protection to the sensors
DESCRIPTION
TYPICAL APPLICATIONS
These new industrial current sensors extend Honeywell’s
closed loop current sensing capability. They offer increased
current measuring capability up to 1000Aover an extended
temperature range of -40°C to +85°C and are available with
different terminal options.
The sensors are closed loop devices based on the principle
of the hall effect and null balance method. The output from
the current sensor is the balancing current which is a perfect
image of the primary current reduced by the number of
secondary turns at any time. This current can be expressed
as a voltage by passing it through a resistor.
Variable speed drives
Overcurrent protection
Power supplies
Feedback control systems
Robotics
Welding equipment
Sensing and Control


Numéro de pièce similaire - CSNM191-003

FabricantNo de pièceFiches techniqueDescription
logo
Honeywell Accelerometer...
CSNM191-003 HONEYWELL-ACC-CSNM191-003 Datasheet
229Kb / 5P
   CSN Series Hall Effect Current Sensors
CSNM191-003 HONEYWELL-ACC-CSNM191-003 Datasheet
229Kb / 5P
   CSN Series Hall Effect Current Sensors
logo
Honeywell Solid State E...
CSNM191-003 HONEYWELL-CSNM191-003 Datasheet
229Kb / 5P
   Interactive Catalog Replaces Catalog Pages
More results

Description similaire - CSNM191-003

FabricantNo de pièceFiches techniqueDescription
logo
Honeywell Accelerometer...
CSNE151-104 HONEYWELL-ACC-CSNE151-104 Datasheet
229Kb / 5P
   CSN Series Hall Effect Current Sensors
CSNK500M HONEYWELL-ACC-CSNK500M Datasheet
229Kb / 5P
   CSN Series Hall Effect Current Sensors
logo
List of Unclassifed Man...
S26P200D15Y ETC2-S26P200D15Y Datasheet
549Kb / 2P
   Hall Effect Current Sensors
S21Z100D15 ETC2-S21Z100D15 Datasheet
195Kb / 3P
   Hall Effect Current Sensors
L18P015S05 ETC2-L18P015S05 Datasheet
514Kb / 2P
   Hall Effect Current Sensors L18P S05 Series
L03S600D15 ETC2-L03S600D15 Datasheet
108Kb / 2P
   Hall Effect Current Sensors L03S***D15 Series
logo
Littelfuse
55310 LITTELFUSE-55310 Datasheet
422Kb / 3P
   Hall Effect Sensors
55140 LITTELFUSE-55140 Datasheet
498Kb / 3P
   Hall Effect Sensors
55505 LITTELFUSE-55505 Datasheet
484Kb / 2P
   Hall Effect Sensors
55085 LITTELFUSE-55085 Datasheet
480Kb / 3P
   Hall Effect Sensors
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com