Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

54ABT16245 Fiches technique(PDF) 10 Page - Texas Instruments

No de pièce 54ABT16245
Description  54ABT16245 16-Bit Transceiver with TRI-STATE Outputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

54ABT16245 Fiches technique(HTML) 10 Page - Texas Instruments

Back Button 54ABT16245 Datasheet HTML 4Page - Texas Instruments 54ABT16245 Datasheet HTML 5Page - Texas Instruments 54ABT16245 Datasheet HTML 6Page - Texas Instruments 54ABT16245 Datasheet HTML 7Page - Texas Instruments 54ABT16245 Datasheet HTML 8Page - Texas Instruments 54ABT16245 Datasheet HTML 9Page - Texas Instruments 54ABT16245 Datasheet HTML 10Page - Texas Instruments 54ABT16245 Datasheet HTML 11Page - Texas Instruments 54ABT16245 Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
OBSOLETE
54ABT16245
SNOS038C – AUGUST 1998 – REVISED APRIL 2013
www.ti.com
Table 1. Test Input Signal Requirements
Amplitude
Rep. Rate
tw
tr
tf
3.0V
1 MHz
500 ns
2.5 ns
2.5 ns
Figure 22. TRI-STATE Output HIGH
and LOW Enable and Disable Times
Figure 23. Propagation Delay Waveforms for
Inverting and Non-Inverting Functions
10
Submit Documentation Feedback
Copyright © 1998–2013, Texas Instruments Incorporated
Product Folder Links: 54ABT16245


Numéro de pièce similaire - 54ABT16245

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
54ABT16245 NSC-54ABT16245 Datasheet
219Kb / 9P
   16-Bit Transceiver with TRI-STATE Outputs
54ABT16245W-QML NSC-54ABT16245W-QML Datasheet
219Kb / 9P
   16-Bit Transceiver with TRI-STATE Outputs
More results

Description similaire - 54ABT16245

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
74FR16245 NSC-74FR16245 Datasheet
151Kb / 6P
   16-Bit Transceiver with TRI-STATE Outputs
54ABT16245 NSC-54ABT16245 Datasheet
219Kb / 9P
   16-Bit Transceiver with TRI-STATE Outputs
54ACTQ16245 NSC-54ACTQ16245 Datasheet
72Kb / 6P
   16-Bit Transceiver with TRI-STATE Outputs
74ABT16952 NSC-74ABT16952 Datasheet
149Kb / 8P
   16-Bit Registered Transceiver with TRI-STATE Outputs
54ACTQ16646 NSC-54ACTQ16646 Datasheet
92Kb / 8P
   16-Bit Transceiver/Register with TRI-STATE Outputs
54ABT16373 NSC-54ABT16373 Datasheet
117Kb / 6P
   16-Bit Transparent Latch with TRI-STATE Outputs
54ACTQ16373 NSC-54ACTQ16373 Datasheet
82Kb / 6P
   16-Bit Transparent Latch with TRI-STATE Outputs
logo
Fairchild Semiconductor
74FR16245 FAIRCHILD-74FR16245 Datasheet
54Kb / 6P
   16-Bit Transceiver with 3-STATE Outputs
74ABT16245 FAIRCHILD-74ABT16245 Datasheet
92Kb / 8P
   16-Bit Transceiver with 3-STATE Outputs
74ACT16245 FAIRCHILD-74ACT16245 Datasheet
80Kb / 6P
   16-Bit Transceiver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com