Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCZ33903CP5EKR2 Fiches technique(PDF) 7 Page - Freescale Semiconductor, Inc

No de pièce MCZ33903CP5EKR2
Description  SBC Gen2 with CAN High Speed and LIN Interface
Download  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCZ33903CP5EKR2 Fiches technique(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MCZ33903CP5EKR2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MCZ33903CP5EKR2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MCZ33903CP5EKR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MCZ33903CP5EKR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCZ33903CP5EKR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCZ33903CP5EKR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCZ33903CP5EKR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MCZ33903CP5EKR2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MCZ33903CP5EKR2 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 106 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
7
33903/4/5
DEVICE VARIATIONS
DEVICE VARIATIONS
Table 1. MC33905 Device Variations - (All devices rated at TA = -40 TO 125 °C)
Freescale Part Number
Version
(1), (2)
VDD Output
Voltage
LIN
Interface(s)
Wake-up Input / LIN Master
Termination
Package
VAUX VSENSE
MUX
MC33905D (Dual LIN)
MCZ33905BD3EK/R2
B
3.3 V
2
2 Wake-up + 2 LIN terms
or
3 Wake-up + 1 LIN terms
or
4 Wake-up + no LIN terms
SOIC 54 pin
exposed pad
Yes
Yes
Yes
MCZ33905CD3EK/R2
C
MCZ33905D5EK/R2
5.0 V
MCZ33905BD5EK/R2
B
MCZ33905CD5EK/R2
C
MC33905S (Single LIN)
MCZ33905BS3EK/R2
B
3.3 V
1
3 Wake-up + 1 LIN terms
or
4 Wake-up + no LIN terms
Yes
Yes
Yes
MCZ33905CS3EK/R2
C
MCZ33905S5EK/R2
5.0 V
MCZ33905BS5EK/R2
B
MCZ33905CS5EK/R2
C
Notes
1.
Design changes in the “B” version resolved VSUP slow ramp up issues, enhanced device current consumption and improved oscillator
stability. “B” version has an errata linked to the SPI operation.
2.
“C” versions are recommended for new designs. Design changes in the “C” version resolve the SPI deviation of all prior versions, and
does not have the RxD short to ground detection feature.
Table 2. MC33904 Device Variations - (All devices rated at TA = -40 TO 125 °C)
Freescale Part Number
Version
(3), (4)
VDD Output
Voltage
LIN
Interface(s)
Wake-up Input / LIN Master
Termination
Package
VAUX VSENSE
MUX
MC33904
MCZ33904B3EK/R2
B
3.3 V
0
4 Wake-up
SOIC 32 pin
exposed pad
Yes
Yes
Yes
MCZ33904C3EK/R2
C
MCZ33904A5EK/R2
A
5.0 V
MCZ33904B5EK/R2
B
MCZ33904C5EK/R2
C
Notes
3.
Design changes in the “B” version resolved VSUP slow ramp up issues, enhanced device current consumption and improved oscillator
stability. “B” version has an errata linked to the SPI operation.
4.
“C” versions are recommended for new designs. Design changes in the “C” version resolve the SPI deviation of all prior versions, and
does not have the RxD short to ground detection feature.


Numéro de pièce similaire - MCZ33903CP5EKR2

FabricantNo de pièceFiches techniqueDescription
logo
Freescale Semiconductor...
MCZ33903CP5EK-R2 FREESCALE-MCZ33903CP5EK-R2 Datasheet
1Mb / 766P
   SBC Gen2 with CAN High Speed and LIN Interface
MCZ33903CP5EK/R2 FREESCALE-MCZ33903CP5EK/R2 Datasheet
1Mb / 106P
   SBC Gen2 with CAN High Speed and LIN Interface
logo
NXP Semiconductors
MCZ33903CP5EK/R2 NXP-MCZ33903CP5EK/R2 Datasheet
2Mb / 107P
   SBC Gen2 with CAN high speed and LIN interface
Rev. 14.0, 2/2018
More results

Description similaire - MCZ33903CP5EKR2

FabricantNo de pièceFiches techniqueDescription
logo
Freescale Semiconductor...
MCZ33905CS5EK FREESCALE-MCZ33905CS5EK Datasheet
1Mb / 106P
   SBC Gen2 with CAN High Speed and LIN Interface
33903 FREESCALE-33903 Datasheet
2Mb / 104P
   SBC Gen2 with CAN High Speed and LIN Interface
logo
NXP Semiconductors
MC33903 NXP-MC33903 Datasheet
2Mb / 111P
   SBC Gen2 with CAN high speed and LIN interface
Rev. 15.0, 6/2023
logo
Freescale Semiconductor...
MC33903 FREESCALE-MC33903 Datasheet
2Mb / 98P
   SBC Gen2 with CAN High Speed and LIN Interface
MC33905D FREESCALE-MC33905D Datasheet
1Mb / 766P
   SBC Gen2 with CAN High Speed and LIN Interface
logo
NXP Semiconductors
33903 NXP-33903 Datasheet
2Mb / 107P
   SBC Gen2 with CAN high speed and LIN interface
Rev. 14.0, 2/2018
logo
Freescale Semiconductor...
33904 FREESCALE-33904 Datasheet
2Mb / 91P
   System Basis Chip Gen2 with High Speed CAN and LIN Interface
logo
NXP Semiconductors
MC34903 NXP-MC34903 Datasheet
4Mb / 16P
   System Basis Chip with CAN High Speed and LIN Interface
Rev. 4.0, 10/2013
logo
ON Semiconductor
NCV7462 ONSEMI-NCV7462 Datasheet
420Kb / 56P
   LIN/CAN SBC/System-IC
January, 2013 ??Rev. 0
NCV7462 ONSEMI-NCV7462_1 Datasheet
379Kb / 56P
   LIN/CAN SBC/System-IC
June, 2016 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com