Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7564ARS-B Fiches technique(PDF) 9 Page - Analog Devices

No de pièce AD7564ARS-B
Description  LC2MOS 3.3 V/5 V, Low Power, Quad 12-Bit DAC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7564ARS-B Fiches technique(HTML) 9 Page - Analog Devices

Back Button AD7564ARS-B Datasheet HTML 5Page - Analog Devices AD7564ARS-B Datasheet HTML 6Page - Analog Devices AD7564ARS-B Datasheet HTML 7Page - Analog Devices AD7564ARS-B Datasheet HTML 8Page - Analog Devices AD7564ARS-B Datasheet HTML 9Page - Analog Devices AD7564ARS-B Datasheet HTML 10Page - Analog Devices AD7564ARS-B Datasheet HTML 11Page - Analog Devices AD7564ARS-B Datasheet HTML 12Page - Analog Devices AD7564ARS-B Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
–9–
REV.
0.5
0.0
10
0.3
0.1
4
0.2
2
0.4
8
6
VREF – Volts
NORMAL MODE OF OPERATION
VDD = +5V
TA = +25°C
Figure 3. Differential Nonlinearity Error vs. VREF
(Normal Mode)
0
–10
–90
–60
–70
–80
–50
–40
–30
–20
103
104
106
105
FREQUENCY – Hz
VREFC = 20V p-p SINE WAVE
ALL OTHER REFERENCE INPUTS = 0V
DAC C LOADED WITH ALL 1s
ALL OTHER DACs LOADED WITH ALL 0s
Figure 4. Channel-to-Channel Isolation (1 DAC to 1 DAC)
–50
–100
–90
–80
–70
–60
102
103
105
104
FREQUENCY – Hz
NORMAL MODE OF OPERATION
VDD = +5V
VIN = +6V rms
OP AMP = AD713
TA = +25°C
Figure 5. Total Harmonic Distortion vs. Frequency
(Normal Mode)
0.5
0.0
10
0.3
0.1
4
0.2
2
0.4
8
6
VREF – Volts
NORMAL MODE OF OPERATION
VDD = +5V
TA = +25°C
Figure 6. Integral Nonlinearity Error vs. VREF
(Normal Mode)
0
–10
–90
–60
–70
–80
–50
–40
–30
–20
103
104
106
105
FREQUENCY – Hz
VREFB = 0V
ALL OTHER REFERENCE INPUTS = 20V p-p SINE WAVE
DAC B LOADED WITH ALL 0s
ALL OTHER DACs LOADED WITH ALL 1s
Figure 7. Channel-to-Channel Isolation (1 DAC to All
Other DACs)
FREQUENCY – Hz
0
–30
–60
1k
–40
–50
–20
VDD = +5V
TA = +25°C
VIN = 20V p-p
OP AMP = AD711
DAC LOADED WITH ALL 1s
DAC LOADED WITH ALL 0s
–10
–70
–80
–90
–100
10k
100k
1M
10M
Figure 8. Multiplying Frequency Response vs. Digital
Code (Normal Mode)
Typical Performance Curves–AD7564
B


Numéro de pièce similaire - AD7564ARS-B

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7564ARS-B AD-AD7564ARS-B Datasheet
392Kb / 16P
   LC2MOS 3.3 V/5 V, Low Power, Quad 12-Bit DAC
REV. A
More results

Description similaire - AD7564ARS-B

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7564 AD-AD7564 Datasheet
392Kb / 16P
   LC2MOS 3.3 V/5 V, Low Power, Quad 12-Bit DAC
REV. A
AD7564 AD-AD7564_15 Datasheet
468Kb / 17P
   3.3 V/5 V, Low Power, Quad 12-Bit DAC
REV. B
AD7883 AD-AD7883 Datasheet
349Kb / 12P
   LC2MOS 12-Bit, 3.3 V Sampling ADC
REV. 0
AD7880CRZ AD-AD7880CRZ Datasheet
253Kb / 16P
   LC2MOS Single 5 V Supply, Low Power, 12-Bit Sampling ADC
REV. 0
AD7880 AD-AD7880 Datasheet
337Kb / 16P
   LC2MOS Single 5 V Supply, Low Power, 12-Bit Sampling ADC
REV. 0
AD7880BRZ AD-AD7880BRZ Datasheet
340Kb / 16P
   LC2MOS Single 5 V Supply, Low Power, 12-Bit Sampling ADC
REV. 0
AD7836 AD-AD7836 Datasheet
174Kb / 12P
   LC2MOS Quad 14-Bit DAC
REV. A
AD7834 AD-AD7834 Datasheet
404Kb / 16P
   LC2MOS Quad 14-Bit DAC
REV. A
AD7836ASZ AD-AD7836ASZ Datasheet
176Kb / 12P
   LC2MOS Quad 14-Bit DAC
REV. A
AD7948 AD-AD7948_15 Datasheet
333Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com