Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5162BRM100 Fiches technique(PDF) 5 Page - Analog Devices

No de pièce AD5162BRM100
Description  Dual, 256-Position, SPI Digital Potentiometer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5162BRM100 Fiches technique(HTML) 5 Page - Analog Devices

  AD5162BRM100 Datasheet HTML 1Page - Analog Devices AD5162BRM100 Datasheet HTML 2Page - Analog Devices AD5162BRM100 Datasheet HTML 3Page - Analog Devices AD5162BRM100 Datasheet HTML 4Page - Analog Devices AD5162BRM100 Datasheet HTML 5Page - Analog Devices AD5162BRM100 Datasheet HTML 6Page - Analog Devices AD5162BRM100 Datasheet HTML 7Page - Analog Devices AD5162BRM100 Datasheet HTML 8Page - Analog Devices AD5162BRM100 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
AD5162
Rev. C | Page 5 of 20
TIMING CHARACTERISTICS: ALL VERSIONS
VDD = 5 V ± 10%, or 3 V ± 10%; VA = VDD; VB = 0 V; −40°C < TA < +125°C; unless otherwise noted.
Table 3.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
SPI INTERFACE TIMING CHARACTERISTICS1
Clock Frequency
f
CLK
25
MHz
Input Clock Pulse Width
t
CH, tCL
Clock level high or low
20
ns
Data Setup Time
t
DS
5
ns
Data Hold Time
t
DH
5
ns
CS
t
CSS
Setup Time
15
ns
CS
t
CSW
High Pulse Width
40
ns
CLK Fall to CS
t
CSH0
Fall Hold Time
0
ns
CLK Fall to CS
t
CSH1
Rise Hold Time
0
ns
CS
t
CS1
Rise to Clock Rise Setup
10
ns
1 See the timing diagrams for the locations of measured values (that is, see Figure 42 and Figure 43).


Numéro de pièce similaire - AD5162BRM100

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5162BRM100 AD-AD5162BRM100 Datasheet
960Kb / 20P
   Dual 256-Position SPI Digital Potentiometer
REV. A
AD5162BRM100-RL7 AD-AD5162BRM100-RL7 Datasheet
960Kb / 20P
   Dual 256-Position SPI Digital Potentiometer
REV. A
More results

Description similaire - AD5162BRM100

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5162BRMZ10 AD-AD5162BRMZ10 Datasheet
830Kb / 20P
   Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5162BRMZ2.5 AD-AD5162BRMZ2.5 Datasheet
830Kb / 20P
   Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5162 AD-AD5162_15 Datasheet
830Kb / 20P
   Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5162 AD-AD5162 Datasheet
960Kb / 20P
   Dual 256-Position SPI Digital Potentiometer
REV. A
AD5160 AD-AD5160_15 Datasheet
480Kb / 16P
   256-Position SPI-Compatible Digital Potentiometer
REV. C
AD5160 AD-AD5160_09 Datasheet
467Kb / 16P
   256-Position SPI-Compatible Digital Potentiometer
REV. B
AD5160BRJ100 AD-AD5160BRJ100 Datasheet
485Kb / 16P
   256-Position SPI-Compatible Digital Potentiometer
REV. B
logo
ON Semiconductor
CAT5172 ONSEMI-CAT5172 Datasheet
179Kb / 10P
   256-Position SPI Compatible Digital Potentiometer
May, 2009 ??Rev. 0
logo
Analog Devices
AD5160 AD-AD5160 Datasheet
847Kb / 16P
   256-Position SPI Compatible Digital Potentiometer
REV. 0
AD5160BRJ50 AD-AD5160BRJ50 Datasheet
467Kb / 16P
   256-Position SPI-Compatible Digital Potentiometer
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com