Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

AD1865N-K Datasheet(Fiches technique) 5 Page - Analog Devices

Numéro de pièce AD1865N-K
Description  Complete Dual 18-Bit 16 x FS Audio DAC
Télécharger  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD1865N-K Datasheet(HTML) 5 Page - Analog Devices

  AD1865N-K Datenblatt HTML 1Page - Analog Devices AD1865N-K Datenblatt HTML 2Page - Analog Devices AD1865N-K Datenblatt HTML 3Page - Analog Devices AD1865N-K Datenblatt HTML 4Page - Analog Devices AD1865N-K Datasheet HTML 5Page - Analog Devices AD1865N-K Datenblatt HTML 6Page - Analog Devices AD1865N-K Datenblatt HTML 7Page - Analog Devices AD1865N-K Datenblatt HTML 8Page - Analog Devices AD1865N-K Datenblatt HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
REV. 0
–5–
100
90
70
04
8
FREQUENCY – kHz
80
12
16
0dB
80
100
120
110
90
0
FREQUENCY – kHz
4
12
16
8
Figure 1. THD+N (dB) vs. Frequency (kHz)
Figure 2. Channel Separation (dB) vs. Frequency (kHz)
10
1
.1
.01
.001
–30 –20
–10
0
10
20
30
40
50
60
70
80
90
TEMPERATURE –
°C
–60dB
–20dB
0dB
Figure 3. THD+N (%) vs. Temperature (
°C)
100
90
80
70
60
50
40
500
1000
1500
2000
2500
3000
LOAD RESISTANCE –
0
Figure 4. THD+N (dB) vs. Load Resistance (
Ω)
10
8
6
4
2
0
–2
–4
–6
–8
–10
–100
–60
–40
0
–80
–20
–50
–30
–10
–90
–70
INPUT AMPLITUDE – dB
Figure 5. Gain Linearity (dB) vs. Input Amplitude (dB)
Typical Performance Data–AD1865


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn