Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

2N1480 Datasheet(Fiches technique) 1 Page - Microsemi Corporation

Numéro de pièce 2N1480
Description  NPN SILICON MEDIUM POWER TRANSISTOR
Télécharger  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  MICROSEMI [Microsemi Corporation]
Site Internet  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N1480 Datasheet(HTML) 1 Page - Microsemi Corporation

  2N1480 Datasheet HTML 1Page - Microsemi Corporation 2N1480 Datenblatt HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TECHNICAL DATA
NPN SILICON MEDIUM POWER TRANSISTOR
Qualified per MIL-PRF-19500/207
Devices
Qualified Level
2N1479
2N1480
2N1481
2N1482
MAXIMUM RATINGS
Ratings
Symbol
2N1479
2N1481
2N1480
2N1482
Unit
Collector-Emitter Voltage
VCEO
40
55
Vdc
Collector-Base Voltage
VCBO
60
100
Vdc
Emitter-Base Voltage
VEBO
12
Vdc
Collector Current
IC
1.5
Adc
Base-Current
IB
1.0
Adc
Total Power Dissipation @ TA = 25
0C
PT
1.0
W
Operating & Storage Junction Temperature Range
TJ, Tstg
-65 to +200
0C
THERMAL CHARACTERISTICS
Characteristics
Symbol
Max.
Unit
Thermal Resistance, Junction-to-Case
RθJC
35
0C/W
TO-5*
*See Appendix A for
Package Outline
ELECTRICAL CHARACTERISTICS (TA = 25
0C unless otherwise noted)
Characteristics
Symbol
Min.
Max.
Unit
OFF CHARACTERISTICS
Collector-Emitter Breakdown Voltage
IC = 50 mAdc
2N1479, 2N1481
2N1480, 2N1482
V(BR)CEO
40
55
Vdc
Collector-Emitter Breakdown Voltage
VEB = 1.5 Vdc, IC = 0.25 mAdc
2N1479, 2N1481
VEB = 1.5 Vdc, IC = 0.25 mAdc
2N1480, 2N1482
V(BR)CEX
60
100
Vdc
Collector-Base Cutoff Current
VCB = 30 Vdc
2N1479, 2N1481
VCB = 50 Vdc
2N1480, 2N1482
ICBO
5.0
5.0
µAdc
Emitter-Base Cutoff Current
VEB = 12 Vdc
IEBO
10
µAdc
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101
Page 1 of 2


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn