Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BZW04P10B Fiches technique(PDF) 3 Page - Shenzhen Luguang Electronic Technology Co., Ltd

No de pièce BZW04P10B
Description  Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Site Internet  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

BZW04P10B Fiches technique(HTML) 3 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  BZW04P10B Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd BZW04P10B Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd BZW04P10B Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd BZW04P10B Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Unidirectional
Bidirectional
Min
Max
BZW04P53
BZW04P53B
58.9
68.2
1.0
BZW04-53
BZW04-53B
58.9
65.1
1.0
BZW04P58
BZW04P58B
64.6
74.8
1.0
BZW04-58
BZW04-58B
64.6
71.4
1.0
BZW04P64
BZW04P64B
71.3
82.5
1.0
BZW04-64
BZW04-64B
71.3
78.8
1.0
BZW04P70
BZW04P70B
77.9
90.2
1.0
BZW04-70
BZW04-70B
77.9
86.1
1.0
BZW04P78
BZW04P78B
86.5
100
1.0
BZW04-78
BZW04-78B
86.5
95.5
1.0
BZW04P85
BZW04P85B
95.0
110
1.0
BZW04-85
BZW04-85B
95.0
105
1.0
BZW04P94
BZW04P94B
105.0
121
1.0
BZW04-94
BZW04-94B
105
116
1.0
BZW04P102
BZW04P102B
114
132
1.0
BZW04-102
BZW04-102B
114
126
1.0
BZW04P110
BZW04P110B
124
143
1.0
BZW04-110
BZW04-110B
124
137
1.0
BZW04P128
BZW04P128B
143
165
1.0
BZW04-128
BZW04-128B
143
158
1.0
BZW04P136
BZW04P136B
152
176
1.0
BZW04-136
BZW04-136B
152
168
1.0
BZW04P145
BZW04P145B
161
187
1.0
BZW04-145
BZW04-145B
161
179
1.0
BZW04P154
BZW04P154B
171
198
1.0
BZW04-154
BZW04-154B
171
189
1.0
BZW04P171
BZW04P171B
190
220
1.0
BZW04-171
BZW04-171B
190
210
1.0
BZW04P188
BZW04P188B
209
242
1.0
BZW04-188
BZW04-188B
209
231
1.0
BZW04P213
BZW04P213B
237
275
1.0
BZW04-213
BZW04-213B
237
263
1.0
BZW04P239
BZW04P239B
266
308
1.0
BZW04-239
BZW04-239B
266
294
1.0
BZW04P256
BZW04P256B
285
330
1.0
BZW04-256
BZW04-256B
285
315
1.0
BZW04P273
BZW04P273B
304
352
1.0
BZW04-273
BZW04-273B
304
336
1.0
BZW04P299
BZW04P299B
332
385
1.0
BZW04-299
BZW04-299B
332
368
1.0
BZW04P342
BZW04P342B
380
440
1.0
BZW04-342
BZW04-342B
380
420
1.0
BZW04P376
BZW04P376B
418
484
1.0
BZW04-376
BZW04-376B
418
462
1.0
0.110
376
1.0
0.80
603
0.110
376
1.0
0.80
603
Maximum
r
everse
l
eakge
at VWM
ID (NOTE3)(μA)
Maximum
p
eak pulse
IPPM(NOTE2)
(A)
Maximum
c
lamping
v
oltage at
IPPM VC(V)
Maximum
t
emperature
c
oefficient
of V(BR)
(%/ )
Breakdow n
v
oltage V(BR)
(V)(NOTE1)
Test
c
urrent
at IT
(mA)
273
1.0
213
1.0
102
1.0
1.0
Stand-off
v
oltage
VWM
(V)
0.110
273
1.0
1.20
438
0.110
256
1.0
1.20
414
0.110
239
1.0
1.5
384
256
1.0
1.20
414
0.108
128
1.0
0.110
2.0
207
0.108
1.0
1.5
274
111
1.0
1.5
344
136
1.0
1.8
219
128
1.0
207
179
0.107
0.107
0.108
165
0.107
1.0
1.5
274
1.0
219
2.2
179
2.0
111
1.0
0.107
1.0
2.4
165
0.107
1.0
2.6
2.4
2.9
1.4
103
154
1.0
1.6
246
102.0
94.0
152
1.0
1.0
1.0
1.5
85.0
53.0
1.0
4.7
85.0
92.0
92.0
103
85.5
53.0
58.1
58.1
64.1
64.1
85.5
70.1
70.1
78.0
1.0
1.0
1.0
1.0
1.0
1.8
2.2
2.9
1.0
1.0
1.0
1.0
1.0
1.0
4.3
4.3
3.9
1.0
137
152
3.5
3.5
3.2
3.2
2.6
113
113
125
0.110
344
0.110
239
1.0
1.5
384
0.110
213
1.0
301
234
234
1.4
1.7
1.6
246
301
1.7
0.108
0.108
0.108
0.108
0.108
0.108
0.108
0.108
0.108
0.104
0.104
0.104
0.105
0.104
0.105
0.105
0.105
0.105
94.0
0.105
0.106
0.106
0.107
125
1.0
137
ELECTRICAL CHARACTERISTICS a t(TA=25
unle ss otherw ise note d)
1.20
438
0.110
188
145
145
136
154
NOTE: (1) Pulse test: tp 50ms.
(2) Surge current w aveform per Fig. 3 and derated Fig. 2
(3) For bidirectional types having VWM of 10 volts and less, the ID limit is doubled
(4) All terms and symbols are consistent w ith ANSI/IEEE C62.35
Device type
299
1.0
0.90
188
171
171
78.0
3.9
4.7
482
0.110
299
1.0
0.90
482
0.110
0.110
342
1.0
0.90
548
0.110
342
1.0
0.90
548
BZW04P-5V8--BZW04-376
Transient Voltage Suppressor


Numéro de pièce similaire - BZW04P10B

FabricantNo de pièceFiches techniqueDescription
logo
DB Lectro Inc
BZW04P10B DBLECTRO-BZW04P10B Datasheet
293Kb / 1P
   MINI TYPE LED LAMPS
BZW04P10B DBLECTRO-BZW04P10B Datasheet
195Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 to 440 Volts 400 Watts Peak 1.0 Watt Steady Stae
logo
Galaxy Semi-Conductor H...
BZW04P10B BILIN-BZW04P10B Datasheet
113Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
BZW04P10B MDE-BZW04P10B Datasheet
74Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
BZW04P10B MDE-BZW04P10B Datasheet
200Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results

Description similaire - BZW04P10B

FabricantNo de pièceFiches techniqueDescription
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com