Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRL6342TRPBF Fiches technique(PDF) 1 Page - International Rectifier

No de pièce IRL6342TRPBF
Description  Battery operated DC motor inverter MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

IRL6342TRPBF Fiches technique(HTML) 1 Page - International Rectifier

  IRL6342TRPBF Datasheet HTML 1Page - International Rectifier IRL6342TRPBF Datasheet HTML 2Page - International Rectifier IRL6342TRPBF Datasheet HTML 3Page - International Rectifier IRL6342TRPBF Datasheet HTML 4Page - International Rectifier IRL6342TRPBF Datasheet HTML 5Page - International Rectifier IRL6342TRPBF Datasheet HTML 6Page - International Rectifier IRL6342TRPBF Datasheet HTML 7Page - International Rectifier IRL6342TRPBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
01/03/11
IRL6342PbF
HEXFET® Power MOSFET
Notes
 through „ are on page 2
Features and Benefits
www.irf.com
1
Applications
Battery operated DC motor inverter MOSFET
System/Load Switch
6
6
6
*




'
'
'
'




SO-8
Features
Resulting Benefits
Industry-Standard SO-8 Package
Multi-Vendor Compatibility
RoHS Compliant Containing no Lead, no Bromide and no Halogen
Environmentally Friendlier
MSL1, Consumer Qualification
Increased Reliability
VDS
30
V
VGS
±12
V
RDS(on) max
(@VGS = 4.5V)
14.6
m
Qg (typical)
11
nC
ID
(@TA = 25°C)
9.9
A
Absolute Maximum Ratings
Parameter
Units
VDS
Drain-to-Source Voltage
VGS
Gate-to-Source Voltage
ID @ TA = 25°C
Continuous Drain Current, VGS @ 4.5V
ID @ TA = 70°C
Continuous Drain Current, VGS @ 4.5V
IDM
Pulsed Drain Current
c
PD @TA = 25°C
Power Dissipation
e
PD @TA = 70°C
Power Dissipation
e
Linear Derating Factor
W/°C
TJ
Operating Junction and
TSTG
Storage Temperature Range
-55 to + 150
2.5
0.02
1.6
Max.
9.9
7.9
79
±12
30
V
A
W
°C
Note
Form
Quantity
IRL6342PBF
SO-8
Tube/Bulk
95
IRL6342TRPBF
SO-8
Tape and Reel
4000
Orderable part number
Package Type
Standard Pack
PD - 97617


Numéro de pièce similaire - IRL6342TRPBF

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRL6342PBF IRF-IRL6342PBF Datasheet
273Kb / 8P
   BATTERY OPERATED DC MOTOR INVERTER MOSFET
IRL6342PBF IRF-IRL6342PBF_15 Datasheet
273Kb / 8P
   BATTERY OPERATED DC MOTOR INVERTER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com