Moteur de recherche de fiches techniques de composants électroniques |
|
ADV7401WBSTZ-110 Fiches technique(PDF) 1 Page - Analog Devices |
|
ADV7401WBSTZ-110 Fiches technique(HTML) 1 Page - Analog Devices |
1 / 20 page 10-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer ADV7401 Rev. B Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners. One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781.329.4700 www.analog.com Fax: 781.461.3113 ©2005–2009 Analog Devices, Inc. All rights reserved. FEATURES Four 10-bit ADCs sampling up to 140 MHz (140 MHz speed grade only) 12 analog input channel mux SCART fast blank support Internal antialias filters NTSC/PAL/SECAM color standards support 525p-/625p-component progressive scan support 720p-/1080i-component HDTV support Digitizes RGB graphics up to 1280 × 1024 @ 75 Hz (SXGA) (140 MHz speed grade only) 24-bit digital input port supports data from DVI/HDMI Rx IC Any-to-any, 3 × 3 color-space conversion matrix Industrial temperature range (−40°C to +85°C) 12-bit 4:4:4/8-bit 4:2:2 DDR pixel output interface Programmable interrupt request output pin VBI data slicer (including teletext) APPLICATIONS LCD/DLP™ rear projection HDTVs PDP HDTVs CRT HDTVs LCD/DLP front projectors LCD TV (HDTV ready) HDTV STBs with PVR Hard-disk-based video recorders Multiformat scan converters DVD recorders with progressive scan input support AVR receiver GENERAL DESCRIPTION The ADV7401 is a high quality, single chip, multiformat video decoder and graphics digitizer. This multiformat decoder supports the conversion of PAL, NTSC, and SECAM standards in the form of composite or S-video into a digital ITU-R BT.656 format. The ADV7401 also supports the decoding of a component RGB/YPrPb video signal into a digital YCrCb or RGB pixel output stream. The support for component video includes standards such as 525i, 625i, 525p, 625p, 720p, 1080i, 1250i, and many other HD and SMPTE standards. Graphic digitization is also supported by the ADV7401; it is capable of digitizing RGB graphics signals from VGA to SXGA rates and converting them into a digital RGB or YCrCb pixel output stream. SCART and overlay functionality are enabled by the ADV7401’s ability to simultaneously process CVBS and standard definition RGB signals. The mixing of these signals is controlled by the fast blank pin. The ADV7401 contains two main processing sections. The first is the standard definition processor (SDP), which processes all PAL, NTSC, and SECAM signal types. The second is the component processor (CP), which processes YPrPb and RGB component formats, including RGB graphics. For more specific descriptions of the ADV7401 features, see the Detailed Functionality and Detailed Description sections. |
Numéro de pièce similaire - ADV7401WBSTZ-110 |
|
Description similaire - ADV7401WBSTZ-110 |