Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRF7324PBF Fiches technique(PDF) 2 Page - International Rectifier

No de pièce IRF7324PBF
Description  Trench Technology
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

IRF7324PBF Fiches technique(HTML) 2 Page - International Rectifier

  IRF7324PBF Datasheet HTML 1Page - International Rectifier IRF7324PBF Datasheet HTML 2Page - International Rectifier IRF7324PBF Datasheet HTML 3Page - International Rectifier IRF7324PBF Datasheet HTML 4Page - International Rectifier IRF7324PBF Datasheet HTML 5Page - International Rectifier IRF7324PBF Datasheet HTML 6Page - International Rectifier IRF7324PBF Datasheet HTML 7Page - International Rectifier IRF7324PBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IRF7324PbF
2
www.irf.com
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)

p-n junction diode.
VSD
Diode Forward Voltage
–––
––– -1.2
V
TJ = 25°C, IS = -2.0A, VGS = 0V
‚
trr
Reverse Recovery Time
–––
180 270
ns
TJ = 25°C, IF = -2.0A
Qrr
Reverse Recovery Charge
–––
300 450
nC
di/dt = -100A/µs
‚
Source-Drain Ratings and Characteristics
––– –––
––– –––
-71
-2.0
A
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
-20
–––
–––
V
VGS = 0V, ID = -250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
––– -0.02 –––
V/°C Reference to 25°C, ID = -1mA
––– ––– 0.018
VGS = -4.5V, ID = -9.0A
‚
––– ––– 0.026
VGS = -2.5V, ID = -7.7A
‚
VGS(th)
Gate Threshold Voltage
-0.45 ––– -1.0
V
VDS = VGS, ID = -250µA
gfs
Forward Transconductance
19
–––
–––
S
VDS = -10V, ID = -9.0A
––– ––– -1.0
VDS = -16V, VGS = 0V
––– –––
-25
VDS = -16V, VGS = 0V, TJ = 125°C
Gate-to-Source Forward Leakage
––– ––– -100
VGS = -12V
Gate-to-Source Reverse Leakage
––– –––
100
VGS = 12V
Qg
Total Gate Charge
–––
42
63
ID = -9.0A
Qgs
Gate-to-Source Charge
–––
7.1
11
nC
VDS = -16V
Qgd
Gate-to-Drain ("Miller") Charge
–––
12
18
VGS = -5.0V
td(on)
Turn-On Delay Time
–––
17
–––
VDD = -10V
tr
Rise Time
–––
36
–––
ID = -1.0A
td(off)
Turn-Off Delay Time
––– 170
–––
RG = 6.0Ω
tf
Fall Time
––– 190
–––
RD = 10Ω
‚
Ciss
Input Capacitance
––– 2940 –––
VGS = 0V
Coss
Output Capacitance
––– 630
–––
pF
VDS = -15V
Crss
Reverse Transfer Capacitance
––– 420
–––
ƒ = 1.0MHz
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
IGSS
µA
RDS(on)
Static Drain-to-Source On-Resistance
IDSS
Drain-to-Source Leakage Current
nA
ns
Notes:
 Repetitive rating; pulse width limited by
max. junction temperature.
‚ Pulse width ≤ 300µs; duty cycle ≤ 2%.
ƒ Surface mounted on FR-4 board, t ≤ 10sec.
S
D
G


Numéro de pièce similaire - IRF7324PBF

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRF7324PBF IRF-IRF7324PBF Datasheet
164Kb / 8P
   HEXFET Power MOSFET(-20V, 0.018ohm)
IRF7324PBF IRF-IRF7324PBF Datasheet
169Kb / 8P
   Ultra Low On-Resistance
IRF7324PBF-1 IRF-IRF7324PBF-1 Datasheet
191Kb / 8P
   Industry-standard pinout SO-8 Package
IRF7324PBF-1 IRF-IRF7324PBF-1_15 Datasheet
191Kb / 8P
   Industry-standard pinout SO-8 Package
IRF7324PBF IRF-IRF7324PBF_15 Datasheet
169Kb / 8P
   Ultra Low On-Resistance
More results

Description similaire - IRF7324PBF

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRF7328TRPBF IRF-IRF7328TRPBF Datasheet
175Kb / 8P
   Trench Technology
IRF7663TR IRF-IRF7663TR Datasheet
82Kb / 7P
   Trench Technology
IRF7530TR IRF-IRF7530TR Datasheet
105Kb / 8P
   Trench Technology
IRF7530TRPBF IRF-IRF7530TRPBF Datasheet
152Kb / 8P
   Trench Technology
IRF7241PBF IRF-IRF7241PBF_15 Datasheet
176Kb / 9P
   Trench Technology
IRF7607TRPBF IRF-IRF7607TRPBF Datasheet
149Kb / 8P
   Trench Technology
IRF7329TRPBF IRF-IRF7329TRPBF Datasheet
179Kb / 9P
   Trench Technology
logo
DONGGUAN YOU FENG WEI E...
15L65SP-TO277 YFWDIODE-15L65SP-TO277 Datasheet
825Kb / 3P
   Advanced trench technology
logo
Vishay Siliconix
VS-GT105LA120UX VISHAY-VS-GT105LA120UX Datasheet
190Kb / 9P
   Trench IGBT technology
Revision: 17-Oct-16
logo
Vincotech
V23990-K222-A-PM VINCOTECH-V23990-K222-A-PM Datasheet
2Mb / 17P
   Trench Fieldstop technology
More results


Html Pages

1 2 3 4 5 6 7 8