Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDN86246 Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce FDN86246
Description  N-Channel PowerTrench짰 MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDN86246 Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  FDN86246 Datasheet HTML 1Page - Fairchild Semiconductor FDN86246 Datasheet HTML 2Page - Fairchild Semiconductor FDN86246 Datasheet HTML 3Page - Fairchild Semiconductor FDN86246 Datasheet HTML 4Page - Fairchild Semiconductor FDN86246 Datasheet HTML 5Page - Fairchild Semiconductor FDN86246 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
©2010 Fairchild Semiconductor Corporation
FDN86246 Rev.C
www.fairchildsemi.com
1
December 2010
FDN86246
N-Channel PowerTrench® MOSFET
150 V, 1.6 A, 261 m
:
Features
„ Max rDS(on) = 261 m: at VGS = 10 V, ID = 1.6 A
„ Max rDS(on) = 359 m: at VGS = 6 V, ID = 1.4 A
„ High performance trench technology for extremely low rDS(on)
„ High power and current handling capability in a widely used
surface mount package
„ Fast switching speed
„ 100% UIL tested
„ RoHS Compliant
General Description
This
N-Channel
MOSFET
is
produced using Fairchild
Semiconductor‘s advanced Power Trench® process that has
been
optimized
for
rDS(on), switching performance and
ruggedness.
Application
„ PD Switch
MOSFET Maximum Ratings T
A = 25 °C unless otherwise noted
Thermal Characteristics
Package Marking and Ordering Information
Symbol
Parameter
Ratings
Units
VDS
Drain to Source Voltage
150
V
VGS
Gate to Source Voltage
±20
V
ID
-Continuous
(Note 1a)
1.6
A
-Pulsed
6
EAS
Single Pulse Avalanche Energy
(Note 3)
13
mJ
PD
Power Dissipation
(Note 1a)
1.5
W
Power Dissipation
(Note 1b)
0.6
TJ, TSTG
Operating and Storage Junction Temperature Range
-55 to +150
°C
RTJC
Thermal Resistance, Junction to Case
(Note 1)
75
°C/W
RTJA
Thermal Resistance, Junction to Ambient
(Note 1a)
80
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
246
FDN86246
SSOT-3
7 ’’
8 mm
3000 units


Numéro de pièce similaire - FDN86246

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDN86265P FAIRCHILD-FDN86265P Datasheet
270Kb / 7P
   P-Channel PowerTrench MOSFET
logo
TECH PUBLIC Electronics...
FDN86265P-TP TECHPUBLIC-FDN86265P-TP Datasheet
1Mb / 3P
   -150V,P-Channel Power Trench MOSFET
More results

Description similaire - FDN86246

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDS8978 FAIRCHILD-FDS8978_11 Datasheet
704Kb / 11P
   N-Channel PowerTrench짰 MOSFET
FDMS86350 FAIRCHILD-FDMS86350 Datasheet
253Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB8443_F085 FAIRCHILD-FDB8443_F085 Datasheet
621Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB8896_F085 FAIRCHILD-FDB8896_F085 Datasheet
216Kb / 11P
   N-Channel PowerTrench짰 MOSFET
FDBL9401_F085 FAIRCHILD-FDBL9401_F085 Datasheet
385Kb / 6P
   N-Channel PowerTrench짰 MOSFET
FDD770N15A FAIRCHILD-FDD770N15A Datasheet
639Kb / 10P
   N-Channel PowerTrench짰 MOSFET
FDMS7698 FAIRCHILD-FDMS7698 Datasheet
256Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB075N15A FAIRCHILD-FDB075N15A Datasheet
311Kb / 10P
   N-Channel PowerTrench짰 MOSFET
FDP100N10 FAIRCHILD-FDP100N10 Datasheet
454Kb / 8P
   N-Channel PowerTrench짰 MOSFET
FDD8444L FAIRCHILD-FDD8444L Datasheet
282Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDS8896 FAIRCHILD-FDS8896_07 Datasheet
622Kb / 12P
   N-Channel PowerTrench짰 MOSFET
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com