Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDC8601 Fiches technique(PDF) 4 Page - Fairchild Semiconductor

No de pièce FDC8601
Description  N-Channel Shielded Gate PowerTrench짰 MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDC8601 Fiches technique(HTML) 4 Page - Fairchild Semiconductor

  FDC8601 Datasheet HTML 1Page - Fairchild Semiconductor FDC8601 Datasheet HTML 2Page - Fairchild Semiconductor FDC8601 Datasheet HTML 3Page - Fairchild Semiconductor FDC8601 Datasheet HTML 4Page - Fairchild Semiconductor FDC8601 Datasheet HTML 5Page - Fairchild Semiconductor FDC8601 Datasheet HTML 6Page - Fairchild Semiconductor FDC8601 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.fairchildsemi.com
4
©2010 Fairchild Semiconductor Corporation
FDC8601 Rev. C1
Figure 7.
0
123
4
0
2
4
6
8
10
ID = 2.7 A
VDD = 50 V
VDD = 25 V
Qg, GATE CHARGE (nC)
VDD = 75 V
Gate Charge Characteristics
Figure 8.
0.1
1
10
100
1
10
100
300
f = 1 MHz
VGS = 0 V
VDS, DRAIN TO SOURCE VOLTAGE (V)
Crss
Coss
Ciss
Capacitance vs Drain
to Source Voltage
Figure9.
0.01
0.1
1
2
1
2
3
4
5
6
7
TJ = 100 oC
TJ = 25 oC
TJ = 125 oC
t
AV, TIME IN AVALANCHE (ms)
Unclamped Inductive
Switching Capability
Figure 10.
25
50
75
100
125
150
0.0
0.5
1.0
1.5
2.0
2.5
3.0
VGS = 6 V
RθJA = 78
o
C/W
VGS = 10 V
T
C
, Ambient TEMPERATURE (
o
C
)
Maximum Continuous Drain
Current vs Ambient Temperature
Figure 11.
0.1
1
10
100
400
0.001
0.01
0.1
1
10
20
10 s
100 us
10 ms
DC
1 s
100 ms
1 ms
VDS, DRAIN to SOURCE VOLTAGE (V)
THIS AREA IS
LIMITED BY r
DS(on)
SINGLE PULSE
TJ = MAX RATED
RθJA = 175
oC/W
TA = 25
oC
Forward Bias Safe
Operating Area
Figure 12.
10
-4
10
-3
10
-2
10
-1
110
100
1000
0.5
1
10
100
300
SINGLE PULSE
RθJA = 175
oC/W
TA = 25
oC
t, PULSE WIDTH (sec)
Single Pulse Maximum
Power Dissipation
Typical Characteristics T
J = 25 °C unless otherwise noted


Numéro de pièce similaire - FDC8601

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDC8602 FAIRCHILD-FDC8602 Datasheet
257Kb / 7P
   Dual N-Channel PowerTrench짰 MOSFET 100 V, 1.2 A, 350 m廓
More results

Description similaire - FDC8601

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDB86135 FAIRCHILD-FDB86135 Datasheet
214Kb / 9P
   N-Channel Shielded Gate PowerTrench짰 MOSFET
logo
ON Semiconductor
FDMC010N08C ONSEMI-FDMC010N08C Datasheet
612Kb / 7P
   N-Channel Shielded Gate PowerTrench짰 MOSFET
August, 2017, Rev. 1.0
NTMFS08N003C ONSEMI-NTMFS08N003C Datasheet
1Mb / 7P
   N-Channel Shielded Gate PowerTrench짰 MOSFET
June, 2017, Rev. 1.0
FDMS003N08C ONSEMI-FDMS003N08C Datasheet
1Mb / 7P
   N-Channel Shielded Gate PowerTrench짰 MOSFET
May, 2017, Rev. 1.0
FDD86250-F085 ONSEMI-FDD86250-F085 Datasheet
1Mb / 8P
   N-Channel Sheilded Gate PowerTrench짰 MOSFET
September, 2017, Rev. 1
logo
Fairchild Semiconductor
FDD86113LZ FAIRCHILD-FDD86113LZ Datasheet
244Kb / 6P
   N-Channel Shielded Gate PowerTrench짰 MOSFET 100 V, 5.5 A, 104 m廓
logo
ON Semiconductor
FDP4D5N10C ONSEMI-FDP4D5N10C Datasheet
1,023Kb / 8P
   N-Channel Shielded Gate PowerTrench짰 MOSFET 100 V, 128 A, 4.5 m廓
June, 2017, Rev. 1.0
FDP8D5N10C ONSEMI-FDP8D5N10C Datasheet
1,022Kb / 8P
   N-Channel Shielded Gate PowerTrench짰 MOSFET 100 V, 76 A, 8.5 m廓
May, 2017, Rev. 1.0
logo
Fairchild Semiconductor
FDS8978 FAIRCHILD-FDS8978_11 Datasheet
704Kb / 11P
   N-Channel PowerTrench짰 MOSFET
FDMS86350 FAIRCHILD-FDMS86350 Datasheet
253Kb / 7P
   N-Channel PowerTrench짰 MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com