Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BC856BQ-7-F Fiches technique(PDF) 1 Page - Diodes Incorporated

No de pièce BC856BQ-7-F
Description  PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR IN SOT23
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BC856BQ-7-F Fiches technique(HTML) 1 Page - Diodes Incorporated

  BC856BQ-7-F Datasheet HTML 1Page - Diodes Incorporated BC856BQ-7-F Datasheet HTML 2Page - Diodes Incorporated BC856BQ-7-F Datasheet HTML 3Page - Diodes Incorporated BC856BQ-7-F Datasheet HTML 4Page - Diodes Incorporated BC856BQ-7-F Datasheet HTML 5Page - Diodes Incorporated BC856BQ-7-F Datasheet HTML 6Page - Diodes Incorporated BC856BQ-7-F Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
BC856A – BC858C
Document Number: DS112072 Rev. 22 - 2
1 of 7
www.diodes.com
Feb. 2013
© Diodes Incorporated
BC856A-BC858C
PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR IN SOT23
Features
Ideally Suited for Automatic Insertion
Complementary NPN Types Available (BC846 – BC848)
For switching and AF Amplifier Applications
Totally Lead-Free & Fully RoHS compliant (Notes 1 & 2)
Halogen and Antimony Free. "Green" Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
PPAP capable (Note 4)
Mechanical Data
Case: SOT23
Case material: molded plastic, “Green” molding compound
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish – Matte Tin Plated Leads, Solderable per
MIL-STD-202, Method 208
Weight: 0.008 grams (Approximate)
Ordering Information (Notes 4 & 5)
Product
Compliance Marking
Reel size
(inches)
Quantity per
reel
BC856A-7-F
AEC-Q101
K3A
7
3,000
BC856B-7-F
AEC-Q101
K3B
7
3,000
BC856BQ-7-F
Automotive
K3B
7
3,000
BC856B-13-F
AEC-Q101
K3B
13
10,000
BC856BQ-13-F
Automotive
K3B
13
10,000
BC857A-7-F
AEC-Q101
K3A
7
3,000
BC857B-7-F
AEC-Q101
K3B
7
3,000
BC857BQ-7-F
Automotive
K3B
7
3,000
BC857B-13-F
AEC-Q101
K3B
13
10,000
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen and Antimony free, "Green"
and Lead-Free.
3. Halogen and Antimony free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl)
and <1000ppm antimony compounds.
4. Automotive products are AEC-Q101 qualified and are PPAP capable. Automotive, AEC-Q101 and standard products are electrically and thermally
the same, except where specified. For more information, please refer to http://www.diodes.com/quality/product_compliance_definitions/.
5. Tape width is 8mm. For packaging details, go to our website at http”//www.diodes.com/products/packages.html
Marking Information
Date Code Key
Year
2010
2011
2012
2013
2014
2015
2016
2017
Code
X
Y
Z
A
B
C
D
E
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Product
Compliance
Marking
Reel size
(inches)
Quantity per
reel
BC857C-7-F
AEC-Q101
K3G
7
3,000
BC857C-13-F
AEC-Q101
K3G
13
10,000
BC858A-7-F
AEC-Q101
K3A
7
3,000
BC858B-7-F
AEC-Q101
K3B
7
3,000
BC858C-7-F
AEC-Q101
K3G
7
3,000
C
E
B
Top View
SOT23
Device Symbol
Top View
Pin-Out
xxx = Product Type Marking Code
(Please see Ordering Information)
YM = Date Code Marking
Y = Year ex: X = 2010
M = Month ex: 9 = September
xxx


Numéro de pièce similaire - BC856BQ-7-F

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
BC856BQ-7-F DIODES-BC856BQ-7-F Datasheet
382Kb / 7P
   PNP SMALL SIGNAL TRANSISTOR IN SOT23
November 2019 Rev. 1 - 2
More results

Description similaire - BC856BQ-7-F

FabricantNo de pièceFiches techniqueDescription
logo
Bruckewell Technology L...
BC856A BWTECH-BC856A Datasheet
405Kb / 5P
   PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR IN SOT23
logo
Diodes Incorporated
MMBT4403 DIODES-MMBT4403_15 Datasheet
155Kb / 6P
   40V PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR IN SOT23
MMBTA55 DIODES-MMBTA55_15 Datasheet
471Kb / 7P
   PNP SMALL SIGNAL TRANSISTOR IN SOT23
AC857BQ DIODES-AC857BQ Datasheet
433Kb / 7P
   PNP SMALL SIGNAL TRANSISTOR IN SOT23
BC856AQ DIODES-BC856AQ Datasheet
382Kb / 7P
   PNP SMALL SIGNAL TRANSISTOR IN SOT23
November 2019 Rev. 1 - 2
BC856A DIODES-BC856A_15 Datasheet
359Kb / 7P
   PNP SMALL SIGNAL TRANSISTOR IN SOT23
BC846A DIODES-BC846A_11 Datasheet
148Kb / 6P
   NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR IN SOT23
logo
Bruckewell Technology L...
BC846A BWTECH-BC846A Datasheet
388Kb / 5P
   NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR IN SOT23
logo
Diodes Incorporated
MMBT2907A DIODES-MMBT2907A_15 Datasheet
389Kb / 7P
   60V PNP SMALL SIGNAL TRANSISTOR IN SOT23
MMBT5401 DIODES-MMBT5401_15 Datasheet
313Kb / 7P
   150V PNP SMALL SIGNAL TRANSISTOR IN SOT23
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com