Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FAN5037M Fiches technique(PDF) 4 Page - Fairchild Semiconductor

No de pièce FAN5037M
Description  Adjustable Switching Regulator Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5037M Fiches technique(HTML) 4 Page - Fairchild Semiconductor

  FAN5037M Datasheet HTML 1Page - Fairchild Semiconductor FAN5037M Datasheet HTML 2Page - Fairchild Semiconductor FAN5037M Datasheet HTML 3Page - Fairchild Semiconductor FAN5037M Datasheet HTML 4Page - Fairchild Semiconductor FAN5037M Datasheet HTML 5Page - Fairchild Semiconductor FAN5037M Datasheet HTML 6Page - Fairchild Semiconductor FAN5037M Datasheet HTML 7Page - Fairchild Semiconductor FAN5037M Datasheet HTML 8Page - Fairchild Semiconductor FAN5037M Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
FAN5037
PRODUCT SPECIFICATION
4
REV. 1.0.3 9/26/01
Typical Operating Characteristics
(VCCA = 5V, and TA = +25
°C using circuit in Figure 1, unless otherwise noted)
Output Current (A)
Output Voltage vs. Load
02
4
6
8
Output Voltage vs. Temperature, IOUT = 10A
Nom.
+0.25
+0.50
-0.25
-0.50
025
50
75
10
+1.0
+0.5
Nom
-0.5
-1.0
-1.5
+1.5
100
125
Transient Response, 0.5 to 5.5A
Time (100
µs/division)
Output Ripple, IOUT = 10A)
Time (2
µs/division)
Efficiency vs. Output Current
95
94
93
92
91
90
89
88
87
86
85
12
3
4
5
Output Current
67
8
9
10


Numéro de pièce similaire - FAN5037M

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN5037M FAIRCHILD-FAN5037M Datasheet
106Kb / 11P
   Adjustable Switching Regulator Controller
FAN5037MX FAIRCHILD-FAN5037MX Datasheet
106Kb / 11P
   Adjustable Switching Regulator Controller
More results

Description similaire - FAN5037M

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN5037 FAIRCHILD-FAN5037 Datasheet
101Kb / 11P
   Adjustable Switching Regulator Controller
RC5037 FAIRCHILD-RC5037 Datasheet
81Kb / 12P
   Adjustable Switching Regulator Controller
FAN5037MX FAIRCHILD-FAN5037MX Datasheet
106Kb / 11P
   Adjustable Switching Regulator Controller
logo
Fujitsu Component Limit...
MB3775 FUJITSU-MB3775 Datasheet
485Kb / 25P
   SWITCHING REGULATOR CONTROLLER
logo
Seiko Instruments Inc
S-8533A125FT-TB-X SII-S-8533A125FT-TB-X Datasheet
1Mb / 33P
   SWITCHING REGULATOR CONTROLLER
logo
Agamem Microelectronic ...
AA18380 AGAMEM-AA18380 Datasheet
489Kb / 14P
   Switching Regulator Controller
logo
Fujitsu Component Limit...
MB3776A FUJITSU-MB3776A Datasheet
148Kb / 16P
   Switching Regulator Controller
MB3788 FUJITSU-MB3788 Datasheet
750Kb / 21P
   SWITCHING REGULATOR CONTROLLER
logo
Hitachi Semiconductor
HA17524P HITACHI-HA17524P Datasheet
88Kb / 18P
   Switching Regulator Controller
logo
Fujitsu Component Limit...
MB3769A FUJITSU-MB3769A_06 Datasheet
938Kb / 29P
   SWITCHING REGULATOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com