Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

4N25 Fiches technique(PDF) 2 Page - Fairchild Semiconductor

No de pièce 4N25
Description  GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

4N25 Fiches technique(HTML) 2 Page - Fairchild Semiconductor

  4N25 Datasheet HTML 1Page - Fairchild Semiconductor 4N25 Datasheet HTML 2Page - Fairchild Semiconductor 4N25 Datasheet HTML 3Page - Fairchild Semiconductor 4N25 Datasheet HTML 4Page - Fairchild Semiconductor 4N25 Datasheet HTML 5Page - Fairchild Semiconductor 4N25 Datasheet HTML 6Page - Fairchild Semiconductor 4N25 Datasheet HTML 7Page - Fairchild Semiconductor 4N25 Datasheet HTML 8Page - Fairchild Semiconductor 4N25 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
5/7/03
4N25
4N26
4N27
4N28
4N35
4N36
4N37
H11A1
H11A2
H11A3
H11A4
H11A5
GENERAL PURPOSE 6-PIN
PHOTOTRANSISTOR OPTOCOUPLERS
Page 2 of 15
© 2003 Fairchild Semiconductor Corporation
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Value
Units
TOTAL DEVICE
Storage Temperature
TSTG
-55 to +150
°C
Operating Temperature
TOPR
-55 to +100
°C
Wave solder temperature (see page 14 for reflow solder profiles)
TSOL
260 for 10 sec
°C
Total Device Power Dissipation @ TA = 25°C
Derate above 25°C
PD
250
mW
3.3 (non-M), 2.94 (-M)
EMITTER
DC/Average Forward Input Current
IF
100 (non-M), 60 (-M)
mA
Reverse Input Voltage
VR
6V
Forward Current - Peak (300µs, 2% Duty Cycle)
IF(pk)
3A
LED Power Dissipation @ TA = 25°C
Derate above 25°C
PD
150 (non-M), 120 (-M)
mW
2.0 (non-M), 1.41 (-M)
mW/°C
DETECTOR
Collector-Emitter Voltage
VCEO
30
V
Collector-Base Voltage
VCBO
70
V
Emitter-Collector Voltage
VECO
7V
Detector Power Dissipation @ TA = 25°C
Derate above 25°C
PD
150
mW
2.0 (non-M), 1.76 (-M)
mW/°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn