Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

4N25 Fiches technique(PDF) 12 Page - Fairchild Semiconductor

No de pièce 4N25
Description  GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

4N25 Fiches technique(HTML) 12 Page - Fairchild Semiconductor

Back Button 4N25 Datasheet HTML 7Page - Fairchild Semiconductor 4N25 Datasheet HTML 8Page - Fairchild Semiconductor 4N25 Datasheet HTML 9Page - Fairchild Semiconductor 4N25 Datasheet HTML 10Page - Fairchild Semiconductor 4N25 Datasheet HTML 11Page - Fairchild Semiconductor 4N25 Datasheet HTML 12Page - Fairchild Semiconductor 4N25 Datasheet HTML 13Page - Fairchild Semiconductor 4N25 Datasheet HTML 14Page - Fairchild Semiconductor 4N25 Datasheet HTML 15Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
5/7/03
4N25
4N26
4N27
4N28
4N35
4N36
4N37
H11A1
H11A2
H11A3
H11A4
H11A5
GENERAL PURPOSE 6-PIN
PHOTOTRANSISTOR OPTOCOUPLERS
Page 12 of 15
© 2003 Fairchild Semiconductor Corporation
ORDERING INFORMATION
MARKING INFORMATION
Order Entry Identifier
Black Package (No Suffix)
White Package (-M Suffix)
Option
.S
S
Surface Mount Lead Bend
.SD
SR2
Surface Mount; Tape and reel
.W
T
0.4" Lead Spacing
.300
V
VDE 0884
.300W
TV
VDE 0884, 0.4" Lead Spacing
.3S
SV
VDE 0884, Surface Mount
.3SD
SR2V
VDE 0884, Surface Mount, Tape & Reel
4N25
V XX YY K
Black Package, No Suffix
1
2
6
4
3
5
4N25
V
X YY Q
White Package, -M Suffix
1
2
6
4
3
5
*Note – Parts built in the white package (M suffix) that do not have the ‘V’ option (see
definition 3 above) that are marked with date code ‘325’ or earlier are marked in the
portrait format.
Definitions
1
Fairchild logo
2
Device number
3
VDE mark (Note: Only appears on parts ordered with VDE
option – See order entry table)
4
One or two digit year code
• Two digits for black package parts, e.g., ‘03’
• One digit for white package parts, e.g., ‘3’
5
Two digit work week ranging from ‘01’ to ‘53’
6
Assembly package code


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn