Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

4N25 Fiches technique(PDF) 6 Page - Fairchild Semiconductor

No de pièce 4N25
Description  GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

4N25 Fiches technique(HTML) 6 Page - Fairchild Semiconductor

Back Button 4N25 Datasheet HTML 2Page - Fairchild Semiconductor 4N25 Datasheet HTML 3Page - Fairchild Semiconductor 4N25 Datasheet HTML 4Page - Fairchild Semiconductor 4N25 Datasheet HTML 5Page - Fairchild Semiconductor 4N25 Datasheet HTML 6Page - Fairchild Semiconductor 4N25 Datasheet HTML 7Page - Fairchild Semiconductor 4N25 Datasheet HTML 8Page - Fairchild Semiconductor 4N25 Datasheet HTML 9Page - Fairchild Semiconductor 4N25 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
5/7/03
4N25
4N26
4N27
4N28
4N35
4N36
4N37
H11A1
H11A2
H11A3
H11A4
H11A5
GENERAL PURPOSE 6-PIN
PHOTOTRANSISTOR OPTOCOUPLERS
Page 6 of 15
© 2003 Fairchild Semiconductor Corporation
TYPICAL PERFORMANCE CURVES
Fig.3 Normalized CTR vs. Forward Current
(Black Package)
Fig.4 Normalized CTR vs. Forward Current
(White Package)
IF - FORWARD CURRENT (mA)
IF - FORWARD CURRENT (mA)
0
5
10
15
20
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
VCE = 5.0V
TA = 25°C
0
2
4
6
8
10
12
14
16
18
20
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
VCE = 5.0V
TA = 25°C
Normalized to
IF = 10 mA
Fig. 5 Normalized CTR vs. Ambient Temperature
(Black Package)
Fig. 6 Normalized CTR vs. Ambient Temperature
(White Package)
-75
-50
-25
0
25
50
75
100
125
0.4
0.6
0.8
1.0
1.2
1.4
1.6
Normalized to
IF = 10 mA
TA = 25°C
IF = 10 mA
IF = 20 mA
TA - AMBIENT TEMPERATURE (°C)
TA - AMBIENT TEMPERATURE (°C)
-60
-40
-20
0
20
40
60
80
100
0.2
0.4
0.6
0.8
1.0
1.2
1.4
IF = 5 mA
IF = 5 mA
IF = 10 mA
IF = 20 mA
Normalized to
IF = 10 mA
TA = 25°C
Normalized to
IF = 10 mA
IF - LED FORWARD CURRENT (mA)
Fig. 2 LED Forward Voltage vs. Forward Current
(White Package)
1
10
100
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
TA = 25°C
TA = -55°C
TA = 100°C
IF - LED FORWARD CURRENT (mA)
Fig. 1 LED Forward Voltage vs. Forward Current
(Black Package)
1
10
100
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
TA = 25°C
TA = -55°C
TA = 100°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn