Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

4N25 Fiches technique(PDF) 3 Page - Fairchild Semiconductor

No de pièce 4N25
Description  GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

4N25 Fiches technique(HTML) 3 Page - Fairchild Semiconductor

  4N25 Datasheet HTML 1Page - Fairchild Semiconductor 4N25 Datasheet HTML 2Page - Fairchild Semiconductor 4N25 Datasheet HTML 3Page - Fairchild Semiconductor 4N25 Datasheet HTML 4Page - Fairchild Semiconductor 4N25 Datasheet HTML 5Page - Fairchild Semiconductor 4N25 Datasheet HTML 6Page - Fairchild Semiconductor 4N25 Datasheet HTML 7Page - Fairchild Semiconductor 4N25 Datasheet HTML 8Page - Fairchild Semiconductor 4N25 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
5/7/03
Page 3 of 15
© 2003 Fairchild Semiconductor Corporation
GENERAL PURPOSE 6-PIN
PHOTOTRANSISTOR OPTOCOUPLERS
4N25
4N26
4N27
4N28
4N35
4N36
4N37
H11A1
H11A2
H11A3
H11A4
H11A5
Note
* Typical values at TA = 25°C
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
INDIVIDUAL COMPONENT CHARACTERISTICS
Parameter
Test Conditions
Symbol
Min
Typ*
Max
Unit
EMITTER
Input Forward Voltage
(IF = 10 mA)
VF
1.18
1.50
V
Reverse Leakage Current
(VR = 6.0 V)
IR
0.001
10
µA
DETECTOR
Collector-Emitter Breakdown Voltage
(IC = 1.0 mA, IF = 0)
BVCEO
30
100
V
Collector-Base Breakdown Voltage
(IC = 100 µA, IF = 0)
BVCBO
70
120
V
Emitter-Collector Breakdown Voltage
(IE = 100 µA, IF = 0)
BVECO
710
V
Collector-Emitter Dark Current
(VCE = 10 V, IF = 0)
ICEO
1
50
nA
Collector-Base Dark Current
(VCB = 10 V)
ICBO
20
nA
Capacitance
(VCE = 0 V, f = 1 MHz)
CCE
8pF
ISOLATION CHARACTERISTICS
Characteristic
Test Conditions
Symbol
Min
Typ*
Max
Units
Input-Output Isolation Voltage
(Non ‘-M’, Black Package) (f = 60 Hz, t = 1 min)
VISO
5300
Vac(rms)
(‘-M’, White Package) (f = 60 Hz, t = 1 sec)
7500
Vac(pk)
Isolation Resistance
(VI-O = 500 VDC)
RISO
1011
Isolation Capacitance
(VI-O = &, f = 1 MHz)
CISO
0.5
pF
(‘-M’ White Package)
0.2
2
pF


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn