Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

6-104074-9 Fiches technique(PDF) 2 Page - Tyco Electronics

No de pièce 6-104074-9
Description  AMPMODU System 50 Connectors
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MACOM [Tyco Electronics]
Site Internet  http://www.macom.com
Logo MACOM - Tyco Electronics

6-104074-9 Fiches technique(HTML) 2 Page - Tyco Electronics

  6-104074-9 Datasheet HTML 1Page - Tyco Electronics 6-104074-9 Datasheet HTML 2Page - Tyco Electronics 6-104074-9 Datasheet HTML 3Page - Tyco Electronics 6-104074-9 Datasheet HTML 4Page - Tyco Electronics 6-104074-9 Datasheet HTML 5Page - Tyco Electronics 6-104074-9 Datasheet HTML 6Page - Tyco Electronics 6-104074-9 Datasheet HTML 7Page - Tyco Electronics 6-104074-9 Datasheet HTML 8Page - Tyco Electronics 6-104074-9 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 60 page
background image
26
Catalog 1307819
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 8-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Thru-Hole Headers––Shrouded, .050 x .100 [1.27 x 2.54] Centerline,
Board-to-Board
AMPMODU Interconnection System
3
Product Facts
High density; contacts
spaced on .050 x .100
[1.27 x 2.54] centers
Single row; select sizes 4
thru 50 positions
Double row; select sizes 10
thru 100 positions
Stand-offs for ease of
cleaning
High temperature tolerant
thermoplastic housings
Shrouded and unshrouded
headers available in single
and double row, vertical
and right-angle
configurations
The AMPMODU System 50
interconnection system is
designed to better meet
industry’s need for a high
density interconnect
system. The Board
Mounted Thru-Hole
Headers are available in
shrouded and unshrouded
versions. They are
composed of single and
double row post headers
with .050 x .100
[1.27 x 2.54] spacing
between contacts for
extreme density and
efficient use of printed
circuit board area. The
headers are available in
4 through 50 positions, in
a single row configuration,
and 10 through 100
positions, in a double row
design.
Board mounted post
headers are available in
right-angle and vertical
configurations. Shrouded
post headers provide
polarization and alignment
features for mating printed
circuit boards and cable
connectors, while
unshrouded headers allow
close stacking of daughter
cards. Housings for the
headers are made of black
thermoplastic material with
a 94V-0 rating. The
housings have stand-offs
for free drainage of flux
cleaning solutions.


Numéro de pièce similaire - 6-104074-9

FabricantNo de pièceFiches techniqueDescription
logo
Tyco Electronics
6-104074-9 MACOM-6-104074-9 Datasheet
193Kb / 1P
   HEADER ASSEMBLY, RIGHT ANGLE SINGLE ROW, W/SIDE & END LATCHES AMPMODU SYSTEM 50
More results

Description similaire - 6-104074-9

FabricantNo de pièceFiches techniqueDescription
logo
Tyco Electronics
6-103916-1 MACOM-6-103916-1 Datasheet
120Kb / 1P
   HEADER ASSEMBLY, VERTICAL, UNSHROUDED, AMPMODU System 50
103309-1 MACOM-103309-1 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-102974-0 MACOM-1-102974-0 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
4-146260-0 MACOM-4-146260-0 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-146139-5 MACOM-1-146139-5 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-146134-7 MACOM-1-146134-7 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-146261-7 MACOM-1-146261-7 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
5-1375582-7 MACOM-5-1375582-7 Datasheet
4Mb / 98P
   AMPMODU Interconnection System
6-104178-1 MACOM-6-104178-1 Datasheet
136Kb / 1P
   HEADER ASSEMBLY, VERTICAL, UNSHROUDED, SINGLE ROW, AMPMODU System 50
5-103673-6 MACOM-5-103673-6 Datasheet
633Kb / 6P
   AMPMODU MTE Interconnect System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com