Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2-111196-6 Fiches technique(PDF) 10 Page - Tyco Electronics

No de pièce 2-111196-6
Description  Ribbon Cable Interconnect Solutions
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MACOM [Tyco Electronics]
Site Internet  http://www.macom.com
Logo MACOM - Tyco Electronics

2-111196-6 Fiches technique(HTML) 10 Page - Tyco Electronics

Back Button 2-111196-6 Datasheet HTML 6Page - Tyco Electronics 2-111196-6 Datasheet HTML 7Page - Tyco Electronics 2-111196-6 Datasheet HTML 8Page - Tyco Electronics 2-111196-6 Datasheet HTML 9Page - Tyco Electronics 2-111196-6 Datasheet HTML 10Page - Tyco Electronics 2-111196-6 Datasheet HTML 11Page - Tyco Electronics 2-111196-6 Datasheet HTML 12Page - Tyco Electronics 2-111196-6 Datasheet HTML 13Page - Tyco Electronics 2-111196-6 Datasheet HTML 14Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 100 page
background image
10
Catalog 82012
Dimensions are shown for
Dimensions are in inches
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
and millimeters unless
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
otherwise specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
System 50 Board-to-Board Connectors, Through-Hole Headers
Ribbon Cable Interconnect Solutions
Shrouded,
Double Row
Vertical
Material and Finish
Housing — Black thermoplastic,
UL 94V-0 rated
Contacts — Copper alloy, plated
.000030 [0.00076] gold in mating area,
.000150 [0.00381] tin on solder posts,
with entire contact underplated .000050
[0.00127] nickel
Related Product Data
Mateable Receptacles — page 9
Technical Documents
Product Specification
108-1093
Application Specification
114-25031
No. of
Dim.
Part
Positions
A
Number
.380
10
9.65
5-104068-2
.430
12
10.92
5-104068-8
.480
14
12.19
5-104068-9
.530
16
13.46
6-104068-0
.630
20
16.00
5-104068-1
.730
24
18.54
6-104068-1
.780
26
19.81
6-104068-2
.880
30
22.35
5-104068-3
No. of
Dim.
Part
Positions
A
Number
.980
34
24.89
6-104068-3
1.130
40
28.70
5-104068-4
1.230
44
31.24
6-104068-4
1.380
50
35.05
5-104068-5
1.630
60
41.40
5-104068-6
1.830
68
46.48
6-104068-8
1.930
72
49.02
6-104068-5
2.130
80
54.10
6-104068-6
2.630
100
66.80
6-104068-7
**Point of measurement for gold thickness.
**Circuit identification feature omitted on 8, 10, 12 and 14
position headers.
Note: All part numbers are RoHS compliant.
.284
[7.21]
.100
[2.54]
.100
[2.54]
.092
[2.34]
.390
[9.91]
A
.015
[0.38]
.344
[8.74]
.060
[1.52]
2 Plc.
.055*
[1.40]
.050
[1.27] Typ.
Circuit Identification
Feature**


Numéro de pièce similaire - 2-111196-6

FabricantNo de pièceFiches techniqueDescription
logo
Tyco Electronics
2-111196-6 MACOM-2-111196-6 Datasheet
287Kb / 2P
   AMP-LATCH SYSTEM 50, RECEPTACLE ASSEMBLY
2-111196-6 MACOM-2-111196-6 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
2-111196-6 MACOM-2-111196-6 Datasheet
3Mb / 100P
   Ribbon Cable Connector Selection Guide
More results

Description similaire - 2-111196-6

FabricantNo de pièceFiches techniqueDescription
logo
Tyco Electronics
2-1437006-1 MACOM-2-1437006-1 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
609-2631HD MACOM-609-2631HD Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
1-5102154-0 MACOM-1-5102154-0 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
609-2600M MACOM-609-2600M Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
499252-2 MACOM-499252-2 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect
logo
Molex Electronics Ltd.
79610-5000 MOLEX-79610-5000 Datasheet
548Kb / 4P
   MicroTCA Interconnect Solutions
logo
Lumberg
7200 LUMBERG-7200 Datasheet
706Kb / 3P
   Press-fit interconnect solutions
7201 LUMBERG-7201 Datasheet
697Kb / 3P
   Press-fit interconnect solutions
logo
TE Connectivity Ltd
1-1773871-5 TEC-1-1773871-5 Datasheet
5Mb / 8P
   INTERNAL CABLED INTERCONNECT SOLUTIONS
logo
ITT Industries
TNM6S10-0004P1L ITT-TNM6S10-0004P1L Datasheet
5Mb / 96P
   Interconnect Solutions Cannon, VEAM, BIW
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com