Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRLR-U2905PBF Fiches technique(PDF) 6 Page - International Rectifier

No de pièce IRLR-U2905PBF
Description  Advanced Process Technology
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

IRLR-U2905PBF Fiches technique(HTML) 6 Page - International Rectifier

Back Button IRLR-U2905PBF Datasheet HTML 2Page - International Rectifier IRLR-U2905PBF Datasheet HTML 3Page - International Rectifier IRLR-U2905PBF Datasheet HTML 4Page - International Rectifier IRLR-U2905PBF Datasheet HTML 5Page - International Rectifier IRLR-U2905PBF Datasheet HTML 6Page - International Rectifier IRLR-U2905PBF Datasheet HTML 7Page - International Rectifier IRLR-U2905PBF Datasheet HTML 8Page - International Rectifier IRLR-U2905PBF Datasheet HTML 9Page - International Rectifier IRLR-U2905PBF Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
IRLR/U2905PbF
6
www.irf.com
QG
QGS
QGD
VG
Charge
D.U.T.
VDS
ID
IG
3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
+
-
10 V
Fig 13b. Gate Charge Test Circuit
Fig 13a. Basic Gate Charge Waveform
Fig 12c. Maximum Avalanche Energy
Vs. Drain Current
Fig 12b. Unclamped Inductive Waveforms
Fig 12a. Unclamped Inductive Test Circuit
tp
V(BR)DSS
IAS
RG
IAS
0.01
tp
D.U.T
L
VDS
+
- VDD
DRIVER
A
15V
20V
0
100
200
300
400
500
25
50
75
100
125
150
175
J
A
Starting T , Junction Temperature (°C)
I
TOP
10A
17A
BOTTOM 25A
V
= 25V
D
DD


Numéro de pièce similaire - IRLR-U2905PBF

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRLR/U120NPBF IRF-IRLR/U120NPBF Datasheet
299Kb / 11P
   Surface Mount (IRLR120N)
logo
Fairchild Semiconductor
IRLR/U230A FAIRCHILD-IRLR/U230A Datasheet
231Kb / 7P
   Advanced Power MOSFET
logo
International Rectifier
IRLR/U2703 IRF-IRLR/U2703 Datasheet
173Kb / 10P
   POWER MOSFET
IRLR/U2705 IRF-IRLR/U2705 Datasheet
193Kb / 10P
   HEXFET POWER MOSFET
IRLR/U2905 IRF-IRLR/U2905 Datasheet
135Kb / 10P
   HEXFET Power MOSFET
More results

Description similaire - IRLR-U2905PBF

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com