Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI4403BD Fiches technique(PDF) 5 Page - Vishay Siliconix

No de pièce SI4403BD
Description  P-Channel 1.8-V (G-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4403BD Fiches technique(HTML) 5 Page - Vishay Siliconix

  SI4403BD Datasheet HTML 1Page - Vishay Siliconix SI4403BD Datasheet HTML 2Page - Vishay Siliconix SI4403BD Datasheet HTML 3Page - Vishay Siliconix SI4403BD Datasheet HTML 4Page - Vishay Siliconix SI4403BD Datasheet HTML 5Page - Vishay Siliconix SI4403BD Datasheet HTML 6Page - Vishay Siliconix SI4403BD Datasheet HTML 7Page - Vishay Siliconix SI4403BD Datasheet HTML 8Page - Vishay Siliconix SI4403BD Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Document Number: 72268
S09-0705-Rev. C, 27-Apr-09
www.vishay.com
5
Vishay Siliconix
Si4403BDY
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and
reliability data, see www.vishay.com/ppg?72268.
Normalized Thermal Transient Impedance, Junction-to-Foot
10-3
10-2
110
10-1
10-4
2
1
0.1
0.01
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Square Wave Pulse Duration (s)


Numéro de pièce similaire - SI4403BD

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI4403BDY VISHAY-SI4403BDY Datasheet
53Kb / 5P
   P-Channel 1.8-V (G-S) MOSFET
Rev. A, 07-Jul-03
SI4403BDY-T1 VISHAY-SI4403BDY-T1 Datasheet
53Kb / 5P
   P-Channel 1.8-V (G-S) MOSFET
Rev. A, 07-Jul-03
logo
VBsemi Electronics Co.,...
SI4403BDY-T1-E3 VBSEMI-SI4403BDY-T1-E3 Datasheet
1Mb / 9P
   P-Channel 20-V (D-S) MOSFET
More results

Description similaire - SI4403BD

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI1305DL VISHAY-SI1305DL Datasheet
42Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. C, 07-Apr-03
SI2311DS-T1-E3 VISHAY-SI2311DS-T1-E3 Datasheet
214Kb / 8P
   P-Channel 1.8-V (G-S) MOSFET
Rev. B, 24-Mar-08
SI1407DL-T1 VISHAY-SI1407DL-T1 Datasheet
80Kb / 5P
   P-Channel 1.8-V (G-S) MOSFET
Rev. D, 12-Jun-06
SI4465ADY VISHAY-SI4465ADY Datasheet
216Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. A, 01-Jan-07
SI6467BDQ VISHAY-SI6467BDQ_05 Datasheet
196Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. B, 12-Dec-05
SI1307DL VISHAY-SI1307DL Datasheet
68Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. A, 01-Nov-99
SI1407DL VISHAY-SI1407DL Datasheet
64Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. C, 17-Jul-00
SI1305DL VISHAY-SI1305DL_08 Datasheet
109Kb / 5P
   P-Channel 1.8-V (G-S) MOSFET
S-51075-Rev. D, 13-Jun-05
logo
Leshan Radio Company
LSI1013XT1G LRC-LSI1013XT1G Datasheet
371Kb / 6P
   P-Channel 1.8-V (G-S) MOSFET
logo
Vishay Siliconix
SI6467BDQ-T1-E3 VISHAY-SI6467BDQ-T1-E3 Datasheet
208Kb / 11P
   P-Channel 1.8-V (G-S) MOSFET
Rev. D, 31-Mar-08
SI2315BDS VISHAY-SI2315BDS_V01 Datasheet
181Kb / 8P
   P-Channel 1.8-V (G-S) MOSFET
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com