Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LCX00 Fiches technique(PDF) 4 Page - Fairchild Semiconductor

No de pièce 74LCX00
Description  Low Voltage Quad 2-Input NAND Gate with 5V Tolerant Inputs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCX00 Fiches technique(HTML) 4 Page - Fairchild Semiconductor

  74LCX00 Datasheet HTML 1Page - Fairchild Semiconductor 74LCX00 Datasheet HTML 2Page - Fairchild Semiconductor 74LCX00 Datasheet HTML 3Page - Fairchild Semiconductor 74LCX00 Datasheet HTML 4Page - Fairchild Semiconductor 74LCX00 Datasheet HTML 5Page - Fairchild Semiconductor 74LCX00 Datasheet HTML 6Page - Fairchild Semiconductor 74LCX00 Datasheet HTML 7Page - Fairchild Semiconductor 74LCX00 Datasheet HTML 8Page - Fairchild Semiconductor 74LCX00 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
©1995 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74LCX00 Rev. 1.7.0
4
DC Electrical Characteristics
AC Electrical Characteristics
Note:
4. Skew is defined as the absolute value of the difference between the actual propagation delay for any two
separate outputs of the same device. The specification applies to any outputs switching in the same direction,
either HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH).
Symbol
Parameter
VCC (V)
Conditions
TA = –40°C to +85°C
Units
Min.
Max.
VIH
HIGH Level Input Voltage
2.3–2.7
1.7
V
2.7–3.6
2.0
VIL
LOW Level Input Voltage
2.3–2.7
0.7
V
2.7–3.6
0.8
VOH
HIGH Level Output Voltage
2.3–3.6
IOH = –100µA
VCC – 0.2
V
2.3
IOH = –8mA
1.8
2.7
IOH = –12mA
2.2
3.0
IOH = –18mA
2.4
IOH = –24mA
2.2
VOL
LOW Level Output Voltage
2.3–3.6
IOL = 100µA
0.2
V
2.3
IOL = 8mA
0.6
2.7
IOL = 12mA
0.4
3.0
IOL = 16mA
0.4
IOL = 24mA
0.55
II
Input Leakage Current
2.3–3.6
0
≤ V
I ≤ 5.5V
±5.0
µA
IOFF
Power-Off Leakage Current
0
VI or VO = 5.5V
10
µA
ICC
Quiescent Supply Current
2.3–3.6
VI = VCC or GND
10
µA
3.6V
≤ V
I ≤ 5.5V
±10
∆I
CC
Increase in ICC per Input
2.3–3.6
VIH = VCC – 0.6V
500
µA
Symbol
Parameter
TA = –40°C to +85°C, RL = 500Ω
Units
VCC = 3.3V ± 0.3V,
CL = 50pF
VCC = 2.7V,
CL = 50pF
VCC = 2.5V ± 0.2V,
CL = 30pF
Min.
Max.
Min.
Max.
Min.
Max.
tPHL, tPLH
Propagation Delay
1.5
5.2
1.5
6.0
1.5
6.2
ns
tOSHL, tOSLH Output to Output Skew
(4)
1.0
ns


Numéro de pièce similaire - 74LCX00

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74LCX00 FAIRCHILD-74LCX00 Datasheet
82Kb / 7P
   Low Voltage Quad 2-Input NAND Gate with 5V Tolerant Inputs
74LCX00 FAIRCHILD-74LCX00 Datasheet
501Kb / 11P
   Low Voltage Quad 2-Input NAND Gate with 5V Tolerant Inputs
74LCX00 FAIRCHILD-74LCX00 Datasheet
504Kb / 11P
   Low Voltage Quad 2-Input NAND Gate with 5V Tolerant Inputs
logo
ON Semiconductor
74LCX00 ONSEMI-74LCX00 Datasheet
750Kb / 14P
   Low Voltage Quad 2-Input NAND Gate
December 2013 Rev. 1.7.1
logo
Fairchild Semiconductor
74LCX00BQX FAIRCHILD-74LCX00BQX Datasheet
501Kb / 11P
   Low Voltage Quad 2-Input NAND Gate with 5V Tolerant Inputs
More results

Description similaire - 74LCX00

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74LCX00 FAIRCHILD-74LCX00 Datasheet
82Kb / 7P
   Low Voltage Quad 2-Input NAND Gate with 5V Tolerant Inputs
74LCX00 FAIRCHILD-74LCX00_05 Datasheet
504Kb / 11P
   Low Voltage Quad 2-Input NAND Gate with 5V Tolerant Inputs
74LCX00BQX FAIRCHILD-74LCX00BQX Datasheet
501Kb / 11P
   Low Voltage Quad 2-Input NAND Gate with 5V Tolerant Inputs
logo
STMicroelectronics
74LVX00 STMICROELECTRONICS-74LVX00 Datasheet
233Kb / 11P
   LOW VOLTAGE CMOS QUAD 2-INPUT NAND GATE WITH 5V TOLERANT INPUTS
logo
Motorola, Inc
MC74LCX00 MOTOROLA-MC74LCX00 Datasheet
135Kb / 7P
   Low-Voltage CMOS Quad 2-Input NAND Gate With 5V-Tolerant Inputs
logo
Toshiba Semiconductor
TC74LCX00F TOSHIBA-TC74LCX00F Datasheet
252Kb / 8P
   LOW-VOLTAGE QUAD 2-INPUT NAND GATE WITH 5V TOLERANT INPUTS AND OUTPUTS
logo
STMicroelectronics
74LVX132 STMICROELECTRONICS-74LVX132 Datasheet
227Kb / 11P
   LOW VOLTAGE CMOS QUAD 2-INPUT SCHMITT NAND GATE WITH 5V TOLERANT INPUTS
logo
Fairchild Semiconductor
74LCX38 FAIRCHILD-74LCX38 Datasheet
124Kb / 7P
   Low Voltage Quad 2-Input NAND Gate (Open Drain) with 5V Tolerant Inputs
logo
STMicroelectronics
74LVX03 STMICROELECTRONICS-74LVX03 Datasheet
119Kb / 8P
   LOW VOLTAGE CMOS QUAD 2-INPUT NAND GATE (OPEN DRAIN) WITH 5V TOLERANT INPUTS
74LVX03 STMICROELECTRONICS-74LVX03_04 Datasheet
236Kb / 11P
   LOW VOLTAGE CMOS QUAD 2-INPUT NAND GATE (OPEN DRAIN) WITH 5V TOLERANT INPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com