Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

4N36-X Fiches technique(PDF) 2 Page - Vishay Siliconix

No de pièce 4N36-X
Description  Optocoupler, Phototransistor Output, with Base Connection
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

4N36-X Fiches technique(HTML) 2 Page - Vishay Siliconix

  4N36-X Datasheet HTML 1Page - Vishay Siliconix 4N36-X Datasheet HTML 2Page - Vishay Siliconix 4N36-X Datasheet HTML 3Page - Vishay Siliconix 4N36-X Datasheet HTML 4Page - Vishay Siliconix 4N36-X Datasheet HTML 5Page - Vishay Siliconix 4N36-X Datasheet HTML 6Page - Vishay Siliconix 4N36-X Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
4N35-X, 4N36-X, 4N37-X, 4N38
www.vishay.com
Vishay Semiconductors
Rev. 1.8, 16-Jan-12
2
Document Number: 83717
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. Functional operation of the device is not
implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute
maximum ratings for extended periods of the time can adversely affect reliability.
(1) Refer to reflow profile for soldering conditions for surface mounted devices (SMD). Refer to wave profile for soldering condditions for through
hole devices (DIP).
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
INPUT
Reverse voltage
VR
6V
Forward current
IF
60
mA
Surge current
t
≤ 10 μs
IFSM
2.5
A
Power dissipation
Pdiss
70
mW
OUTPUT
Collector emitter breakdown voltage
VCEO
70
V
Emitter base breakdown voltage
VEBO
7V
Collector current
IC
50
mA
Collector peak current
tp/T = 0.5, tp
≤ 10 ms
ICM
100
mA
Output power dissipation
Pdiss
150
mW
COUPLER
Isolation test voltage
t = 1 s
VISO
5000
VRMS
Creepage distance
≥ 7mm
Clearance distance
≥ 7mm
Isolation thickness between emitter
and detector
≥ 0.4
mm
Comparative tracking index
DIN IEC 112/VDE 0303, part 1
≥ 175
Isolation resistance
VIO = 500 V, Tamb = 25 °C
RIO
≥ 1012
Ω
VIO = 500 V, Tamb = 100 °C
RIO
≥ 1011
Ω
Storage temperature
Tstg
- 55 to + 150
°C
Operating temperature
Tamb
- 55 to + 100
°C
Soldering temperature (1)
2 mm from case,
≤ 10 s
Tsld
260
°C
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
INPUT
Forward voltage (1)
IF = 10 mA
VF
1.2
1.5
V
IF = 10 mA, Tamb = - 55 °C
VF
0.9
1.3
1.7
V
Reverse current (1)
VR = 6 V
IR
0.1
10
μA
Capacitance
VR = 0 V, f = 1 MHz
CO
25
pF
OUTPUT
Collector emitter breakdown
voltage (1)
IC = 1 mA
4N35
BVCEO
30
V
4N36
BVCEO
30
V
4N37
BVCEO
30
V
4N38
BVCEO
80
V
Emitter collector breakdown
voltage (1)
IE = 100 μA
BVECO
7V
Collector base breakdown
voltage (1)
IC = 100 μA, IB = 1 μA
4N35
BVCBO
70
V
4N36
BVCBO
70
V
4N37
BVCBO
70
V
4N38
BVCBO
80
V


Numéro de pièce similaire - 4N36-X

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
4N36-X007 VISHAY-4N36-X007 Datasheet
157Kb / 9P
   Optocoupler, Phototransistor Output, With Base Connection
Rev. 1.5, 27-Jan-05
4N36-X009 VISHAY-4N36-X009 Datasheet
157Kb / 9P
   Optocoupler, Phototransistor Output, With Base Connection
Rev. 1.5, 27-Jan-05
More results

Description similaire - 4N36-X

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
4N25 VISHAY-4N25 Datasheet
147Kb / 9P
   Optocoupler, Phototransistor Output, With Base Connection
Rev. 1.4, 26-Jan-05
IL1 VISHAY-IL1 Datasheet
136Kb / 9P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 1.5, 08-May-08
SFH601 VISHAY-SFH601_15 Datasheet
171Kb / 10P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 1.6, 23-Jul-15
IL2 VISHAY-IL2_V02 Datasheet
136Kb / 9P
   Optocoupler, Phototransistor Output, With Base Connection
01-Jan-2023
H11A1 VISHAY-H11A1 Datasheet
144Kb / 8P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 1.7, 23-Jul-15
CNY17G VISHAY-CNY17G Datasheet
132Kb / 9P
   Optocoupler, Phototransistor Output,with Base Connection
Rev. 1.4, 08-May-08
CNY17 VISHAY-CNY17_V02 Datasheet
209Kb / 9P
   Optocoupler, Phototransistor Output, with Base Connection
01-Jan-2023
CNY17 VISHAY-CNY17_V01 Datasheet
209Kb / 9P
   Optocoupler, Phototransistor Output, with Base Connection
01-Jan-2022
SFH601 VISHAY-SFH601 Datasheet
2Mb / 9P
   Optocoupler, Phototransistor Output, With Base Connection
Rev. 1.4, 26-Oct-04
SFH600 VISHAY-SFH600 Datasheet
137Kb / 9P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 1.5, 10-Jan-08
CNY17 VISHAY-CNY17 Datasheet
192Kb / 10P
   Optocoupler, Phototransistor Output, With Base Connection
Rev. 1.5, 26-Oct-04
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com