Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI2343DS Fiches technique(PDF) 2 Page - Vishay Siliconix

No de pièce SI2343DS
Description  P-Channel 30-V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI2343DS Fiches technique(HTML) 2 Page - Vishay Siliconix

  SI2343DS Datasheet HTML 1Page - Vishay Siliconix SI2343DS Datasheet HTML 2Page - Vishay Siliconix SI2343DS Datasheet HTML 3Page - Vishay Siliconix SI2343DS Datasheet HTML 4Page - Vishay Siliconix SI2343DS Datasheet HTML 5Page - Vishay Siliconix SI2343DS Datasheet HTML 6Page - Vishay Siliconix SI2343DS Datasheet HTML 7Page - Vishay Siliconix SI2343DS Datasheet HTML 8Page - Vishay Siliconix SI2343DS Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.vishay.com
2
Document Number: 72079
S09-0133-Rev. B, 02-Feb-09
Vishay Siliconix
Si2343DS
Notes:
a. Pulse test: PW
≤ 300 µs, duty cycle ≤ 2 %.
b. For DESIGN AID ONLY, not subject to production testing.
c. Switching time is essentially independent of operating temperature.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Limits
Unit
Min.
Typ.
Max.
Static
Drain-Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = - 250 µA
- 30
V
Gate-Threshold Voltage
VGS(th)
VDS = VGS, ID = - 250 µA
- 1
- 3
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = - 24 V, VGS = 0 V
- 1
µA
VDS = - 24 V, VGS = 0 V, TJ = 55 °C
- 10
On-State Drain Currenta
ID(on)
VDS ≤ - 5 V, VGS = - 10 V
- 15
A
Drain-Source On-Resistancea
RDS(on)
VGS = - 10 V, ID = - 4.0 A
0.043
0.053
Ω
VGS = - 4.5 V, ID = - 3.1 A
0.068
0.086
Forward Transconductancea
gfs
VDS = - 5 V, ID = - 4.0 A
10
S
Diode Forward Voltage
VSD
IS = - 1.0 A, VGS = 0 V
- 0.7
- 1.2
V
Dynamicb
Total Gate Charge
Qg
VDS = - 15 V, VGS = - 10 V
ID ≅ - 4.0 A
14
21
nC
Gate-Source Charge
Qgs
1.9
Gate-Drain Charge
Qgd
3.7
Input Capacitance
Ciss
VDS = - 15 V, VGS = 0 V, f = 1 MHz
540
pF
Output Capacitance
Coss
131
Reverse Transfer Capacitance
Crss
105
Switchingc
Turn-On Time
td(on)
VDD = - 15 V, RL = 15 Ω
ID ≅ - 1.0 A, VGEN = - 10 V
RG = 6 Ω
10
15
ns
tr
15
25
Turn-Off Time
td(off)
31
50
tf
20
30


Numéro de pièce similaire - SI2343DS

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI2343DS VISHAY-SI2343DS Datasheet
42Kb / 5P
   P-Channel 30-V (D-S) MOSFET
Rev. A, 25-Nov-02
logo
Guangdong Kexin Industr...
SI2343DS KEXIN-SI2343DS Datasheet
1Mb / 5P
   P-Channel MOSFET
logo
Vishay Siliconix
SI2343DS VISHAY-SI2343DS Datasheet
202Kb / 9P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 02-Feb-09
SI2343DS VISHAY-SI2343DS Datasheet
164Kb / 8P
   P-Channel 30-V (D-S) MOSFET
01-Jan-2022
logo
Guangdong Kexin Industr...
SI2343DS-3 KEXIN-SI2343DS-3 Datasheet
1Mb / 5P
   P-Channel MOSFET
More results

Description similaire - SI2343DS

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI2341DS VISHAY-SI2341DS Datasheet
43Kb / 5P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 11-Aug-03
SI4835BDY VISHAY-SI4835BDY_05 Datasheet
90Kb / 6P
   P-Channel 30-V (D-S) MOSFET
Rev. D, 25-Oct-0
logo
Anachip Corp
AF4407 ANACHIP-AF4407 Datasheet
263Kb / 5P
   P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI7423DN VISHAY-SI7423DN Datasheet
173Kb / 3P
   P-Channel 30-V (D-S) MOSFET
24-May-04
SI2303ADS VISHAY-SI2303ADS Datasheet
39Kb / 4P
   P-Channel, 30-V (D-S) MOSFET
Rev. B, 29-Apr-02
SI3481DV VISHAY-SI3481DV Datasheet
67Kb / 5P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 16-Feb-04
logo
DinTek Semiconductor Co...
DTM4415 DINTEK-DTM4415 Datasheet
286Kb / 9P
   P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4435DDY-T1-GE3 VISHAY-SI4435DDY-T1-GE3 Datasheet
279Kb / 10P
   P-Channel 30-V (D-S) MOSFET
Rev. C, 18-May-09
SI7121DN VISHAY-SI7121DN Datasheet
552Kb / 13P
   P-Channel 30-V (D-S) MOSFET
Rev. C, 23-Jun-08
SI4825DDY-T1 VISHAY-SI4825DDY-T1 Datasheet
242Kb / 10P
   P-Channel 30-V (D-S) MOSFET
Rev. A, 13-Oct-08
SI7129DN VISHAY-SI7129DN Datasheet
566Kb / 13P
   P-Channel 30 V (D-S) MOSFET
Rev. B, 06-Sep-10
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com