Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS40061PWPG4 Fiches technique(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS40061PWPG4
Description  WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS40061PWPG4 Fiches technique(HTML) 7 Page - Texas Instruments

Back Button TPS40061PWPG4 Datasheet HTML 3Page - Texas Instruments TPS40061PWPG4 Datasheet HTML 4Page - Texas Instruments TPS40061PWPG4 Datasheet HTML 5Page - Texas Instruments TPS40061PWPG4 Datasheet HTML 6Page - Texas Instruments TPS40061PWPG4 Datasheet HTML 7Page - Texas Instruments TPS40061PWPG4 Datasheet HTML 8Page - Texas Instruments TPS40061PWPG4 Datasheet HTML 9Page - Texas Instruments TPS40061PWPG4 Datasheet HTML 10Page - Texas Instruments TPS40061PWPG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
UDG-02131
RAMP
COMP
SW
VIN
VIN
SW
COMP
RAMP
VPEAK
VVALLEY
T2
tON1 > tON2 and d1 > d2
tON2
tON1
d +
t
ON
T
T1
R
T +
1
f
SW
17.82
10*6
* 23 kW
TPS40060
TPS40061
www.ti.com
SLUS543F – DECEMBER 2002 – REVISED JUNE 2013
APPLICATION INFORMATION
The TPS40060/61 family of parts allows the user to optimize the PWM controller to the specific application.
The TPS40061 is the controller of choice for synchronous buck designs which will include most applications. It
has two quadrant operation and will source or sink output current. This provides the best transient response.
The TPS40060 operates in one quadrant and sources output current only, allowing for paralleling of converters
and ensures that one converter does not sink current from another converter. This controller also emulates a
standard buck converter at light loads where the inductor current goes discontinuous. At continuous output
inductor currents the controller operates as a synchronous buck converter to optimize efficiency.
SW NODE RESISTOR
The SW node of the converter will be negative during the dead time when both the upper and lower MOSFETs
are off. The magnitude of this negative voltage is dependent on the lower MOSFET body diode and the output
current which flows during this dead time. This negative voltage could affect the operation of the controller,
especially at low input voltages.
Therefore, a 10-
Ω resistor must be placed between the lower MOSFET drain and pin 12 (SW) of the controller as
shown in Figure 14 as RSW.
SETTING THE SWITCHING FREQUENCY (PROGRAMMING THE CLOCK OSCILLATOR)
The TPS40060 and TPS40061 have independent clock oscillator and ramp generator circuits. The clock
oscillator serves as the master clock to the ramp generator circuit. The switching frequency, fSW in kHz, of the
clock oscillator is set by a single resistor (RT) to ground. The clock frequency is related to RT, in kΩ by
Equation 1 and the relationship is charted in Figure 2.
(1)
PROGRAMMING THE RAMP GENERATOR CIRCUIT
The ramp generator circuit provides the actual ramp used by the PWM comparator. The ramp generator provides
voltage feed-forward control by varying the PWM ramp slope with line voltage, while maintaining a constant ramp
magnitude. Varying the PWM ramp directly with line voltage provides excellent response to line variations since
the PWM does not have to wait for loop delays before changing the duty cycle. (See Figure 1).
Figure 1. Voltage Feed-Forward Effect on PWM Duty Cycle
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS40060 TPS40061


Numéro de pièce similaire - TPS40061PWPG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS40061PWPG4 TI1-TPS40061PWPG4 Datasheet
1Mb / 39P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
More results

Description similaire - TPS40061PWPG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS40050 TI-TPS40050 Datasheet
275Kb / 30P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40054 TI1-TPS40054_14 Datasheet
1Mb / 37P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40057PWPG4 TI-TPS40057PWPG4 Datasheet
1Mb / 35P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40060 TI-TPS40060 Datasheet
373Kb / 28P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40050-Q1 TI-TPS40050-Q1 Datasheet
345Kb / 32P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40055-EP TI-TPS40055-EP_15 Datasheet
2Mb / 35P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40052 TI-TPS40052 Datasheet
452Kb / 30P
[Old version datasheet]   WIDE INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40052PWPR TI-TPS40052PWPR Datasheet
851Kb / 33P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40060 TI1-TPS40060_17 Datasheet
1Mb / 39P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40055-EP TI1-TPS40055-EP Datasheet
2Mb / 36P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com