Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS2010PWR Fiches technique(PDF) 2 Page - Texas Instruments

No de pièce TPS2010PWR
Description  POWER-DISTRIBUTION
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2010PWR Fiches technique(HTML) 2 Page - Texas Instruments

  TPS2010PWR Datasheet HTML 1Page - Texas Instruments TPS2010PWR Datasheet HTML 2Page - Texas Instruments TPS2010PWR Datasheet HTML 3Page - Texas Instruments TPS2010PWR Datasheet HTML 4Page - Texas Instruments TPS2010PWR Datasheet HTML 5Page - Texas Instruments TPS2010PWR Datasheet HTML 6Page - Texas Instruments TPS2010PWR Datasheet HTML 7Page - Texas Instruments TPS2010PWR Datasheet HTML 8Page - Texas Instruments TPS2010PWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
TPS2010, TPS2011, TPS2012, TPS2013
POWER-DISTRIBUTION
SLVS097A – DECEMBER 1994 – REVISED AUGUST 1995
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
AVAILABLE OPTIONS
RECOMMENDED MAXIMUM
TYPICAL SHORT-CIRCUIT
PACKAGED DEVICES
CHIP
TJ
CONTINUOUS LOAD CURRENT
(A)
OUTPUT CURRENT LIMIT AT 25
°C
(A)
SOIC
(D)†
TSSOP
(PW)‡
FORM
(Y)
0.2
0.4
TPS2010D
TPS2010PWLE
TPS2010Y
40
°Cto125°C
0.6
1.2
TPS2011D
TPS2011PWLE
TPS2011Y
– 40
°C to 125°C
1
2
TPS2012D
TPS2012PWLE
TPS2012Y
1.5
2.6
TPS2013D
TPS2013PWLE
TPS2013Y
† The D package is available taped and reeled. Add an R suffix to device type (e.g., TPS2010DR).
‡ The PW package is only available left-end taped and reeled (indicated by the LE suffix on the device type; e.g., TPS2010PWLE).
functional block diagram
Power Switch
Current
Limit
Driver
Thermal
Sense
Charge
Pump
IN
EN
GND
OUT
CS
† Current sense
Terminal Functions
TERMINAL
NAME
NO.
I/O
DESCRIPTION
NAME
D
PW
EN
4
7
I
Enable input. Logic low turns power switch on.
GND
1
1
I
Ground
IN
2, 3
2–6
I
Input voltage
OUT
5–8
8–14
O
Power-switch output
detailed description
power switch
The power switch is an N-channel MOSFET with a maximum on-state resistance of 95 m
Ω (VI(IN) = 5.5 V),
configured as a high-side switch.
charge pump
An internal 100-kHz charge pump supplies power to the driver circuit and provides the necessary voltage to pull
the gate of the MOSFET above the source. The charge pump operates from input voltages as low as 2.7 V and
requires very little supply current.


Numéro de pièce similaire - TPS2010PWR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2010PW TI-TPS2010PW Datasheet
366Kb / 17P
[Old version datasheet]   POWER-DISTRIBUTION
TPS2010PWLE TI1-TPS2010PWLE Datasheet
940Kb / 21P
[Old version datasheet]   POWER-DISTRIBUTION
More results

Description similaire - TPS2010PWR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2010 TI-TPS2010 Datasheet
366Kb / 17P
[Old version datasheet]   POWER-DISTRIBUTION
logo
List of Unclassifed Man...
3-553079-1 ETC2-3-553079-1 Datasheet
78Kb / 1P
   POWER DISTRIBUTION
logo
Texas Instruments
TPS2010 TI1-TPS2010_16 Datasheet
940Kb / 21P
[Old version datasheet]   POWER-DISTRIBUTION
logo
Micrel Semiconductor
MIC2537 MICREL-MIC2537_11 Datasheet
86Kb / 12P
   Quad Power Distribution Switch Quad Power Distribution Switch
logo
Texas Instruments
TPS2031 TI1-TPS2031_12 Datasheet
815Kb / 29P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
376Kb / 23P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2010A TI-TPS2010A Datasheet
356Kb / 22P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
logo
Cooper Bussmann, Inc.
CPB1601 COOPER-CPB1601 Datasheet
132Kb / 2P
   Power Distribution Blocks
logo
Intersil Corporation
ISL6115 INTERSIL-ISL6115_07 Datasheet
278Kb / 12P
   Power Distribution Controllers
logo
Unisonic Technologies
US202 UTC-US202_15 Datasheet
207Kb / 6P
   POWER DISTRIBUTION SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com