Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS43000PW Fiches technique(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS43000PW
Description  MULTI-TOPOLOGY HIGH-FREQUENCY PWM CONTROLLER
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS43000PW Fiches technique(HTML) 6 Page - Texas Instruments

Back Button TPS43000PW Datasheet HTML 2Page - Texas Instruments TPS43000PW Datasheet HTML 3Page - Texas Instruments TPS43000PW Datasheet HTML 4Page - Texas Instruments TPS43000PW Datasheet HTML 5Page - Texas Instruments TPS43000PW Datasheet HTML 6Page - Texas Instruments TPS43000PW Datasheet HTML 7Page - Texas Instruments TPS43000PW Datasheet HTML 8Page - Texas Instruments TPS43000PW Datasheet HTML 9Page - Texas Instruments TPS43000PW Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
TPS43000
SLUS489 − OCTOBER 2001
6
www.ti.com
electrical characteristics over recommended operating junction temperature range,
TA = −40_C to 85_C for the TPS43000, RT = 75 kΩ (500 kHz), VIN = VP = 3.5 V, VOUT = 3.1 V, COMP/FB
pins shorted, BUCK-configured, TA = TJ (unless otherwise noted)
NDRV
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN driven rise time
CO = 1 nF,
VP = VIN = 5 V,
25
45
ns
VIN driven fall time
CO = 1 nF,
VP = VIN = 5 V,
VOUT = 3.1 V
20
40
ns
VIN driven pull-up resistance
VP = VIN = 5 V,
VOUT = 3.1 V
6.5
10.0
VIN driven pull-down resistance
VP = VIN = 5 V,
VOUT = 3.1 V
2.25
4.00
BUCK P-channel MOSFET off to N-channel
MOSFET on anti-x delay time
VP = VIN = 5 V,
VOUT = 3.1 V,
PDRV and NDRV transitioning HI delta
10
35
75
ns
VOUT driven rise time
CO = 1 nF,
VIN = 3.1 V,
25
45
ns
VOUT driven fall time
CO = 1 nF,
VIN = 3.1 V,
VP = VOUT = 5 V,
BUCK grounded
20
40
VOUT driven pull-up resistance
VP = VOUT = VIN = 5 V,
LP mode activated
6.5
10.0
VOUT driven pull-down resistance
VP = VOUT = VIN = 5 V,
LP mode activated
2.25
4.00
BOOST P-channel MOSFET off to N-channel MOS-
FET on anti-x delay time
VP = VOUT = 5 V,
VIN = 3.1 V,
BUCK grounded
10
35
75
ns
PDRV
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VP driven rise time
VP = VIN = 5 V,
VOUT = 3.1 V
15
40
ns
VP driven fall time
VP = VIN = 5 V,
VOUT = 3.1 V
CO = 1 nF
15
40
ns
VP driven pull-up resistance
VP = VIN = 5 V,
VOUT = 3.1 V
2.5
4.0
VP driven pull-down resistance
VP = VIN = 5 V,
VOUT = 3.1 V
3.5
6.0
BUCK N-channel MOSFET off to P-channel MOS-
FET on anti-x delay time
VP = VIN = 5 V,
VOUT = 3.1 V,
NDRV and PDRV transitioning LO delta
10
30
75
ns
BOOST N-channel MOSFET off to P-channel MOS-
FET on anti-x delay time
VP = VOUT = 5 V,
VIN = 3.1 V,
BUCK grounded
10
30
75
ns


Numéro de pièce similaire - TPS43000PW

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS43000 TI-TPS43000 Datasheet
347Kb / 26P
[Old version datasheet]   MULTI TOPLOGY HIGH FREQUENCY PWM CONTROLLER
TPS43000 TI-TPS43000 Datasheet
752Kb / 32P
[Old version datasheet]   MULTI-TOPOLOGY HIGH-FREQUENCY
TPS43000 TI-TPS43000_15 Datasheet
752Kb / 32P
[Old version datasheet]   MULTI-TOPOLOGY HIGH-FREQUENCY
More results

Description similaire - TPS43000PW

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS43000 TI-TPS43000_15 Datasheet
752Kb / 32P
[Old version datasheet]   MULTI-TOPOLOGY HIGH-FREQUENCY
logo
Vishay Siliconix
SI9166 VISHAY-SI9166 Datasheet
217Kb / 8P
   High Frequency Programmable Topology Controller
Rev. B, 05-Apr-99
SI9166 VISHAY-SI9166_V01 Datasheet
179Kb / 11P
   High Frequency Programmable Topology Controller
01-Jan-2022
logo
Texas Instruments
TPS43000 TI-TPS43000 Datasheet
347Kb / 26P
[Old version datasheet]   MULTI TOPLOGY HIGH FREQUENCY PWM CONTROLLER
logo
Vishay Siliconix
SI9166 VISHAY-SI9166_04 Datasheet
146Kb / 11P
   High Frequency Programmable Topology Controller
Rev. C, 19-Apr-04
logo
Texas Instruments
UCC2975 TI-UCC2975 Datasheet
433Kb / 28P
[Old version datasheet]   MULTI TOPOLOGY PIEZOELECTRIC TRANSFORMER CONTROLLER
UCC2975 TI1-UCC2975_15 Datasheet
454Kb / 30P
[Old version datasheet]   MULTI-TOPOLOGY PIEZOELECTRIC TRANSFORMER CONTROLLER
logo
National Semiconductor ...
LM2639 NSC-LM2639 Datasheet
151Kb / 8P
   5-Bit Programmable, High Frequency Multi-phase PWM Controller
LM2720 NSC-LM2720_09 Datasheet
348Kb / 10P
   5-Bit Programmable, High Frequency Multi-phase PWM Controller
LM2720 NSC-LM2720 Datasheet
149Kb / 8P
   5-Bit Programmable, High Frequency Multi-phase PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com