Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS40061PWP Fiches technique(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS40061PWP
Description  WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS40061PWP Fiches technique(HTML) 11 Page - Texas Instruments

Back Button TPS40061PWP Datasheet HTML 7Page - Texas Instruments TPS40061PWP Datasheet HTML 8Page - Texas Instruments TPS40061PWP Datasheet HTML 9Page - Texas Instruments TPS40061PWP Datasheet HTML 10Page - Texas Instruments TPS40061PWP Datasheet HTML 11Page - Texas Instruments TPS40061PWP Datasheet HTML 12Page - Texas Instruments TPS40061PWP Datasheet HTML 13Page - Texas Instruments TPS40061PWP Datasheet HTML 14Page - Texas Instruments TPS40061PWP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
R
ILIM +
I
OC
R
DS(on)[max]
I
SINK
)
V
OS
I
SINK
(W)
(
)
( )
O
O
LIM
LOAD
START
C
V
I
I
A
t
é
ù
´
=
+
ê
ú
ë
û
TPS40060
TPS40061
www.ti.com
SLUS543F – DECEMBER 2002 – REVISED JUNE 2013
PROGRAMMING CURRENT LIMIT
This device uses a two-tier approach for overcurrent protection. The first tier is a pulse-by-pulse protection
scheme. Current limit is implemented on the high-side MOSFET by sensing the voltage drop across the
MOSFET when the gate is driven low. The MOSFET voltage is compared to the voltage dropped across a
resistor connected from VIN pin to the ILIM pin when driven by a constant current sink. If the voltage drop across
the MOSFET exceeds the voltage drop across the ILIM resistor, the switching pulse is immediately terminated.
The MOSFET remains off until the next switching cycle is initiated.
The second tier consists of a fault counter. The fault counter is incremented on an overcurrent pulse and
decremented on a clock cycle without an overcurrent pulse. When the counter reaches seven (7) a restart is
issued and seven soft-start cycles are initiated. Both the upper and lower MOSFETs are turned off during this
period. The counter is decremented on each soft-start cycle. When the counter is decremented to zero, the PWM
is re-enabled. If the fault has been removed the output starts up normally. If the output is still present the counter
counts seven overcurrent pulses and re-enters the second-tier fault mode. See Figure 7 for typical overcurrent
protection waveforms.
The minimum current limit setpoint (ILIM) depends on tSTART, CO, VO, and the load current at start-up (ILOAD).
(6)
The current limit programming resistor (RILIM) is calculated using Equation 7. Care must be taken in choosing the
values used for VOS and ISINK in the equation. In order to ensure the output current at the overcurrent level, the
minimum value of ISINK and the maximum value of VOS must be used.
where:
ISINK is the current into the ILIM pin and is nominally 8.3 µA, minimum
IOC is the overcurrent setpoint which is the DC output current plus one-half of the peak inductor current
VOS is the overcurrent comparator offset and is 50 mV maximum
(7)
BP5, BP10 AND BPN10 INTERNAL VOLTAGE REGULATOR
Start-up characteristics of the BP5, BP10 and BPN10 regulators are shown in Figure 7. Slight variations in the
BP5 occurs dependent upon the switching frequency. Variation in the BPN10 and BP10 regulation characteristics
is also based on the load presented by switching the external MOSFETs.
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPS40060 TPS40061


Numéro de pièce similaire - TPS40061PWP

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS40061PWP TI-TPS40061PWP Datasheet
373Kb / 28P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40061PWP TI1-TPS40061PWP Datasheet
1Mb / 39P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40061PWPG4 TI1-TPS40061PWPG4 Datasheet
1Mb / 39P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40061PWPR TI-TPS40061PWPR Datasheet
373Kb / 28P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40061PWPR TI1-TPS40061PWPR Datasheet
1Mb / 39P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
More results

Description similaire - TPS40061PWP

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS40050 TI-TPS40050 Datasheet
275Kb / 30P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40054 TI1-TPS40054_14 Datasheet
1Mb / 37P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40057PWPG4 TI-TPS40057PWPG4 Datasheet
1Mb / 35P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40060 TI-TPS40060 Datasheet
373Kb / 28P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40050-Q1 TI-TPS40050-Q1 Datasheet
345Kb / 32P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40055-EP TI-TPS40055-EP_15 Datasheet
2Mb / 35P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40052 TI-TPS40052 Datasheet
452Kb / 30P
[Old version datasheet]   WIDE INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40052PWPR TI-TPS40052PWPR Datasheet
851Kb / 33P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40060 TI1-TPS40060_17 Datasheet
1Mb / 39P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40055-EP TI1-TPS40055-EP Datasheet
2Mb / 36P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com