Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS2013 Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS2013
Description  POWER-DISTRIBUTION
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2013 Fiches technique(HTML) 5 Page - Texas Instruments

  TPS2013 Datasheet HTML 1Page - Texas Instruments TPS2013 Datasheet HTML 2Page - Texas Instruments TPS2013 Datasheet HTML 3Page - Texas Instruments TPS2013 Datasheet HTML 4Page - Texas Instruments TPS2013 Datasheet HTML 5Page - Texas Instruments TPS2013 Datasheet HTML 6Page - Texas Instruments TPS2013 Datasheet HTML 7Page - Texas Instruments TPS2013 Datasheet HTML 8Page - Texas Instruments TPS2013 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
TPS2010, TPS2011, TPS2012, TPS2013
POWER-DISTRIBUTION
SLVS097A – DECEMBER 1994 – REVISED AUGUST 1995
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions
MIN
MAX
UNIT
Input voltage, VI(IN)
2.7
5.5
V
Input voltage, VI at EN
0
5.5
V
TPS2010
0
0.2
Continuous output current IO
TPS2011
0
0.6
A
Continuous output current, IO
TPS2012
0
1
A
TPS2013
0
1.5
Operating virtual junction temperature, TJ
–40
125
°C
electrical characteristics over recommended operating junction temperature range, VI(IN) = 5.5 V,
IO = rated current, EN = 0 V (unless otherwise noted)
power switch
PARAMETER
TEST CONDITIONS†
TPS2010, TPS2011
TPS2012, TPS2013
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VI(IN) = 5.5 V,
TJ = 25°C
75
95
On state resistance
VI(IN) = 4.5 V,
TJ = 25°C
80
110
m
On-state resistance
VI(IN) = 3 V,
TJ = 25°C
120
175
m
VI(IN) = 2.7 V,
TJ = 25°C
140
215
Output leakage current
EN
VI(IN)
TJ = 25°C
0.001
1
µA
Output leakage current
EN = VI(IN)
–40
°C ≤ TJ ≤ 125°C
10
µA
t
Output rise time
VI(IN) = 5.5 V,
TJ = 25°C,
CL = 1 µF
4
ms
tr
Output rise time
VI(IN) = 2.7 V,
TJ = 25°C,
CL = 1 µF
3.8
ms
tf
Output fall time
VI(IN) = 5.5 V,
TJ = 25°C,
CL = 1 µF
3.9
ms
tf
Output fall time
VI(IN) = 2.7 V,
TJ = 25°C,
CL = 1 µF
3.5
ms
† Pulse-testing techniques maintain junction temperature close to ambient temperature; thermal effects must be taken into account separately.
enable input (EN)
PARAMETER
TEST CONDITIONS
TPS2010, TPS2011
TPS2012, TPS2013
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
High-level input voltage
2.7 V
≤ VI(IN) ≤ 5.5 V
2
V
Low level input voltage
4.5 V
≤ VI(IN) ≤ 5.5 V
0.8
V
Low-level input voltage
2.7 V
≤ VI(IN) < 4.5 V
0.4
V
Input current
EN = 0 V or EN = VI(IN)
– 0.5
0.5
µA
tPLH Propagation (delay) time, low-to-high-level output
CL = 1 µF
20
ms
tPHL Propagation (delay) time, high-to-low-level output
CL = 1 µF
40
ms
current limit
PARAMETER
TEST CONDITIONS†
TPS2010, TPS2011
TPS2012, TPS2013
UNIT
TEST CONDITIONS
MIN
TYP
MAX
TJ =25°C
TPS2010
0.22
0.4
0.6
Short circuit current
TJ = 25 C,
VI(IN) = 5.5 V,
TPS2011
0.66
1.2
1.8
A
Short-circuit current
I(IN)
OUT connected to GND, device
enabled into short circuit
TPS2012
1.1
2
3
A
enabled into short circuit
TPS2013
1.65
2.6
4.5
† Pulse-testing techniques maintain junction temperature close to ambient temperature; thermal effects must be taken into account separately.


Numéro de pièce similaire - TPS2013

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2013 TI-TPS2013 Datasheet
366Kb / 17P
[Old version datasheet]   POWER-DISTRIBUTION
TPS2013 TI1-TPS2013 Datasheet
940Kb / 21P
[Old version datasheet]   POWER-DISTRIBUTION
TPS2013A TI-TPS2013A Datasheet
356Kb / 22P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2013A TI-TPS2013A Datasheet
1Mb / 29P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2013AD TI-TPS2013AD Datasheet
356Kb / 22P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
More results

Description similaire - TPS2013

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2010 TI-TPS2010 Datasheet
366Kb / 17P
[Old version datasheet]   POWER-DISTRIBUTION
logo
List of Unclassifed Man...
3-553079-1 ETC2-3-553079-1 Datasheet
78Kb / 1P
   POWER DISTRIBUTION
logo
Texas Instruments
TPS2010 TI1-TPS2010_16 Datasheet
940Kb / 21P
[Old version datasheet]   POWER-DISTRIBUTION
logo
Micrel Semiconductor
MIC2537 MICREL-MIC2537_11 Datasheet
86Kb / 12P
   Quad Power Distribution Switch Quad Power Distribution Switch
logo
Texas Instruments
TPS2031 TI1-TPS2031_12 Datasheet
815Kb / 29P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
376Kb / 23P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2010A TI-TPS2010A Datasheet
356Kb / 22P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
logo
Cooper Bussmann, Inc.
CPB1601 COOPER-CPB1601 Datasheet
132Kb / 2P
   Power Distribution Blocks
logo
Intersil Corporation
ISL6115 INTERSIL-ISL6115_07 Datasheet
278Kb / 12P
   Power Distribution Controllers
logo
Unisonic Technologies
US202 UTC-US202_15 Datasheet
207Kb / 6P
   POWER DISTRIBUTION SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com