Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAS21-03W Fiches technique(PDF) 8 Page - Infineon Technologies AG

No de pièce BAS21-03W
Description  For high-speed switching applications
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INFINEON [Infineon Technologies AG]
Site Internet  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAS21-03W Fiches technique(HTML) 8 Page - Infineon Technologies AG

  BAS21-03W Datasheet HTML 1Page - Infineon Technologies AG BAS21-03W Datasheet HTML 2Page - Infineon Technologies AG BAS21-03W Datasheet HTML 3Page - Infineon Technologies AG BAS21-03W Datasheet HTML 4Page - Infineon Technologies AG BAS21-03W Datasheet HTML 5Page - Infineon Technologies AG BAS21-03W Datasheet HTML 6Page - Infineon Technologies AG BAS21-03W Datasheet HTML 7Page - Infineon Technologies AG BAS21-03W Datasheet HTML 8Page - Infineon Technologies AG BAS21-03W Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
2007-04-19
8
BAS21...
Package SOT23
Package Outline
Foot Print
Marking Layout (Example)
Standard Packing
Reel ø180 mm = 3.000 Pieces/Reel
Reel ø330 mm = 10.000 Pieces/Reel
EH
s
BCW66
Type code
Pin 1
0.8
0.8
1.2
0.25 M BC
1.9
-0.05
+0.1
0.4
±0.1
2.9
0.95
C
B
0...8˚
0.2
A
0.1 MAX.
0.08...0.15
M
±0.1
1
A
1)
1) Lead width can be 0.6 max. in dambar area
12
3
3.15
4
0.9
0.2
1.15
Pin 1
Manufacturer
2005, June
Date code (YM)


Numéro de pièce similaire - BAS21-03W

FabricantNo de pièceFiches techniqueDescription
logo
Infineon Technologies A...
BAS21-03W INFINEON-BAS21-03W Datasheet
453Kb / 5P
   Silicon Switching Diode
Jan-30-2003
BAS21-03W INFINEON-BAS21-03W Datasheet
119Kb / 9P
   Silicon Switching Diode
2007-04-19
More results

Description similaire - BAS21-03W

FabricantNo de pièceFiches techniqueDescription
logo
Infineon Technologies A...
BAV99E6327 INFINEON-BAV99E6327 Datasheet
171Kb / 13P
   For high-speed switching applications
2007-09-19
BAV99S-E6327 INFINEON-BAV99S-E6327 Datasheet
171Kb / 13P
   For high-speed switching applications
2007-09-19
BAS16-02VE6327 INFINEON-BAS16-02VE6327 Datasheet
1,015Kb / 21P
   For high-speed switching applications
2009-09-28
BAV99B5003 INFINEON-BAV99B5003 Datasheet
171Kb / 13P
   For high-speed switching applications
2007-09-19
BAS16E6327 INFINEON-BAS16E6327 Datasheet
1,015Kb / 21P
   For high-speed switching applications
2009-09-28
BAS28E-6433 INFINEON-BAS28E-6433 Datasheet
93Kb / 7P
   For high-speed switching applications
2007-04-19
logo
Siemens Semiconductor G...
BAS16W SIEMENS-BAS16W Datasheet
67Kb / 4P
   Silicon Switching Diode (For high speed switching applications)
logo
Toshiba Semiconductor
SSM6N37FE TOSHIBA-SSM6N37FE Datasheet
197Kb / 5P
   High-Speed Switching Applications Analog Switching Applications
SSM6N44FE TOSHIBA-SSM6N44FE Datasheet
154Kb / 5P
   High Speed Switching Applications Analog Switching Applications
SSM6N16FE TOSHIBA-SSM6N16FE Datasheet
143Kb / 5P
   High Speed Switching Applications Analog Switching Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com