Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BA892-02VE6327 Fiches technique(PDF) 3 Page - Infineon Technologies AG

No de pièce BA892-02VE6327
Description  For band switching in TV/VTR tuners and mobile applications
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INFINEON [Infineon Technologies AG]
Site Internet  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BA892-02VE6327 Fiches technique(HTML) 3 Page - Infineon Technologies AG

  BA892-02VE6327 Datasheet HTML 1Page - Infineon Technologies AG BA892-02VE6327 Datasheet HTML 2Page - Infineon Technologies AG BA892-02VE6327 Datasheet HTML 3Page - Infineon Technologies AG BA892-02VE6327 Datasheet HTML 4Page - Infineon Technologies AG BA892-02VE6327 Datasheet HTML 5Page - Infineon Technologies AG BA892-02VE6327 Datasheet HTML 6Page - Infineon Technologies AG BA892-02VE6327 Datasheet HTML 7Page - Infineon Technologies AG BA892-02VE6327 Datasheet HTML 8Page - Infineon Technologies AG BA892-02VE6327 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
2011-07-21
3
BA592/BA892...
Electrical Characteristics
at TA = 25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
AC Characteristics
Diode capacitance
VR = 1 V, f = 1 MHz
VR = 3 V, f = 1 MHz
VR = 0 V, f = 100 MHz
CT
0.65
0.6
-
0.92
0.85
1
1.4
1.1
-
pF
Reverse parallel resistance
VR = 0 V, f = 100 MHz
RP
-
100
-
k
Forward resistance
IF = 3 mA, f = 100 MHz
IF = 10 mA, f = 100 MHz
rf
-
-
0.45
0.36
0.7
0.5
Charge carrier life time
IF = 10 mA, IR = 6 mA, measured at IR = 3mA,
RL = 100 Ω
τ rr
-
120
-
ns
I-region width
WI
-
3
-
µm
Insertion loss1)
IF = 0.1 mA, f = 1.8 GHz
IF = 3 mA, f = 1.8 GHz
IF = 10 mA, f = 1.8 GHz
IL
-
-
-
0.1
0.5
0.4
-
-
-
dB
Isolation1)
VR = 0 V, f = 100 MHz
VR = 0 V, f = 470 MHz
VR = 0 V, f = 1 GHz
ISO
-
-
-
23.5
10.5
5.5
-
-
-
1BA892-02L in series configuration, Z = 50Ω


Numéro de pièce similaire - BA892-02VE6327

FabricantNo de pièceFiches techniqueDescription
logo
Infineon Technologies A...
BA892-02V INFINEON-BA892-02V Datasheet
416Kb / 4P
   Silicon RF Switching Diode
Feb-04-2003
BA892-02V INFINEON-BA892-02V Datasheet
108Kb / 11P
   Silicon RF Switching Diode
2007-04-19
BA892-02V INFINEON-BA892-02V Datasheet
976Kb / 11P
   Silicon RF Switching Diode ??For band switching in TV/VTR
2011-07-21
BA892-02V INFINEON-BA892-02V Datasheet
976Kb / 11P
   Silicon RF Switching Diode
2011-07-21
More results

Description similaire - BA892-02VE6327

FabricantNo de pièceFiches techniqueDescription
logo
Infineon Technologies A...
BA592E6327 INFINEON-BA592E6327 Datasheet
976Kb / 11P
   Silicon RF Switching Diode ??For band switching in TV/VTR
2011-07-21
SD199E6327 INFINEON-SD199E6327 Datasheet
56Kb / 5P
   For Hyperband TV / VTR tuners, Bd I
2007-03-28
logo
Siemens Semiconductor G...
BB619C SIEMENS-BB619C Datasheet
21Kb / 3P
   Silicon Variable Capacitance Diode (For tuning of extended frequency band in VHF TV/ VTR tuners)
BB639C SIEMENS-BB639C Datasheet
40Kb / 3P
   Silicon Variable Capacitance Diode (For tuning of extended frequency band in VHF TV / VTR tuners)
BF517 SIEMENS-BF517 Datasheet
44Kb / 4P
   NPN Silicon RF Transistor (For amplifier and oscillator applications in TV-tuners)
logo
Sanyo Semicon Device
LA7520 SANYO-LA7520 Datasheet
65Kb / 2P
   VIFSIF Circuit for TV, VTR Applications
logo
Toshiba Semiconductor
TA8710S TOSHIBA-TA8710S Datasheet
196Kb / 6P
   SIF CONVERTER FOR TV AND VTR
logo
List of Unclassifed Man...
U891BS ETC-U891BS Datasheet
37Kb / 2P
   Prescaler for TV and VTR purposes
logo
Siemens Semiconductor G...
BB620 SIEMENS-BB620 Datasheet
30Kb / 2P
   Silicon Variable Capacitance Diode (For Hyperband TV/VTR tuners, Bd I)
BB640 SIEMENS-BB640 Datasheet
26Kb / 2P
   Silicon Variable Capacitance Diode (For Hyperband TV/VTR tuners, Bd I)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com