Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPME108M004R0018 Fiches technique(PDF) 6 Page - AVX Corporation

No de pièce TPME108M004R0018
Description  Tantalum Capacitors Niobium Oxide Capacitors (OxiCapTM)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AVX [AVX Corporation]
Site Internet  http://www.avx.com
Logo AVX - AVX Corporation

TPME108M004R0018 Fiches technique(HTML) 6 Page - AVX Corporation

  TPME108M004R0018 Datasheet HTML 1Page - AVX Corporation TPME108M004R0018 Datasheet HTML 2Page - AVX Corporation TPME108M004R0018 Datasheet HTML 3Page - AVX Corporation TPME108M004R0018 Datasheet HTML 4Page - AVX Corporation TPME108M004R0018 Datasheet HTML 5Page - AVX Corporation TPME108M004R0018 Datasheet HTML 6Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Tantalum Capacitors
Niobium Oxide Capacitors (OxiCap
TM)
PL
PW
PS
PSL
Recommended Land Pattern
(Unit: mm)
Series
Case Size
PSL
PL
PS
PW
TAJ
TPS
TPM
TCJ
TLJ
TRJ
THJ
TRM
NOJ
NOS
NOM
NLJ
A
4.00
1.40
1.20
1.80
B
4.00
1.40
1.20
2.80
C
6.50
2.00
2.50
2.80
D
8.00
2.00
4.00
3.00
E
8.00
2.00
4.00
3.00
V
8.00
2.00
4.00
3.70
F
6.50
2.00
2.50
2.80
G
4.00
1.40
1.20
1.80
H
4.00
1.40
1.20
2.80
K
4.00
1.40
1.20
1.80
N
2.70
0.95
0.80
1.60
P
2.70
0.95
0.80
1.60
R
2.70
0.95
0.80
1.60
S
4.00
1.40
1.20
1.80
T
4.00
1.40
1.20
2.80
W
6.50
2.00
2.50
2.80
X
8.00
2.00
4.00
3.00
Y
8.00
2.00
4.00
3.00
Peak Temperature: 245
±5°C (10s max.)
Pre-heating 150
±15°C
60 to 120s
Max. Peak Gradient
2.5
°C/ s
°C
40s max.
0
50
100
150
200
250
0
0.5
Time (min.)
1
1.5
2
2.5
4
4.5
°C
50s max.
Recommended Reflow Profile for
Lead−Free Product
Allowable range of peak temp./ time combination for IR reflow
Please contact us for Lead−Free Products.
Manual Soldering Using Soldering Iron
Item
Condition
Max. Tip Temperature
370
°C max.
Max. Exposure Time
3 sec. max.
Technical Summary
1. Voltage Derating
We can offer to use AVX software “Select−a−Cap” to select a part number for safety use.
2. Surge Current
As a general rule of thumb, the maximum current a tantalum capacitor can withstand is given by the following equation.
Imax
= Vrated/ (0.45 + Catalog ESR)
So for example for TAJD226M035 (Catalog ESR
= 0.9 Ohms)
This would be :
Imax
= 35/ (0.45 + 0.9) ≒ 25.9A
3. If more aggressive mounting techniques are to be used, please contact AVX Tantalum for guidance.
4. Reverse Voltage
The values quoted are not intended to cover continuous reverse operation.
The peak reverse voltage applied to the capacitor must not exceed.
a) 10% of rated DC voltage to a maximum of 1V at 25
°C.
b) 3% of rated DC voltage to a maximum of 0.5V at 85
°C.
c) 1% of rated DC voltage to a maximum of 0.1V at 105
°C.
d) 1% of category DC voltage to a maximum of 0.1V at 125
°C.


Numéro de pièce similaire - TPME108M004R0018

FabricantNo de pièceFiches techniqueDescription
logo
AVX Corporation
TPME108M004R0018 AVX-TPME108M004R0018 Datasheet
100Kb / 3P
   Tantalum Ultra Low ESR Capacitor
More results

Description similaire - TPME108M004R0018

FabricantNo de pièceFiches techniqueDescription
logo
AVX Corporation
TPSA475K010R1400 AVX-TPSA475K010R1400 Datasheet
102Kb / 5P
   Tantalum and Niobium Oxide Capacitors
NLJ AVX-NLJ Datasheet
189Kb / 4P
   Niobium Oxide Capacitors High CV Consumer Series
NOJ AVX-NOJ Datasheet
185Kb / 7P
   Standard and Low Profile Niobium Oxide Capacitors
NOJA106M006RWJ AVX-NOJA106M006RWJ Datasheet
120Kb / 4P
   Niobium Oxide Capacitor
NOSD107M006R0100V AVX-NOSD107M006R0100V Datasheet
117Kb / 5P
   Niobium Oxide Capacitor
NOM AVX-NOM Datasheet
192Kb / 4P
   Niobium Oxide Capacitor
NOJA156M010RWJ AVX-NOJA156M010RWJ Datasheet
116Kb / 4P
   Niobium Oxide Capacitor
NOJB226M01 AVX-NOJB226M01 Datasheet
115Kb / 4P
   Niobium Oxide Capacitor
NOJD107M006RWJ AVX-NOJD107M006RWJ Datasheet
128Kb / 4P
   Niobium Oxide Capacitor
NOS AVX-NOS Datasheet
208Kb / 7P
   Niobium Oxide Capacitor
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com