Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCA9617ADGKR Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce TCA9617ADGKR
Description  LEVEL-TRANSLATING FM I2C BUS REPEATER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TCA9617ADGKR Fiches technique(HTML) 5 Page - Texas Instruments

  TCA9617ADGKR Datasheet HTML 1Page - Texas Instruments TCA9617ADGKR Datasheet HTML 2Page - Texas Instruments TCA9617ADGKR Datasheet HTML 3Page - Texas Instruments TCA9617ADGKR Datasheet HTML 4Page - Texas Instruments TCA9617ADGKR Datasheet HTML 5Page - Texas Instruments TCA9617ADGKR Datasheet HTML 6Page - Texas Instruments TCA9617ADGKR Datasheet HTML 7Page - Texas Instruments TCA9617ADGKR Datasheet HTML 8Page - Texas Instruments TCA9617ADGKR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
TCA9617A
www.ti.com
SCPS244 – JUNE 2013
ELECTRICAL CHARACTERISTICS
VCCB = 2.2 V to 5.5 V, GND = 0 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCCB
MIN
TYP
MAX
UNIT
VIK
Input clamp voltage
II = –18 mA
2.2 V to 5.5 V
–1.2
V
IOL =100uA or 30mA,
SDAB, SCLB
0.48
0.53
0.58
Low-level output
VILA = 0 V
VOL
2.2 V to 5.5 V
V
voltage
SDAA, SCLA
IOL = 30mA
0.1
0.2
Both channels low,
SDAA = SCLA = GND and
ICCA
Quiescent supply current for VCCA
SDAB = SCLB = open, or
13
µA
SDAA = SCLA = open and
SDAB = SCLB = GND
Both Channels low,
SDAA = SCLA = VCCA
+4.5
+7
B-side with pullup resistors
IOLB = 100 uA
ICCB
Quiescent supply current
5.5 V
mA
Both channels low,
SDAA = SCLA = GND,
+5.7
+8.1
ILB=100uA
VI = VCCB
–1
+1
SDAB, SCLB
VI = 0.2 V, EN = 0
(1)
–10
+10
VI = VCCB – 0.2 V
–1
+1
VI = VCCA
–1
+1
II
Input leakage current
2.2 V to 5.5 V
μA
SDAA, SCLA
VI = 0.2 V
–10
+10
VI = VCCA – 0.2 V
–1
+1
VI = VCCB
–1
+1
EN
VI = 0.2 V
–25
EN
VI = 3 V or 0 V
3.3 V
7
CI
Input capacitance
3.3 V
9
pF
SCLA, SCLB
VI = 3 V or 0 V
0 V
9
3.3 V
14
Input/output
CI
SDAA, SDAB
VI = 3 V or 0 V
pF
capacitance
0 V
14
(1)
EN taken low to prevent A to B path from impacting input leakage measurement
TIMING REQUIREMENTS
over recommended operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
tsu
Setup time, EN high before Start condition(1)
100
ns
(1)
EN should change state only when the global bus and the repeater port are in an idle state.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TCA9617A


Numéro de pièce similaire - TCA9617ADGKR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TCA9617B TI1-TCA9617B Datasheet
912Kb / 24P
[Old version datasheet]   Level-Translating FM I2C Bus Repeater
TCA9617BDGKR TI1-TCA9617BDGKR Datasheet
912Kb / 24P
[Old version datasheet]   Level-Translating FM I2C Bus Repeater
More results

Description similaire - TCA9617ADGKR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TCA9617B TI1-TCA9617B Datasheet
912Kb / 24P
[Old version datasheet]   Level-Translating FM I2C Bus Repeater
logo
NXP Semiconductors
PCA9617A NXP-PCA9617A Datasheet
1Mb / 24P
   Level translating Fm I2C-bus repeater
Rev. 1-20 March 2013
logo
Unisonic Technologies
UCA9617 UTC-UCA9617 Datasheet
288Kb / 8P
   LEVEL TRANSLATING FM I2C-BUS REPEATER
logo
ON Semiconductor
PCA9617A ONSEMI-PCA9617A Datasheet
157Kb / 15P
   Level-Translating Fm I2C-Bus Repeater
April, 2014 ??Rev. 1
logo
Texas Instruments
TCA9517A TI1-TCA9517A Datasheet
759Kb / 17P
[Old version datasheet]   LEVEL-TRANSLATING I2C BUS REPEATER
TCA9517 TI-TCA9517 Datasheet
845Kb / 18P
[Old version datasheet]   LEVEL-TRANSLATING I2C BUS REPEATER
logo
NXP Semiconductors
PCA9517 NXP-PCA9517 Datasheet
127Kb / 19P
   Level translating I2C-bus repeater
Rev. 03-30 January 2007
logo
ON Semiconductor
PCA9517A ONSEMI-PCA9517A_14 Datasheet
159Kb / 14P
   Level-Translating I2C-Bus Repeater
April, 2014 ??Rev. 1
logo
NXP Semiconductors
PCA9517ATP PHILIPS-PCA9517ATP Datasheet
414Kb / 22P
   Level translating I2C-bus repeater
Rev. 4-9 May 2012
PCA9517DP118 NXP-PCA9517DP118 Datasheet
127Kb / 19P
   Level translating I2C-bus repeater
Rev. 03-30 January 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com