Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AC11004DBLE Fiches technique(PDF) 2 Page - Texas Instruments

No de pièce 74AC11004DBLE
Description  Flow-Through Architecture Optimizes PCB Layout
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

74AC11004DBLE Fiches technique(HTML) 2 Page - Texas Instruments

  74AC11004DBLE Datasheet HTML 1Page - Texas Instruments 74AC11004DBLE Datasheet HTML 2Page - Texas Instruments 74AC11004DBLE Datasheet HTML 3Page - Texas Instruments 74AC11004DBLE Datasheet HTML 4Page - Texas Instruments 74AC11004DBLE Datasheet HTML 5Page - Texas Instruments 74AC11004DBLE Datasheet HTML 6Page - Texas Instruments 74AC11004DBLE Datasheet HTML 7Page - Texas Instruments 74AC11004DBLE Datasheet HTML 8Page - Texas Instruments 74AC11004DBLE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
74AC11004
HEX INVERTER
SCAS033B − JANUARY 1988 − REVISED APRIL 1996
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
logic diagram (positive logic)
5Y
5A
12
9
4Y
4A
13
8
3Y
3A
18
3
2Y
2A
19
2
1Y
1A
20
1
6Y
6A
11
10
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC
−0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (see Note 1)
−0.5 V to VCC + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO (see Note 1)
−0.5 V to VCC + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI < 0 or VI > VCC)
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp current, IOK (VO < 0 or VO > VCC)
±50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous output current, IO (VO = 0 to VCC)
±50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous current through VCC or GND
±100 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum power dissipation at TA = 55°C (in still air) (see Note 2): DW package
1.6 W
. . . . . . . . . . . . . . . . . .
DB package
0.6 W
. . . . . . . . . . . . . . . . . . .
N package
1.3 W
. . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
2. The maximum package power dissipation is calculated using a junction temperature of 150
_C and a board trace length of 750 mils,
except for the N package, which has a trace length of zero.


Numéro de pièce similaire - 74AC11004DBLE

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
74AC11004DB TI-74AC11004DB Datasheet
75Kb / 5P
[Old version datasheet]   HEX INVERTER
REVISED APRIL 1996
More results

Description similaire - 74AC11004DBLE

FabricantNo de pièceFiches techniqueDescription
logo
Integrated Device Techn...
SSTE32882KB1 IDT-SSTE32882KB1 Datasheet
1Mb / 75P
   Pinout optimizes DDR3 RDIMM PCB layout
SSTE32882HLB IDT-SSTE32882HLB Datasheet
1Mb / 73P
   Pinout optimizes DDR3 RDIMM PCB layout
SSTE32882KA1 IDT-SSTE32882KA1 Datasheet
1Mb / 75P
   Pinout optimizes DDR3 RDIMM PCB layout
logo
Infineon Technologies A...
ESD102-U4-05L INFINEON-ESD102-U4-05L Datasheet
1Mb / 19P
   Ultra-Low Capacitance ESD Protection Array for Flow-Through PCB Layout
Revision 1.0, 2013-02-25
logo
Cypress Semiconductor
CY7C1353B CYPRESS-CY7C1353B Datasheet
535Kb / 15P
   256Kx18 Flow-Through SRAM with NoBL Architecture
CY7C1353 CYPRESS-CY7C1353 Datasheet
162Kb / 13P
   256Kx18 Flow-Through SRAM with NoBL Architecture
CY7C1351 CYPRESS-CY7C1351 Datasheet
185Kb / 13P
   128Kx36 Flow-Through SRAM with NoBL TM Architecture
logo
Rosenberger Hochfrequen...
MB-522 ROSENBERGER-MB-522 Datasheet
172Kb / 2P
   Leiterplatten-Layout PCB Layout
21.08.2019
logo
Semtech Corporation
RCLAMP3624T SEMTECH-RCLAMP3624T Datasheet
144Kb / 9P
   ESD Protection for uUSB Interfaces Flow-Through design for easy layout
logo
Cypress Semiconductor
CY7C1379B CYPRESS-CY7C1379B Datasheet
465Kb / 15P
   9-Mbit (256K x 32) Flow-through SRAM with NoBL??Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com