Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SD1815T-TL-E Fiches technique(PDF) 6 Page - Sanyo Semicon Device

No de pièce 2SD1815T-TL-E
Description  High-Current Switching Applications
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SD1815T-TL-E Fiches technique(HTML) 6 Page - Sanyo Semicon Device

Back Button 2SD1815T-TL-E Datasheet HTML 2Page - Sanyo Semicon Device 2SD1815T-TL-E Datasheet HTML 3Page - Sanyo Semicon Device 2SD1815T-TL-E Datasheet HTML 4Page - Sanyo Semicon Device 2SD1815T-TL-E Datasheet HTML 5Page - Sanyo Semicon Device 2SD1815T-TL-E Datasheet HTML 6Page - Sanyo Semicon Device 2SD1815T-TL-E Datasheet HTML 7Page - Sanyo Semicon Device 2SD1815T-TL-E Datasheet HTML 8Page - Sanyo Semicon Device 2SD1815T-TL-E Datasheet HTML 9Page - Sanyo Semicon Device 2SD1815T-TL-E Datasheet HTML 10Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
2SB1215/2SD1815
No. 2539-6/10
Taping Specification
2SB1215S-TL-E, 2SB1215S-TL-H, 2SB1215T-TL-E2SB1215T-TL-H, 2SD1815S-TL-E, 2SD1815S-TL-H,
2SD1815T-TL-E, 2SD1815T-TL-H


Numéro de pièce similaire - 2SD1815T-TL-E

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
2SD1815T-TL-E ONSEMI-2SD1815T-TL-E Datasheet
106Kb / 7P
   Bipolar Transistor (-)100V, (-)3A, Low VCE(sat) (PNP)NPN Single TP/TP-FA
November, 2013
2SD1815T-TL-E ONSEMI-2SD1815T-TL-E Datasheet
106Kb / 7P
   Bipolar Transistor
November, 2013
More results

Description similaire - 2SD1815T-TL-E

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
2SD1804 UTC-2SD1804 Datasheet
63Kb / 5P
   HIGH CURRENT SWITCHING APPLICATIONS
logo
Sanyo Semicon Device
2SA2039 SANYO-2SA2039_12 Datasheet
507Kb / 10P
   High-Current Switching Applications
2SA2124 SANYO-2SA2124_12 Datasheet
423Kb / 7P
   High-Current Switching Applications
logo
Toshiba Semiconductor
2SC3303Y TOSHIBA-2SC3303Y Datasheet
173Kb / 5P
   High Current Switching Applications
2SA1244 TOSHIBA-2SA1244_10 Datasheet
172Kb / 5P
   High Current Switching Applications
logo
Sanyo Semicon Device
CPH3105 SANYO-CPH3105_05 Datasheet
83Kb / 5P
   High-Current Switching Applications
2SB1123 SANYO-2SB1123_10 Datasheet
105Kb / 5P
   High-Current Switching Applications
logo
Toshiba Semiconductor
2SC5175 TOSHIBA-2SC5175_04 Datasheet
129Kb / 4P
   High-Current Switching Applications
logo
Sanyo Semicon Device
2SA1706 SANYO-2SA1706 Datasheet
118Kb / 4P
   High-Current Switching Applications
FX510 SANYO-FX510 Datasheet
105Kb / 4P
   High-Current Switching Applications
2SB1269 SANYO-2SB1269 Datasheet
99Kb / 4P
   High-Current Switching Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com