Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADC101S051 Fiches technique(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No de pièce ADC101S051
Description  ADC121S021 Single Channel, 50 to 200 ksps, 12-Bit A/D Converter
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

ADC101S051 Fiches technique(HTML) 1 Page - Texas Instruments

  ADC101S051 Datasheet HTML 1Page - Texas Instruments ADC101S051 Datasheet HTML 2Page - Texas Instruments ADC101S051 Datasheet HTML 3Page - Texas Instruments ADC101S051 Datasheet HTML 4Page - Texas Instruments ADC101S051 Datasheet HTML 5Page - Texas Instruments ADC101S051 Datasheet HTML 6Page - Texas Instruments ADC101S051 Datasheet HTML 7Page - Texas Instruments ADC101S051 Datasheet HTML 8Page - Texas Instruments ADC101S051 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
1
2
3
4
5
6
VA
CS
GND
SDATA
VIN
SCLK
ADC121S021
ADC121S021
www.ti.com
SNAS305H – JULY 2005 – REVISED MARCH 2013
ADC121S021 Single Channel, 50 to 200 ksps, 12-Bit A/D Converter
Check for Samples: ADC121S021
1
FEATURES
DESCRIPTION
The ADC121S021 is a low-power, single channel
23
Specified Over a Range of Sample Rates.
CMOS 12-bit analog-to-digital converter with a high-
6-Lead WSON and SOT-23 Packages
speed
serial
interface.
Unlike
the
conventional
Variable Power Management
practice of specifying performance at a single sample
rate only, the ADC121S021 is fully specified over a
Single Power Supply with 2.7V - 5.25V Range
sample rate range of 50 ksps to 200 ksps. The
SPI™/QSPI™/MICROWIRE/DSP Compatible
converter is based upon a successive-approximation
register architecture with an internal track-and-hold
APPLICATIONS
circuit.
Portable Systems
The output serial data is straight binary, and is
Remote Data Acquisition
compatible with several standards, such as SPI™,
QSPI™, MICROWIRE, and many common DSP
Instrumentation and Control Systems
serial interfaces.
KEY SPECIFICATIONS
The ADC121S021 operates with a single supply that
can range from +2.7V to +5.25V. Normal power
DNL +0.45 / -0.25 LSB (typ)
consumption using a +3.6V or +5.25V supply is 1.5
INL +0.45 / -0.4 LSB (typ)
mW and 7.9 mW, respectively. The power-down
SNR 72.3 dB (typ)
feature reduces the power consumption to as low as
2.6 µW using a +5.25V supply.
Power Consumption
The ADC121S021 is packaged in 6-lead WSON and
3.6V Supply 1.5 mW (typ)
SOT-23 packages. Operation over the industrial
5.25V Supply 7.9 mW (typ)
temperature range of
−40°C to +85°C is ensured.
Table 1. Pin-Compatible Alternatives by Resolution and Speed(1)
Specified for Sample Rate Range of:
Resolution
50 to 200 ksps
200 to 500 ksps
500 ksps to 1 Msps
12-bit
ADC121S021
ADC121S051
ADC121S101
10-bit
ADC101S021
ADC101S051
ADC101S101
8-bit
ADC081S021
ADC081S051
ADC081S101
(1)
All devices are fully pin and function compatible.
Connection Diagram
Figure 1. WSON or SOT-23 Package
See Package Numbers NGF0006A, DBV0006A
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
TRI-STATE is a registered trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Numéro de pièce similaire - ADC101S051

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
ADC101S051 NSC-ADC101S051 Datasheet
621Kb / 13P
   Single Channel, 500 kSPS, 8-Bit A/D Converter
logo
TEXAS ADVANCED OPTOELEC...
ADC101S051 TAOS-ADC101S051 Datasheet
724Kb / 16P
   Single Channel, 200 to 500 ksps, 10-Bit A/D Converter
logo
Texas Instruments
ADC101S051 TI-ADC101S051 Datasheet
1Mb / 26P
[Old version datasheet]   ADC081S051 Single Channel, 200 to 500 ksps, 8-Bit A/D Converter
ADC101S051 TI1-ADC101S051 Datasheet
1Mb / 24P
[Old version datasheet]   ADC121S021 Single Channel, 50 to 200 ksps, 12-Bit A/D Converter
ADC101S051 TI1-ADC101S051 Datasheet
1Mb / 23P
[Old version datasheet]    Single Channel, 0.5 to 1 Msps, 8-Bit A/D Converter
More results

Description similaire - ADC101S051

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
ADC121S021 TI1-ADC121S021_14 Datasheet
1Mb / 24P
[Old version datasheet]   ADC121S021 Single Channel, 50 to 200 ksps, 12-Bit A/D Converter
ADC121S021 TI1-ADC121S021 Datasheet
1Mb / 26P
[Old version datasheet]   Single-Channel, 50- to 200-ksps, 12-Bit A/D Converter
ADC128S022 TI1-ADC128S022_15 Datasheet
1Mb / 29P
[Old version datasheet]   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
ADC124S021 TI1-ADC124S021 Datasheet
1Mb / 27P
[Old version datasheet]   4-Channel, 50 ksps to 200 ksps, 12-Bit A/D Converter
logo
National Semiconductor ...
ADC128S022 NSC-ADC128S022 Datasheet
848Kb / 18P
   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC122S021 TI1-ADC122S021_15 Datasheet
1Mb / 28P
[Old version datasheet]   2 Channel, 50 ksps to 200 ksps 12-Bit A/D Converter
ADC128S022CIMT-NOPB TI1-ADC128S022CIMT-NOPB Datasheet
1Mb / 26P
[Old version datasheet]   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
ADC081S021 TI1-ADC081S021 Datasheet
1Mb / 29P
[Old version datasheet]   Single-Channel, 50-ksps to 200-ksps, 8-Bit A/D Converter
ADC124S021 TI1-ADC124S021_14 Datasheet
1Mb / 28P
[Old version datasheet]   ADC124S021 4-Channel, 50 ksps to 200 ksps, 12-Bit A/D Converter
ADC128S022 TI1-ADC128S022_14 Datasheet
1Mb / 26P
[Old version datasheet]   ADC128S022 8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com